Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA9520V Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # LA9520V
Description  AV Coupler Receiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA9520V Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LA9520V Datasheet HTML 4Page - Sanyo Semicon Device LA9520V Datasheet HTML 5Page - Sanyo Semicon Device LA9520V Datasheet HTML 6Page - Sanyo Semicon Device LA9520V Datasheet HTML 7Page - Sanyo Semicon Device LA9520V Datasheet HTML 8Page - Sanyo Semicon Device LA9520V Datasheet HTML 9Page - Sanyo Semicon Device LA9520V Datasheet HTML 10Page - Sanyo Semicon Device LA9520V Datasheet HTML 11Page - Sanyo Semicon Device LA9520V Datasheet HTML 12Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
No. 6469-11/12
LA9520V
40
20
60
80
100
3
4
5
6
7
–10
10
20
30
100k
2
3
5 71M
2
3
5 7 10M
2
3
5 7 100M
–50
–60
–40
–30
–20
–10
0
10
20
2.0
3.0
4.0
5.0
6.0
40
60
80
100
120
140
2.0
1.6
2.4
2.8
3.2
3.6
4
8
12
16
20
24
–10
0
10
20
30
10k
3
2
5 7100k
3
2
5 71M
3
2
5 7 10M
3
2
5 7 100M
0.8
0.4
1.2
1.6
2.0
2.4
4
5
6
7
0
–10
10
20
30
40
100 2
3 5 71k 2
3 5 710k 2
3 5 7100k2
3 5 71M 2
3 5 710M
0
Preamplifier I/O Frequency Characteristics
Preamplifier I/O ALC Characteristics
VCC — ICC
Input — dB
µ
Supply voltage, VCC — V
Input frequency, fIN — Hz
Input frequency, fIN — Hz
Input frequency, fIN — MHz
Input frequency, fIN — Hz
No input
Video Demodulator Conversion Characteristics
Video Output Amplifier Characteristics
Input FM modulation level — dB
µ
Supply voltage, VDC — V
Left and Right Channel Audio Characteristics
Audio I/O Characteristics
–20
–16
–12
–8
–4
0
4
8
12
20
40
60
80
100
120
140
Maximum Driver Output Amplitude
VCC = 5V
f = 1kHz
∆f = ±22.5kHz
Carrier frequencies: 4.3 MHz
4.8 MHz
I/O gain
pin 31 output:
0 dB
≈ 0.8 Vp-p
Pin 30
ALC voltage
Composite video signal
Output
At least 1 Vp-p
Input: 80 dB
µ
Video output
FM waveform
0dB=300mVrms
Pin 1 output: 0 V
0.4V
0.8V
1.2V
The pin 20 and 21 outputs
(Lch) (Rch) 0V
0.4V
0.8V
1.2V
9
31
SG
75
VM
9
31
SG
75
VM
Preamplifier
36
SG
34
VM
34
33
1
SG
50
75
75
8.2k
2k
1k
0.1
µF
+
2
+
1
75
75
8.2k
220
µF
4.7
µF
2k
+
2
+
28
26
20
21
SG
75
VM


Similar Part No. - LA9520V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA9511W SANYO-LA9511W Datasheet
155Kb / 13P
   AV Remote Coupler Transmitter
logo
LIGITEK electronics co....
LA95B-DBK.X-2-PF LIGITEK-LA95B-DBK.X-2-PF Datasheet
116Kb / 6P
   LED ARRAY
LA95B-DBK.X-PF LIGITEK-LA95B-DBK.X-PF Datasheet
109Kb / 6P
   LED ARRAY
LA95B-G.X-2-PF LIGITEK-LA95B-G.X-2-PF Datasheet
112Kb / 6P
   LED ARRAY
LA95B-G.X-PF LIGITEK-LA95B-G.X-PF Datasheet
109Kb / 6P
   LED ARRAY
More results

Similar Description - LA9520V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA9511W SANYO-LA9511W Datasheet
155Kb / 13P
   AV Remote Coupler Transmitter
logo
Wolfson Microelectronic...
WM8777 WOLFSON-WM8777 Datasheet
1Mb / 102P
   24 BIT 192KHZ AV RECEIVER ON A CHIP
WM8777 WOLFSON-WM8777_05 Datasheet
1Mb / 103P
   24-bit, 192kHz AV Receiver on-a-Chip
logo
Toshiba Semiconductor
TA8742N TOSHIBA-TA8742N Datasheet
134Kb / 4P
   AV SWITCH
TA8628N TOSHIBA-TA8628N Datasheet
134Kb / 4P
   AV SWITCH
logo
New Japan Radio
NJM2298 NJRC-NJM2298 Datasheet
182Kb / 4P
   AV SWITCH AMPLIFIER
logo
Advanced Technical Mate...
AV06XX-XX ATM-AV06XX-XX Datasheet
48Kb / 1P
   AV/AF06 ATTENUATOR
logo
NIHON DEMPA KOGYO
NX5032GA NDK-NX5032GA_15 Datasheet
672Kb / 1P
   For OA / AV
logo
Panasonic Semiconductor
AN15861A PANASONIC-AN15861A Datasheet
719Kb / 8P
   AV Switch IC
logo
List of Unclassifed Man...
ZR36067 ETC-ZR36067 Datasheet
580Kb / 48P
   AV PCI CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com