Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT25640B-XHL-B Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT25640B-XHL-B
Description  serial electrically-erasable programmable read-only memory
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25640B-XHL-B Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT25640B-XHL-B Datasheet HTML 6Page - ATMEL Corporation AT25640B-XHL-B Datasheet HTML 7Page - ATMEL Corporation AT25640B-XHL-B Datasheet HTML 8Page - ATMEL Corporation AT25640B-XHL-B Datasheet HTML 9Page - ATMEL Corporation AT25640B-XHL-B Datasheet HTML 10Page - ATMEL Corporation AT25640B-XHL-B Datasheet HTML 11Page - ATMEL Corporation AT25640B-XHL-B Datasheet HTML 12Page - ATMEL Corporation AT25640B-XHL-B Datasheet HTML 13Page - ATMEL Corporation AT25640B-XHL-B Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
10
8535F–SEEPR–6/10
Atmel AT25320B/640B
4.
Timing Diagrams
Figure 4-1.
Synchronous Data Timing (for Mode 0)
Figure 4-2.
WREN Timing
Figure 4-3.
WRDI Timing
SO
HI-Z
HI-Z
t
V
VALID IN
SI
t
H
t
SU
t
DIS
SCK
t
WH
t
CSH
CS
tCSS
t
CS
t
WL
t
HO
V
IH
V
IL
V
IH
V
IL
V
IH
V
IL
V
OH
V
OL
SO
SI
SCK
CS
WREN OP-CODE
HI-Z
SO
SI
SCK
CS
WRDI OP-CODE
HI-Z


Similar Part No. - AT25640B-XHL-B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25640B-PUBULK ATMEL-AT25640B-PUBULK Datasheet
683Kb / 23P
   SPI Serial EEPROMs 32K (4096 x 8) 64K (8192 x 8)
AT25640B-TH-B ATMEL-AT25640B-TH-B Datasheet
683Kb / 23P
   SPI Serial EEPROMs 32K (4096 x 8) 64K (8192 x 8)
AT25640B-TH-T ATMEL-AT25640B-TH-T Datasheet
683Kb / 23P
   SPI Serial EEPROMs 32K (4096 x 8) 64K (8192 x 8)
More results

Similar Description - AT25640B-XHL-B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25080B ATMEL-AT25080B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25128B ATMEL-AT25128B Datasheet
1Mb / 24P
   serial electrically-erasable programmable read only memory
AT24C256C ATMEL-AT24C256C_10 Datasheet
207Kb / 22P
   serial electrically erasable and programmable read-only memory
logo
Motorola, Inc
MCM2801 MOTOROLA-MCM2801 Datasheet
273Kb / 5P
   ELECTRICALLY ERASABLE PROGRAMMABLE READ ONLY MEMORY
logo
ATMEL Corporation
AD621ARZ ATMEL-AD621ARZ Datasheet
1Mb / 21P
   Three-wire Serial Electrically Erasable Programmable Read-only Memory
AT25010B ATMEL-AT25010B Datasheet
1Mb / 27P
   f serial electrically erasable able programmable read-only memory
logo
Renesas Technology Corp
HN58X2508I RENESAS-HN58X2508I Datasheet
180Kb / 29P
   Electrically Erasable and Programmable Read Only Memory
logo
ATMEL Corporation
AT24C32D ATMEL-AT24C32D Datasheet
1Mb / 26P
   electrically erasable and programmable read only memory
AT24C16C-SSHM-T ATMEL-AT24C16C-SSHM-T Datasheet
2Mb / 24P
   Two-wire Serial Electrically Erasable and Programmable Read-only Memory
logo
Renesas Technology Corp
R1EX25032ASA00A RENESAS-R1EX25032ASA00A Datasheet
794Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com