Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K1VZL20 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # K1VZL20
Description  SIDAC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

K1VZL20 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  K1VZL20 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd K1VZL20 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SIDAC
®
www.
s
hi
ndengen.
co.
j
p/
pr
oduct
/
s
emi
/
Z314-
P
(2010.
07
絶対最大定格 Absol
ut
eMaxi
mum Rat
i
ngs(指定のない場合 Tl=25℃ /Unl
essotherwi
sespeci
fi
ed)
外形図 Outl
i
ne
K1VZL20
Uni
t:mm
外形図については新電元 Webサイトをご参照下さい。捺印
表示については捺印仕様をご確認下さい。
Fordet
ai
l
soft
heout
l
i
nedi
mensi
ons,r
ef
ert
oourwebsi
t
e.
As f
ort
he mar
ki
ng,r
ef
ert
o t
he speci
f
i
cat
i
on "Mar
ki
ng,
Ter
mi
nalConnect
i
on".
Package:1F
絶対最大定格 Absol
ut
eMaxi
mum Rat
i
ngs(指定のない場合 Tl=25℃ /Unl
essotherwi
sespeci
fi
ed)
単位
Uni
t
規 格 値
Rat
i
ngs
Condi
t
i
ons
記号
Symbol
I
t
em
-40~125
Tstg
保存温度
St
or
ageTemper
at
ur
e
125
Tj
接合部温度
Oper
at
i
ngJunct
i
onTemper
at
ur
e
V
15
VDRM
オフ電圧
Maxi
mum Of
f
-
st
at
eVol
t
age
A
0.
5
Tl=110℃,50Hz正弦波,導通角θ=180°
Tl=110℃,50Hzsinewave,θ=180°
IT
実効オン電流
RMSOn-
st
at
eCur
r
ent
電気的・熱的特性 El
ect
r
i
calChar
act
er
i
st
i
cs(指定のない場合 Tl=25℃ /Unl
essotherwi
sespeci
fi
ed)
単位
Uni
t
規格値
Rat
i
ngs
Condi
t
i
ons
記号
Symbol
I
t
em
V
MIN
18
MAX
22
パルス測定 dv/dt=8V/ms
Pul
semeasur
ementdv/dt
=8V/ms
VBO
ブレークオーバー電圧
Br
eakoverVol
t
age
μA
MAX
5
VD=15V
IDRM
オフ電流
Of
f
-
st
at
eCur
r
ent
mA
MAX
20
IBO
ブレークオーバー電流
Br
eakoverCur
r
ent
mA
MAX
20
IH
保持電流
Hol
di
ngCur
r
ent
V
MAX
1.
2
IT=0.
5A
VT
オン電圧
On-
st
at
eVol
t
age
℃/W
MAX
23
接合部・リード間
Junct
i
ont
ol
ead
θjl
熱抵抗
Ther
malResi
st
ance
5
Control No.
管理番号(例)
ロット記号(例)
Type No.
品名略号
Date code


Similar Part No. - K1VZL20

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
K1VZL20 SHINDENGEN-K1VZL20_17 Datasheet
126Kb / 4P
   Absolute Maximum Ratings
More results

Similar Description - K1VZL20

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
K1V10 SHINDENGEN-K1V10 Datasheet
413Kb / 10P
   Sidac
K1V10 SHINDENGEN-K1V10_10 Datasheet
293Kb / 2P
   SIDAC
K1V36 SHINDENGEN-K1V36 Datasheet
419Kb / 10P
   Sidac
K1V5 SHINDENGEN-K1V5 Datasheet
413Kb / 10P
   Sidac
K1V14 SHINDENGEN-K1V14_10 Datasheet
288Kb / 2P
   SIDAC
logo
UN Semiconducctor INC
KXXXXSD1 UNSEMI-KXXXXSD1 Datasheet
2Mb / 5P
   Sidac
Revision March 1,2022
logo
Shindengen Electric Mfg...
K1V5 SHINDENGEN-K1V5_10 Datasheet
291Kb / 2P
   SIDAC
K1VA16 SHINDENGEN-K1VA16 Datasheet
416Kb / 10P
   Sidac
K1V16 SHINDENGEN-K1V16 Datasheet
414Kb / 10P
   Sidac
K1V26 SHINDENGEN-K1V26 Datasheet
415Kb / 10P
   Sidac
K1V8 SHINDENGEN-K1V8 Datasheet
413Kb / 10P
   Sidac
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com