Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT91SAM7L64 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT91SAM7L64
Description   numberHigh-performance 32-bit RISC Architecture
Download  564 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7L64 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT91SAM7L64 Datasheet HTML 1Page - ATMEL Corporation AT91SAM7L64 Datasheet HTML 2Page - ATMEL Corporation AT91SAM7L64 Datasheet HTML 3Page - ATMEL Corporation AT91SAM7L64 Datasheet HTML 4Page - ATMEL Corporation AT91SAM7L64 Datasheet HTML 5Page - ATMEL Corporation AT91SAM7L64 Datasheet HTML 6Page - ATMEL Corporation AT91SAM7L64 Datasheet HTML 7Page - ATMEL Corporation AT91SAM7L64 Datasheet HTML 8Page - ATMEL Corporation AT91SAM7L64 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 564 page
background image
.
Features
Incorporates the ARM7TDMI® ARM® Thumb® Processor
– High-performance 32-bit RISC Architecture
– High-density 16-bit Instruction Set
– Leader in MIPS/Watt
– EmbeddedICEIn-circuit Emulation, Debug Communication Channel Support
Internal High-speed Flash
– 128 Kbytes (AT91SAM7L128), Organized in 512 Pages of 256 Bytes Single Plane
– 64 Kbytes (AT91SAM7L64), Organized In 256 Pages of 256 Bytes Single Plane
– Single Cycle Access at Up to 15 MHz in Worst Case Conditions
– 128-bit Read Access
– Page Programming Time: 4.6 ms, Including Page Auto Erase, Full Erase Time: 10 ms
– 10,000 Write Cycles, 10-year Data Retention Capability, Sector Lock Capabilities,
Flash Security Bit
– Fast Flash Programming Interface for High Volume Production
Internal High-speed SRAM, Single-cycle Access at Maximum Speed
– 6 Kbytes
• 2 Kbytes Directly on Main Supply That Can Be Used as Backup SRAM
• 4 Kbytes in the Core
Memory Controller (MC)
– Enhanced Embedded Flash Controller, Abort Status and Misalignment Detection
Enhanced Embedded Flash Controller (EEFC)
– Interface of the Flash Block with the 32-bit Internal Bus
– Increases Performance in ARM and Thumb Mode with 128-bit Wide Memory
Interface
Reset Controller (RSTC)
– Based on Zero-power Power-on Reset and Fully Programmble Brownout Detector
– Provides External Reset Signal Shaping and Reset Source Status
Clock Generator (CKGR)
– Low-power 32 kHz RC Oscillator, 32 kHz On-chip Oscillator, 2 MHz Fast RC
Oscillator and one PLL
Supply Controller (SUPC)
– Minimizes Device Power Consumption
– Manages the Different Supplies On Chip
– Supports Multiple Wake-up Sources
Power Management Controller (PMC)
– Software Power Optimization Capabilities, Including Active and Four Low Power
Modes:
• Idle Mode: No Processor Clock
• Wait Mode: No Processor Clock, Voltage Regulator Output at Minimum
• Backup Mode: Voltage Regulator and Processor Switched Off
• Off (Power Down) Mode: Entire Chip Shut Down Except for Force Wake Up Pin
(FWUP) that Re-activates the Device. 100 nA Current Consumption.
In Active Mode, Dynamic Power Consumption <30 mA at 36 MHz
– Three Programmable External Clock Signals
– Handles Fast Start Up
AT91 ARM
Thumb-based
Microcontroller
AT91SAM7L128
AT91SAM7L64
Preliminary
6257A–ATARM–20-Feb-08


Similar Part No. - AT91SAM7L64

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM7L64-AU ATMEL-AT91SAM7L64-AU Datasheet
1Mb / 48P
   AT91 ARM Thumb-based Microcontroller
AT91SAM7L64-CU ATMEL-AT91SAM7L64-CU Datasheet
1Mb / 48P
   AT91 ARM Thumb-based Microcontroller
More results

Similar Description - AT91SAM7L64

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91M42800A ATMEL-AT91M42800A_14 Datasheet
423Kb / 27P
   High-performance 32-bit RISC Architecture
AT91M40800 ATMEL-AT91M40800_14 Datasheet
248Kb / 18P
   High-performance 32-bit RISC Architecture
AT91R40008 ATMEL-AT91R40008_14 Datasheet
275Kb / 19P
   High-performance 32-bit RISC Architecture
AT91SAM ATMEL-AT91SAM_14 Datasheet
728Kb / 50P
   High-performance 32-bit RISC Architecture
AT91SAM7A3 ATMEL-AT91SAM7A3_14 Datasheet
466Kb / 39P
   High-performance 32-bit RISC Architecture
AT91SAM7XC512 ATMEL-AT91SAM7XC512_14 Datasheet
764Kb / 47P
   High-performance 32-bit RISC Architecture
AT91M55800A ATMEL-AT91M55800A_14 Datasheet
505Kb / 256P
   High-performance 32-bit RISC Architecture
SAM7SE512 ATMEL-SAM7SE512_14 Datasheet
818Kb / 47P
   High-performance 32-bit RISC Architecture
logo
NXP Semiconductors
MMC2001 NXP-MMC2001 Datasheet
3Mb / 259P
   32-bit load/store RISC architecture
Revision 1.1
logo
Siemens Semiconductor G...
SAB-R2000A SIEMENS-SAB-R2000A Datasheet
1Mb / 79P
   HIGH PERFORMANCE 32-BIT RISC MICROPROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com