Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84C13S Datasheet(PDF) 4 Page - Diodes Incorporated

Part # BZX84C13S
Description  DUAL 200mW SURFACE MOUNT ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BZX84C13S Datasheet(HTML) 4 Page - Diodes Incorporated

  BZX84C13S Datasheet HTML 1Page - Diodes Incorporated BZX84C13S Datasheet HTML 2Page - Diodes Incorporated BZX84C13S Datasheet HTML 3Page - Diodes Incorporated BZX84C13S Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
BZX84C2V4S - BZX84C39S
Suggested Pad Layout
BZX84C2V4S - BZX84C39S
Document number: DS30108 Rev. 17 - 2
4 of 4
www.diodes.com
May 2008
© Diodes Incorporated
IMPORTANT NOTICE
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes
without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product
described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall
assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website,
harmless against all damages.
LIFE SUPPORT
Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written
approval of the President of Diodes Incorporated.
X
Z
Y
C
E
E
G
Dimensions
Value (in mm)
Z
2.5
G
1.3
X
0.42
Y
0.6
C
1.9
E
0.65


Similar Part No. - BZX84C13S

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZX84C13S DIODES-BZX84C13S Datasheet
57Kb / 3P
   DUAL 200mW SURFACE MOUNT ZENER DIODE
DS30108 Rev. 8 - 2
BZX84C13S DIODES-BZX84C13S Datasheet
376Kb / 3P
   DUAL 200mW SURFACE MOUNT ZENER DIODE
DS30108 Rev. 13 - 2
BZX84C13S DIODES-BZX84C13S Datasheet
161Kb / 4P
   DUAL 200mW SURFACE MOUNT ZENER DIODE
BZX84C13S-7-F DIODES-BZX84C13S-7-F Datasheet
376Kb / 3P
   DUAL 200mW SURFACE MOUNT ZENER DIODE
DS30108 Rev. 13 - 2
logo
SEMTECH ELECTRONICS LTD...
BZX84C13SEW SEMTECH_ELEC-BZX84C13SEW Datasheet
445Kb / 2P
   BZX84C…SEW Series SILICON PLANAR ZENER DIODES
11/09/2008
More results

Similar Description - BZX84C13S

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZX84C2V4S DIODES-BZX84C2V4S Datasheet
57Kb / 3P
   DUAL 200mW SURFACE MOUNT ZENER DIODE
DS30108 Rev. 8 - 2
AZ23C5V6W DIODES-AZ23C5V6W_1 Datasheet
77Kb / 3P
   200mW DUAL SURFACE MOUNT ZENER DIODE
DS30257 Rev. 7 - 2
BZX84C16S-7 DIODES-BZX84C16S-7 Datasheet
161Kb / 4P
   DUAL 200mW SURFACE MOUNT ZENER DIODE
AZ23C5V6W DIODES-AZ23C5V6W Datasheet
60Kb / 2P
   200mW DUAL SURFACE MOUNT ZENER DIODE
DS30257 Rev. 2 - 2
AZ23C5V6W DIODES-AZ23C5V6W_15 Datasheet
121Kb / 3P
   200mW DUAL SURFACE MOUNT ZENER DIODE
BZX84C2V4S DIODES-BZX84C2V4S_15 Datasheet
161Kb / 4P
   DUAL 200mW SURFACE MOUNT ZENER DIODE
BZX84C2V4S DIODES-BZX84C2V4S_1 Datasheet
376Kb / 3P
   DUAL 200mW SURFACE MOUNT ZENER DIODE
DS30108 Rev. 13 - 2
AZ23C5V6W DIODES-AZ23C5V6W_08 Datasheet
121Kb / 3P
   200mW DUAL SURFACE MOUNT ZENER DIODE
Rev. 9 - 2 May 2008
MMBZ5221BW DIODES-MMBZ5221BW Datasheet
63Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
DS31037 Rev. 5 - 2
logo
Taiwan Semiconductor Co...
BZT52C2V0K TSC-BZT52C2V0K Datasheet
191Kb / 3P
   200mW,Surface Mount Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com