Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT91FR40162SB-CU Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT91FR40162SB-CU
Description  Flash memory in a single compact 121-ball BGA package
Download  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91FR40162SB-CU Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT91FR40162SB-CU Datasheet HTML 4Page - ATMEL Corporation AT91FR40162SB-CU Datasheet HTML 5Page - ATMEL Corporation AT91FR40162SB-CU Datasheet HTML 6Page - ATMEL Corporation AT91FR40162SB-CU Datasheet HTML 7Page - ATMEL Corporation AT91FR40162SB-CU Datasheet HTML 8Page - ATMEL Corporation AT91FR40162SB-CU Datasheet HTML 9Page - ATMEL Corporation AT91FR40162SB-CU Datasheet HTML 10Page - ATMEL Corporation AT91FR40162SB-CU Datasheet HTML 11Page - ATMEL Corporation AT91FR40162SB-CU Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 214 page
background image
8
6410B–ATARM–12-Jan-10
AT91FR40162SB
6.
Architectural Overview
The AT91FR40162SB integrates Atmel’s AT91R40008 ARM Thumb processor and a 2-Mbyte
(16-Mbit) Flash memory die in a single compact 121-ball BGA package. The address, data and
control signals, except the Flash memory enable, are internally interconnected.
The AT91R40008 architecture consists of two main buses, the Advanced System Bus (ASB)
and the Advanced Peripheral Bus (APB). Designed for maximum performance and controlled by
the memory controller, the ASB interfaces the ARM7TDMI processor with the on-chip 32-bit
SRAM memory, the External Bus Interface (EBI) connected to the encapsulated Flash and the
AMBABridge. The AMBA Bridge drives the APB, which is designed for accesses to on-chip
peripherals and optimized for low power consumption.
The AT91FR40162SB implements the ICE port of the ARM7TDMI processor on dedicated pins,
offering a complete, low-cost and easy-to-use debug solution for target debugging.
6.1
Memories
The AT91FR40162SB embeds 256K bytes of internal SRAM. The internal memory is directly
connected to the 32-bit data bus and is single-cycle accessible. This provides maximum perfor-
mance of 67 MIPS at 75 MHz by using the ARM instruction set of the processor, minimizing
system power consumption and improving on the performance of separate memory solutions.
The AT91FR40162SB features an External Bus Interface (EBI), which enables connection of
external memories and application-specific peripherals. The EBI supports 8- or 16-bit devices
and can use two 8-bit devices to emulate a single 16-bit device. The EBI implements the early
read protocol, enabling faster memory accesses than standard memory interfaces.
The AT91FR40162SB encapsulates a Flash memory organized as 1024K 16-bit words,
accessed via the EBI. A 16-bit Thumb instruction can be loaded from Flash memory in a single
access. Separate MCU and Flash memory reset inputs (NRST and NRSTF) are provided for
maximum flexibility. The user is thus free to tailor the reset operation to the application.
The AT91FR40162SB integrates resident boot software called AT91 Flash Memory Uploader
software in the encapsulated Flash. The AT91 Flash Memory Uploader software is able to
upload program application software into its Flash memory.
6.2
Peripherals
The AT91FR40162SB integrates several peripherals, which are classified as system or user
peripherals.
All on-chip peripherals are 32-bit accessible by the AMBA Bridge, and can be programmed with
a minimum number of instructions. The peripheral register set is composed of control, mode,
data, status and enable/disable/status registers.
An on-chip Peripheral Data Controller (PDC) transfers data between the on-chip USARTs and
on- and off-chip memory address space without processor intervention. Most importantly, the
PDC removes the processor interrupt handling overhead, making it possible to transfer up to
64K contiguous bytes without reprogramming the start address, thus increasing the perfor-
mance of the microcontroller, and reducing the power consumption.


Similar Part No. - AT91FR40162SB-CU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91FR40162SB-CU ATMEL-AT91FR40162SB-CU Datasheet
297Kb / 22P
   AT91 ARM Thumb-based Microcontrollers
More results

Similar Description - AT91FR40162SB-CU

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
315610050260871 AVX-315610050260871 Datasheet
286Kb / 3P
   Compact Flash Memory Card
logo
SparkFun Electronics
TOL-14852 SPARKFUN-TOL-14852 Datasheet
272Kb / 2P
   Ball Cutter - 0.0312 Diameter, #121 (3 Pack)
10????8
logo
AVX Corporation
5610 AVX-5610 Datasheet
180Kb / 5P
   Compact Flash Memory Card Connectors
31-5610-050-210-871 AVX-31-5610-050-210-871 Datasheet
213Kb / 4P
   Compact Flash Memory Card Connectors
logo
ON Semiconductor
NTMFS5C442NL ONSEMI-NTMFS5C442NL Datasheet
83Kb / 6P
   Power MOSFET 40 V, 121 A, Single N.Channel
June, 2014 ??Rev. 0
logo
GeneSiC Semiconductor, ...
GBJ25J GENESIC-GBJ25J Datasheet
736Kb / 3P
   Single in-line DIP package, compact size
logo
Micron Technology
MT29C4G48MAZAPAKD-5IT MICRON-MT29C4G48MAZAPAKD-5IT Datasheet
428Kb / 15P
   NAND Flash and Mobile LPDRAM 152-Ball Package-on-Package (PoP) Combination Memory (TI OMAP?? MT29C Family
logo
Sharp Corporation
LU8500F0 SHARP-LU8500F0 Datasheet
427Kb / 10P
   8-bit Single-chip Microcomputer with built-in Flash Memory
LU6000F0 SHARP-LU6000F0 Datasheet
47Kb / 3P
   16-Bit Single-Chip Microcomputers (With Built-In Flash Memory)
logo
Omron Electronics LLC
G8P-1A2T-F-DC5 OMRON-G8P-1A2T-F-DC5 Datasheet
1Mb / 8P
   Up to 30 A switching capacity in compact package.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com