Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZT52C2V0S Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BZT52C2V0S
Description  SURFACE MOUNT ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BZT52C2V0S Datasheet(HTML) 1 Page - Diodes Incorporated

  BZT52C2V0S Datasheet HTML 1Page - Diodes Incorporated BZT52C2V0S Datasheet HTML 2Page - Diodes Incorporated BZT52C2V0S Datasheet HTML 3Page - Diodes Incorporated BZT52C2V0S Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BZT52C2V0S - BZT52C39S
SURFACE MOUNT ZENER DIODE
Features
Planar Die Construction
Ultra-Small Surface Mount Package
Ideally Suited for Automated Assembly Processes
Lead, Halogen and Antimony Free, RoHS Compliant
"Green" Device (Notes 3 and 4)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOD-323
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020D
Terminals: Solderable per MIL-STD-202, Method 208
Lead Free Plating (Matte Tin Finish annealed over Alloy 42
leadframe).
Polarity: Cathode Band
Marking Information: See Page 3
Ordering Information: See Page 3
Weight: 0.0049 grams (approximate)
Top View
Maximum Ratings @TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Forward Voltage (Note 2)
@ IF = 10mA
VF
0.9
V
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 1)
PD
200
mW
Thermal Resistance, Junction to Ambient Air (Note 1)
RθJA
625
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Notes:
1. Part mounted on FR-4 PC board with recommended pad layout, as per http://www.diodes.com/datasheets/ap02001.pdf.
2. Short duration pulse test used to minimize self-heating effect.
3. No purposefully added lead. Halogen and Antimony Free.
4. Product manufactured with Data Code V9 (week 33, 2008) and newer are built with Green Molding Compound. Product manufactured prior to Date
Code V9 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
BZT52C2V0S - BZT52C39S
Document number: DS30093 Rev. 16 - 2
1 of 4
www.diodes.com
June 2008
© Diodes Incorporated
Please click here to visit our online spice models database.


Similar Part No. - BZT52C2V0S

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Microdiode Electronics ...
BZT52C2V0S CHENDA-BZT52C2V0S Datasheet
391Kb / 4P
   Surface mount zener diode
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
91Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 13 - 2
logo
Won-Top Electronics
BZT52C2V0S WTE-BZT52C2V0S Datasheet
49Kb / 5P
   200mW SURFACE MOUNT ZENER DIODE
logo
TRANSYS Electronics Lim...
BZT52C2V0S TEL-BZT52C2V0S Datasheet
108Kb / 2P
   Plastic-Encapsulate Transistors
More results

Similar Description - BZT52C2V0S

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Comchip Technology
CZRM27C3V6P COMCHIP-CZRM27C3V6P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRA3011 COMCHIP-CZRA3011 Datasheet
118Kb / 5P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Bruckewell Technology L...
BZT52C2V0S BWTECH-BZT52C2V0S Datasheet
480Kb / 4P
   Surface mount zener diode
logo
Galaxy Semi-Conductor H...
SMBJ5913B BILIN-SMBJ5913B Datasheet
243Kb / 5P
   Surface mount zener diode
logo
Microdiode Electronics ...
BZT52C2V0 CHENDA-BZT52C2V0 Datasheet
1Mb / 4P
   Surface mount zener diode
logo
SeCoS Halbleitertechnol...
MMSZ5221BS SECOS-MMSZ5221BS Datasheet
166Kb / 3P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Taiwan Semiconductor Co...
MMSZ5221B TSC-MMSZ5221B Datasheet
59Kb / 3P
   Surface Mount Zener Diode
logo
Weitron Technology
MMBZ5221BW WEITRON-MMBZ5221BW Datasheet
369Kb / 3P
   Surface Mount Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com