Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24C256C Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT24C256C
Description  serial electrically erasable and programmable read-only memory
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C256C Datasheet(HTML) 5 Page - ATMEL Corporation

  AT24C256C_10 Datasheet HTML 1Page - ATMEL Corporation AT24C256C_10 Datasheet HTML 2Page - ATMEL Corporation AT24C256C_10 Datasheet HTML 3Page - ATMEL Corporation AT24C256C_10 Datasheet HTML 4Page - ATMEL Corporation AT24C256C_10 Datasheet HTML 5Page - ATMEL Corporation AT24C256C_10 Datasheet HTML 6Page - ATMEL Corporation AT24C256C_10 Datasheet HTML 7Page - ATMEL Corporation AT24C256C_10 Datasheet HTML 8Page - ATMEL Corporation AT24C256C_10 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Atmel AT24C256C
5
8568C–SEEPR–5/10
Table 3-3.
AC Characteristics (Industrial Temperature)
Applicable over recommended operating range from:
T
AI = − 40°C to +85°C, VCC = +1.7V to +5.5V, CL = 100 pF (unless otherwise noted). Test conditions are listed in Note 2.
Symbol
Parameter
1.7V
2.5, 5.0V
Units
Min
Max
Min
Max
fSCL
Clock Frequency, SCL
400
1000
kHz
tLOW
Clock Pulse Width Low
1.3
0.4
µs
tHIGH
Clock Pulse Width High
0.6
0.4
µs
tI
Noise Suppression Time(1)
100
50
ns
tAA
Clock Low to Data Out Valid
0.05
0.9
0.05
0.55
µs
tBUF
Time the bus must be free before a new transmission can start(1)
1.3
0.5
µs
tHD.STA
Start Hold Time
0.6
0.25
µs
tSU.STA
Start Set-up Time
0.6
0.25
µs
tHD.DAT
Data In Hold Time
0
0
µs
tSU.DAT
Data In Set-up Time
100
100
ns
tR
Inputs Rise Time(1)
0.3
0.3
µs
tF
Inputs Fall Time(1)
300
100
ns
tSU.STO
Stop Set-up Time
0.6
0.25
µs
tDH
Data Out Hold Time
50
50
ns
tWR
Write Cycle Time
5
5
ms
Endurance(1)
25°C, Page Mode, 3.3V
1,000,000
Write Cycles
Note:
1. This parameter is ensured by characterization and is not 100% tested
2. AC measurement conditions:
- R
L (connects to VCC): 1.3kΩ (2.5V, 5.5V), 10kΩ (1.7V)
- Input pulse voltages: 0.3V
CC to 0.7VCC
- Input rise and fall times:
≤ 50ns
- Input and output timing reference voltages: 0.5V
CC


Similar Part No. - AT24C256C_10

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C256C-CUL-T ATMEL-AT24C256C-CUL-T Datasheet
403Kb / 21P
   Two-wire Serial EEPROM
AT24C256C-MAHL-T ATMEL-AT24C256C-MAHL-T Datasheet
403Kb / 21P
   Two-wire Serial EEPROM
AT24C256C-PU ATMEL-AT24C256C-PU Datasheet
416Kb / 23P
   Two-wire Serial EEPROM 256K (32,768 x 8)
AT24C256C-SSHL-B ATMEL-AT24C256C-SSHL-B Datasheet
403Kb / 21P
   Two-wire Serial EEPROM
AT24C256C-SSHL-T ATMEL-AT24C256C-SSHL-T Datasheet
403Kb / 21P
   Two-wire Serial EEPROM
More results

Similar Description - AT24C256C_10

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25080B ATMEL-AT25080B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25320B ATMEL-AT25320B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25128B ATMEL-AT25128B Datasheet
1Mb / 24P
   serial electrically-erasable programmable read only memory
logo
Renesas Technology Corp
HN58X2508I RENESAS-HN58X2508I Datasheet
180Kb / 29P
   Electrically Erasable and Programmable Read Only Memory
logo
ATMEL Corporation
AT24C32D ATMEL-AT24C32D Datasheet
1Mb / 26P
   electrically erasable and programmable read only memory
logo
Motorola, Inc
MCM2801 MOTOROLA-MCM2801 Datasheet
273Kb / 5P
   ELECTRICALLY ERASABLE PROGRAMMABLE READ ONLY MEMORY
logo
ATMEL Corporation
AT24C16C-SSHM-T ATMEL-AT24C16C-SSHM-T Datasheet
2Mb / 24P
   Two-wire Serial Electrically Erasable and Programmable Read-only Memory
logo
Renesas Technology Corp
R1EX25032ASA00A RENESAS-R1EX25032ASA00A Datasheet
794Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2532IAG RENESAS-HN58X2532IAG Datasheet
590Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
R1EX25002ASA00I RENESAS-R1EX25002ASA00I Datasheet
764Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com