Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1320.21.01 Datasheet(PDF) 3 Page - General Cable Technologies Corporation

Part # C1320.21.01
Description  Hook-Up Wire, PVC Test Lead, No. of Conductors: 1, Gauge Size (AWG): 18
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

C1320.21.01 Datasheet(HTML) 3 Page - General Cable Technologies Corporation

  C1320.21.01 Datasheet HTML 1Page - General Cable Technologies Corporation C1320.21.01 Datasheet HTML 2Page - General Cable Technologies Corporation C1320.21.01 Datasheet HTML 3Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Similar Part No. - C1320.21.01

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C1320.21.03 GENERAL-C1320.21.03 Datasheet
62Kb / 3P
   Hook-Up Wire, PVC Test Lead, No. of Conductors: 1, Gauge Size (AWG): 18
More results

Similar Description - C1320.21.01

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C13202103 GENERAL-C13202103 Datasheet
62Kb / 3P
   Hook-Up Wire, PVC Test Lead, No. of Conductors: 1, Gauge Size (AWG): 18
C21192102 GENERAL-C21192102 Datasheet
73Kb / 3P
   Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 18, Conductor/Strands: Solid
C21192104 GENERAL-C21192104 Datasheet
73Kb / 3P
   Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 18, Conductor/Strands: Solid
C21192108 GENERAL-C21192108 Datasheet
73Kb / 3P
   Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 18, Conductor/Strands: Solid
C21192107 GENERAL-C21192107 Datasheet
73Kb / 3P
   Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 18, Conductor/Strands: Solid
C21192101 GENERAL-C21192101 Datasheet
73Kb / 3P
   Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 18, Conductor/Strands: Solid
C21192106 GENERAL-C21192106 Datasheet
73Kb / 3P
   Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 18, Conductor/Strands: Solid
C21192103 GENERAL-C21192103 Datasheet
73Kb / 3P
   Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 18, Conductor/Strands: Solid
C21032101 GENERAL-C21032101 Datasheet
73Kb / 3P
   Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 18, Conductor/Strands: 16/30
C21032102 GENERAL-C21032102 Datasheet
73Kb / 3P
   Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 18, Conductor/Strands: 16/30
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com