Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6A05 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 6A05
Description  6.0A SILICON RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

6A05 Datasheet(HTML) 1 Page - Diodes Incorporated

  6A05 Datasheet HTML 1Page - Diodes Incorporated 6A05 Datasheet HTML 2Page - Diodes Incorporated 6A05 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
6A05 - 6A10
6.0A SILICON RECTIFIER
Features
High Surge Current Capability
Low Leakage and Forward Voltage Drop
Lead Free Finish, RoHS Compliant (Note 1)
Mechanical Data
Case: R-6
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020C
Terminals: Finish
⎯ Tin. Axial Leads, Solderable per MIL-
STD-202, Method 208
Polarity: Color Band Indicates Cathode
Ordering Information: See Page 3
Approximate Weight: 2.1 grams
R-6
Dim
Min
Max
A
25.40
-
B
8.60
9.10
C
1.20
1.30
D
8.60
9.10
All Dimensions in mm
Maximum Ratings and Electrical Characteristics @TA = 25°C unless otherwise specified
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase, halfwave, 60Hz, resistive or inductive load.
Characteristic
Symbol
6A05
6A1
6A2
6A4
6A6
6A8
6A10
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
9.5mm lead length @ TA = 75°C (See Fig. 1)
I(AV)
6.0
A
Peak Forward Surge Current 8.3 ms single half sine-
wave superimposed on rated load
IFSM
400
A
Maximum Instantaneous Forward Voltage at 6.0A DC
VFM
0.90
V
Maximum DC Reverse Current
@ TA = 25°C
at Rated Blocking Voltage
@ TA = 100°C
IRM
10
100
µA
Operating and Storage Temperature Range
Tj, TSTG
-65 to +175
°C
Notes:
1. RoHS revision 13.2.2003. Glass and high temperature solder exemptions applied, see EU Directive Annex Notes 5 and 7.
DS28009 Rev. 9 - 2
1 of 3
www.diodes.com
6A05 - 6A10
© Diodes Incorporated


Similar Part No. - 6A05

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
6A05 WILLAS-6A05 Datasheet
491Kb / 2P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes
logo
Surge Components
6A05 SURGE-6A05 Datasheet
125Kb / 2P
   6.0 AMPS. SILICON RECTIFIERS????
logo
Shenzhen Yixinwei Techn...
6A05 YIXIN-6A05 Datasheet
251Kb / 2P
   6.0 AMP SILICON RECTIFIERS
logo
Micro Analog systems
6A05 MAS-6A05 Datasheet
269Kb / 4P
   6 Amp Rectifier 50 - 1000 Volts
logo
Taiwan Semiconductor Co...
6A05 TSC-6A05 Datasheet
68Kb / 2P
   6.0 AMPS. Silicon Rectifiers
More results

Similar Description - 6A05

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
P600A WTE-P600A Datasheet
36Kb / 3P
   6.0A SILICON RECTIFIER
logo
Diodes Incorporated
6A05 DIODES-6A05 Datasheet
62Kb / 2P
   6.0A SILICON RECTIFIER
DS28009 Rev. F-2
6A05 DIODES-6A05_15 Datasheet
90Kb / 3P
   6.0A SILICON RECTIFIER
logo
Naina Semiconductor ltd...
6A05 NAINA-6A05_17 Datasheet
113Kb / 2P
   Silicon Rectifier, 6.0A
logo
Diodes Incorporated
6A05 DIODES-6A05_1 Datasheet
63Kb / 3P
   6.0A SILICON RECTIFIER
DS28009 Rev. 7 - 2
logo
Naina Semiconductor ltd...
6A05 NAINA-6A05 Datasheet
113Kb / 2P
   Silicon Rectifier, 6.0A
logo
SUNMATE electronic Co.,...
MR750 SUNMATE-MR750 Datasheet
217Kb / 2P
   6.0A Axial Leaded Silicon Rectifier
logo
Diodes Incorporated
LT6A01 DIODES-LT6A01 Datasheet
52Kb / 2P
   6.0A RECTIFIER
DS28008 Rev. G-3
logo
TAITRON Components Inco...
TB605 TAITRON-TB605 Datasheet
176Kb / 4P
   6.0A Single-Phase Silicon Bridge Rectifier
logo
Diodes Incorporated
PBU601 DIODES-PBU601 Datasheet
61Kb / 2P
   6.0A BRIDGE RECTIFIER
DS21307 Rev. F-2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com