Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4917BEUK+T Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4917BEUK+T
Description  100mA/200mA/300mA Current-Limit Switches with Low Shutdown Reverse Current
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4917BEUK+T Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4917BEUK+T Datasheet HTML 1Page - Maxim Integrated Products MAX4917BEUK+T Datasheet HTML 2Page - Maxim Integrated Products MAX4917BEUK+T Datasheet HTML 3Page - Maxim Integrated Products MAX4917BEUK+T Datasheet HTML 4Page - Maxim Integrated Products MAX4917BEUK+T Datasheet HTML 5Page - Maxim Integrated Products MAX4917BEUK+T Datasheet HTML 6Page - Maxim Integrated Products MAX4917BEUK+T Datasheet HTML 7Page - Maxim Integrated Products MAX4917BEUK+T Datasheet HTML 8Page - Maxim Integrated Products MAX4917BEUK+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
100mA/200mA/300mA Current-Limit Switches
with Low Shutdown Reverse Current
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = +2.3V to +5.5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VIN = +3.3V, TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN, ON,
FLAG, OUT to GND .....................................-0.3V to +6V
OUT Short Circuit to GND .................................Internally Limited
Continuous Power Dissipation (TA = +70°C)
5-Pin SOT23 (derate 7.1mW/°C above +70°C)............571mW
6-Pin µDFN (derate 4.5mW/°C above +70°C) ................358mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Voltage
VIN
2.3
5.5
V
VIN = +2.3V to +5.0V
80
120
Quiescent Current
IQ
VON = VIN, IOUT = 0,
switch on
VIN = +5.0V to +5.5V
160
µA
Latchoff Current (Note 2)
ILATCH
VON = VIN, after an overcurrent fault MAX4914B/
MAX4915B/MAX4917B (latchoff versions)
817
µA
Forward Shutdown Current
ISHDN
VON = 0, VOUT = 0, VIN = +5.5V
0.01
1µA
Reverse Shutdown Current
ISHDN
VON = 0, VOUT = +5.5V, VIN = +2.3V
0.01
1µA
MAX4914B, VOUT = GND
100
150
MAX4915_, VOUT = GND
200
300
Forward Current Limit
IFWD
MAX4917_, VOUT = GND
300
450
mA
MAX4914B, VOUT - VIN
≥ 0.5V
150
MAX4915_, VOUT - VIN
≥ 0.5V
300
Reverse Current Limit
IREV
MAX4917_, VOUT - VIN
≥ 0.5V
450
mA
ON Input Leakage
VON = VIN or GND
-1
+1
µA
Undervoltage Lockout
UVLO
Rising edge
1.75
2.25
V
Undervoltage-Lockout Hysteresis
100
mV
TA = +25°C, IOUT = 95mA
0.2
0.4
On-Resistance
RON
TA = -40°C to +85°C, IOUT = 95mA0.5
Ω
MAX4914B/MAX4915B/MAX4917B
2.0
ON Input Logic-High Voltage
VIH
MAX4915A/MAX4917A
1.4
V
MAX4914B/MAX4915B/MAX4917B
0.8
ON Input Logic-Low Voltage
VIL
MAX4915A/MAX4917A
0.4
V
FLAG Output Logic-Low Voltage
ISINK = 1mA0.4
V
FLAG Output-High Leakage
Current
VON = VIN = VFLAG = +5.5V
1
µA
Thermal Shutdown
+150
°C
Thermal-Shutdown Hysteresis
15
°C
DYNAMIC CHARACTERISTICS
Turn-On Time
VON from low to high; IOUT = 10mA,
CL = 0.1µF (Note 3)
100
µs


Similar Part No. - MAX4917BEUK+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4917BEUK+T MAXIM-MAX4917BEUK+T Datasheet
1Mb / 12P
   100mA/200mA/300mA Current-Limit Switches with Low Shutdown Reverse Current
2016
More results

Similar Description - MAX4917BEUK+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4914B MAXIM-MAX4914B_V01 Datasheet
1Mb / 12P
   100mA/200mA/300mA Current-Limit Switches with Low Shutdown Reverse Current
2016
MAX4789 MAXIM-MAX4789_V01 Datasheet
1Mb / 12P
   200mA/250mA/300mA Current-Limit Switches
2019
MAX4789 MAXIM-MAX4789_08 Datasheet
168Kb / 11P
   200mA/250mA/300mA Current-Limit Switches
Rev 3; 10/08
MAX4789 MAXIM-MAX4789 Datasheet
325Kb / 12P
   200mA/250mA/300mA Current-Limit Switches
Rev 2; 2/05
logo
Fitipower Integrated Te...
FP6866 FITIPOWER-FP6866 Datasheet
376Kb / 9P
   200mA Current-Limit Switches
logo
Maxim Integrated Produc...
MAX4785 MAXIM-MAX4785_V01 Datasheet
659Kb / 10P
   50mA/100mA Current-Limit Switches
2005
MAX4785 MAXIM-MAX4785 Datasheet
266Kb / 10P
   50mA/100mA Current-Limit Switches
Rev 1; 4/03
MAX4772 MAXIM-MAX4772 Datasheet
302Kb / 10P
   200mA/500mA Selectable Current-Limit Switches
19-2926; Rev 0; 7/03
logo
Global Mixed-mode Techn...
G558 GMT-G558 Datasheet
98Kb / 1P
   Current-Limit Switches
G551 GMT-G551 Datasheet
559Kb / 1P
   Current-Limit Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com