Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4917BELT+T Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4917BELT+T
Description  100mA/200mA/300mA Current-Limit Switches with Low Shutdown Reverse Current
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4917BELT+T Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4917BELT+T Datasheet HTML 3Page - Maxim Integrated Products MAX4917BELT+T Datasheet HTML 4Page - Maxim Integrated Products MAX4917BELT+T Datasheet HTML 5Page - Maxim Integrated Products MAX4917BELT+T Datasheet HTML 6Page - Maxim Integrated Products MAX4917BELT+T Datasheet HTML 7Page - Maxim Integrated Products MAX4917BELT+T Datasheet HTML 8Page - Maxim Integrated Products MAX4917BELT+T Datasheet HTML 9Page - Maxim Integrated Products MAX4917BELT+T Datasheet HTML 10Page - Maxim Integrated Products MAX4917BELT+T Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
100mA/200mA/300mA Current-Limit Switches
with Low Shutdown Reverse Current
_______________________________________________________________________________________
9
supply voltage, the operation of the switches with the
autoretry option does not cause problems because the
total power dissipated during the short is scaled by the
duty cycle:
where VIN = 5.5V, IOUT = 450mA, tBLANK = 14ms, and
tRETRY = 210ms.
Attention must be given to the MAX4914B/MAX4915B/
MAX4917B (latchoff versions), where the latchoff condi-
tion must be manually reset by toggling ON from high
to low. If the latchoff time duration is not sufficiently
high, it is possible for the device to reach the thermal-
shutdown threshold and never be able to turn the
device on until it cools down.
P
VI
t
tt
mW
MAX
IN MAX
OUT MAX
BLANK
RETRY
BLANK
=
××
+
=
__
155
Chip Information
PROCESS: BiCMOS
2.3V TO 5.5V
IN
OUT
FLAG
GND
ON
μP
TO SDIO PORT
MAX4914B
MAX4915A/B
MAX4917A/B
Typical Operating Circuit
GND
FLAG
15 OUT
IN
MAX4915A/B
MAX4917A/B
SOT23
TOP VIEW
2
34
ON
IN
1
ON
GND
N.C.
MAX4914B
MAX4915A/B
MAX4917A/B
μDFN (2mm x 2mm)
2
3
6
5
4
OUT
+
FLAG
+
Pin Configurations


Similar Part No. - MAX4917BELT+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4917BELT+T MAXIM-MAX4917BELT+T Datasheet
1Mb / 12P
   100mA/200mA/300mA Current-Limit Switches with Low Shutdown Reverse Current
2016
More results

Similar Description - MAX4917BELT+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4914B MAXIM-MAX4914B_V01 Datasheet
1Mb / 12P
   100mA/200mA/300mA Current-Limit Switches with Low Shutdown Reverse Current
2016
MAX4789 MAXIM-MAX4789_V01 Datasheet
1Mb / 12P
   200mA/250mA/300mA Current-Limit Switches
2019
MAX4789 MAXIM-MAX4789_08 Datasheet
168Kb / 11P
   200mA/250mA/300mA Current-Limit Switches
Rev 3; 10/08
MAX4789 MAXIM-MAX4789 Datasheet
325Kb / 12P
   200mA/250mA/300mA Current-Limit Switches
Rev 2; 2/05
logo
Fitipower Integrated Te...
FP6866 FITIPOWER-FP6866 Datasheet
376Kb / 9P
   200mA Current-Limit Switches
logo
Maxim Integrated Produc...
MAX4785 MAXIM-MAX4785_V01 Datasheet
659Kb / 10P
   50mA/100mA Current-Limit Switches
2005
MAX4785 MAXIM-MAX4785 Datasheet
266Kb / 10P
   50mA/100mA Current-Limit Switches
Rev 1; 4/03
MAX4772 MAXIM-MAX4772 Datasheet
302Kb / 10P
   200mA/500mA Selectable Current-Limit Switches
19-2926; Rev 0; 7/03
logo
Global Mixed-mode Techn...
G558 GMT-G558 Datasheet
98Kb / 1P
   Current-Limit Switches
G551 GMT-G551 Datasheet
559Kb / 1P
   Current-Limit Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com