Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4915AELT+T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4915AELT+T
Description  100mA/200mA/300mA Current-Limit Switches with Low Shutdown Reverse Current
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4915AELT+T Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4915AELT+T Datasheet HTML 1Page - Maxim Integrated Products MAX4915AELT+T Datasheet HTML 2Page - Maxim Integrated Products MAX4915AELT+T Datasheet HTML 3Page - Maxim Integrated Products MAX4915AELT+T Datasheet HTML 4Page - Maxim Integrated Products MAX4915AELT+T Datasheet HTML 5Page - Maxim Integrated Products MAX4915AELT+T Datasheet HTML 6Page - Maxim Integrated Products MAX4915AELT+T Datasheet HTML 7Page - Maxim Integrated Products MAX4915AELT+T Datasheet HTML 8Page - Maxim Integrated Products MAX4915AELT+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
100mA/200mA/300mA Current-Limit Switches
with Low Shutdown Reverse Current
_______________________________________________________________________________________
5
Pin Description
Typical Operating Characteristics (continued)
(VIN = 3.3V, TA = +25°C, unless otherwise noted.)
PIN
MAX4915A/B/
MAX4917A/B
(SOT23)
MAX4914A/B/
MAX4915A/B/
MAX4917A/B
(µDFN)
NAME
FUNCTION
12
IN
Input. Bypass with a 0.1µF ceramic capacitor to ground as close to the device
as possible.
2
5
GND
Ground
3
6
ON
Active-High, Switch-On Input. A logic-high turns the switch on.
44
FLAG
Fault Output. This open-drain output goes low when the device stays in
forward or reverse current limit for more than the blanking time period.
FLAG is
high impedance when a fault is not present or when ON is low.
5
3
OUT
Switch Output. Bypass with a 0.1µF ceramic capacitor to ground as close to
the device as possible.
1
N.C.
No Connection. Not internally connected.
TURN-OFF RESPONSE
MAX4914A/B toc15
200ns/div
VON
1V/div
IOUT
10mA/div
CIN = 0.1
μF
COUT = 0.1
μF
0V
0mA
FLAG-BLANKING RESPONSE
MAX4914A/B toc16
10ms/div
VFLAG
2V/div
IOUT
200mA/div
VIN
2V/div
VON
2V/div
CIN = 0.1
μF
COUT = 0.1
μF
0V
0V
0V
0mA


Similar Part No. - MAX4915AELT+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4915AELT+T MAXIM-MAX4915AELT+T Datasheet
1Mb / 12P
   100mA/200mA/300mA Current-Limit Switches with Low Shutdown Reverse Current
2016
More results

Similar Description - MAX4915AELT+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4914B MAXIM-MAX4914B_V01 Datasheet
1Mb / 12P
   100mA/200mA/300mA Current-Limit Switches with Low Shutdown Reverse Current
2016
MAX4789 MAXIM-MAX4789_V01 Datasheet
1Mb / 12P
   200mA/250mA/300mA Current-Limit Switches
2019
MAX4789 MAXIM-MAX4789_08 Datasheet
168Kb / 11P
   200mA/250mA/300mA Current-Limit Switches
Rev 3; 10/08
MAX4789 MAXIM-MAX4789 Datasheet
325Kb / 12P
   200mA/250mA/300mA Current-Limit Switches
Rev 2; 2/05
logo
Fitipower Integrated Te...
FP6866 FITIPOWER-FP6866 Datasheet
376Kb / 9P
   200mA Current-Limit Switches
logo
Maxim Integrated Produc...
MAX4785 MAXIM-MAX4785_V01 Datasheet
659Kb / 10P
   50mA/100mA Current-Limit Switches
2005
MAX4785 MAXIM-MAX4785 Datasheet
266Kb / 10P
   50mA/100mA Current-Limit Switches
Rev 1; 4/03
MAX4772 MAXIM-MAX4772 Datasheet
302Kb / 10P
   200mA/500mA Selectable Current-Limit Switches
19-2926; Rev 0; 7/03
logo
Global Mixed-mode Techn...
G558 GMT-G558 Datasheet
98Kb / 1P
   Current-Limit Switches
G551 GMT-G551 Datasheet
559Kb / 1P
   Current-Limit Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com