Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMF20120D Datasheet(PDF) 2 Page - Cree, Inc

Part # CMF20120D
Description  Silicon Carbide Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CMF20120D Datasheet(HTML) 2 Page - Cree, Inc

  CMF20120D Datasheet HTML 1Page - Cree, Inc CMF20120D Datasheet HTML 2Page - Cree, Inc CMF20120D Datasheet HTML 3Page - Cree, Inc CMF20120D Datasheet HTML 4Page - Cree, Inc CMF20120D Datasheet HTML 5Page - Cree, Inc CMF20120D Datasheet HTML 6Page - Cree, Inc CMF20120D Datasheet HTML 7Page - Cree, Inc CMF20120D Datasheet HTML 8Page - Cree, Inc CMF20120D Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
CMF20120D Rev. -
CMF20120D-Silicon Carbide Power MOSFET
Z-FETMOSFET
N-Channel Enhancement Mode
Features
Industry Leading R
DS(on)
High Speed Switching
Low Capacitances
Easy to Parallel
Simple to Drive
Pb-Free Lead Plating, ROHS Compliant,
Halogen Free
Benefits
HigherSystemEfficiency
Reduced Cooling Requirements
Avalanche Ruggedness
Increased System Switching Frequency
Applications
Solar Inverters
High Voltage DC/DC Converters
Motor Drives
Package
TO-247-3
Part Number
Package
CMF20120D
TO-247-3
V
DS
= 1200 V
R
DS(on)
= 80 mΩ
I
D(MAX)@TC=25°C = 33 A
G
D
S
S
G
D
Maximum Ratings
Symbol
Parameter
Value
Unit
Test Conditions
Note
ID
Continuous Drain Current
33
A
VGS@20V, TC =25˚C
17
VGS@20V, TC =100˚C
IDpulse
Pulsed Drain Current
78
A
Pulse width tP limited by Tjmax
TC =25˚C
E
AS
Single Pulse Avalanche Energy
2.2
J
ID = 20A, VDD = 50 V,
L = 9.5 mH
E
AR
Repetitive Avalanche Energy
1.5
J
tAR limited by Tjmax
I
AR
Repetitive Avalanche Current
20
A
ID = 20A, VDD = 50 V, L = 3 mH
tAR limited by Tjmax
VGS
Gate Source Voltage
-5/+25
V
P
tot
Power Dissipation
150
W
T
C=25˚C
T
J , Tstg
Operating Junction and Storage Temperature
-55 to
+125
˚C
T
L
Solder Temperature
260
˚C
1.6mm (0.063”) from case for 10s
Md
Mounting Torque
1
8.8
Nm
lbf-in M3 or 6-32 screw


Similar Part No. - CMF20120D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CMF20120R00JNR6 VISHAY-CMF20120R00JNR6 Datasheet
172Kb / 5P
   Metal Film Resistors, Industrial, Precision
Revision: 02-May-13
More results

Similar Description - CMF20120D

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C2M0080120D CREE-C2M0080120D_15 Datasheet
1Mb / 10P
   Silicon Carbide Power MOSFET
C3M0065090J CREE-C3M0065090J Datasheet
1Mb / 10P
   Silicon Carbide Power MOSFET
logo
GeneSiC Semiconductor, ...
GR25MT12K GENESIC-GR25MT12K Datasheet
875Kb / 1P
   Silicon Carbide Power MOSFET
GR1000MT17D GENESIC-GR1000MT17D Datasheet
835Kb / 1P
   Silicon Carbide Power MOSFET
logo
Cree, Inc
C3M0015065K CREE-C3M0015065K Datasheet
1Mb / 11P
   Silicon Carbide Power MOSFET
C3M0015065D CREE-C3M0015065D Datasheet
1Mb / 11P
   Silicon Carbide Power MOSFET
logo
GeneSiC Semiconductor, ...
GR40MT12J GENESIC-GR40MT12J Datasheet
857Kb / 1P
   Silicon Carbide Power MOSFET
GR40MT12K GENESIC-GR40MT12K Datasheet
874Kb / 1P
   Silicon Carbide Power MOSFET
logo
Cree, Inc
CPM2-1200-0025A CREE-CPM2-1200-0025A Datasheet
569Kb / 7P
   Silicon Carbide Power MOSFET
C3M0045065D CREE-C3M0045065D Datasheet
961Kb / 11P
   Silicon Carbide Power MOSFET
C3M0025065D CREE-C3M0025065D Datasheet
1,017Kb / 11P
   Silicon Carbide Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com