Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5821-B Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 1N5821-B
Description  3.0A SCHOTTKY BARRIER RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

1N5821-B Datasheet(HTML) 1 Page - Diodes Incorporated

  1N5821-B Datasheet HTML 1Page - Diodes Incorporated 1N5821-B Datasheet HTML 2Page - Diodes Incorporated 1N5821-B Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1N5820 - 1N5822
Document number: DS23003 Rev. 9 - 2
1 of 3
www.diodes.com
November 2010
© Diodes Incorporated
1N5820 - 1N5822
3.0A SCHOTTKY BARRIER RECTIFIERS
Features and Benefits
Guard Ring Die Construction for Transient Protection
Low Power Loss, High Efficiency
High Surge Capability
High Current Capability and Low Forward Voltage Drop
For Use in Low Voltage, High Frequency Inverters, Free
Wheeling, and Polarity Protection Application
Lead Free Finish, RoHS Compliant (Note 1)
Mechanical Data
Case: DO-201AD
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - Tin. Plated Leads Solderable per MIL-STD-
202, Method 208
Polarity: Cathode Band
Marking: Type Number
Weight: 1.1 grams (approximate)
Ordering Information (Note 2)
Device
Packaging
Shipping
1N5820-B
DO-201AD
500 Bulk
1N5820-T
DO-201AD
1.2K/Tape & Reel, 13-inch
1N5821-B
DO-201AD
500 Bulk
1N5821-T
DO-201AD
1.2K/Tape & Reel, 13-inch
1N5822-B
DO-201AD
500 Bulk
1N5822-T
DO-201AD
1.2K/Tape & Reel, 13-inch
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
1N5820
1N5821
1N5822
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage (Note 3)
VRRM
VRWM
VR
20
30
40
V
RMS Reverse Voltage
VR(RMS)
14
21
28
V
Average Rectified Output Current
(Note 4)
@ TL = 95°C
IO
3.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
@ TL = 75°C
IFSM
80
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance (Note 5)
RθJA
40
°C/W
RθJL
10
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
1N5820
1N5821
1N5822
Unit
Forward Voltage
@ IF = 3.0A
@ IF = 9.4A
VFM
0.475
0.850
0.500
0.900
0.525
0.950
V
Peak Reverse Current
@ TA = 25°C
at Rated DC Blocking Voltage (Note 3)
@ TA = 100°C
IRM
2.0
20
mA
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied, see EU Directive 2002/95/EC Annex Notes.
2. For packaging details, go to our website at http://www.diodes.com.
3. Short duration pulse test used to minimize self-heating effect.
4. Measured at ambient temperature at a distance of 9.5mm from the case
5. Thermal resistance from junction to lead vertical P.C.B. mounted, 0.500" (12.7mm) lead length with 2.5 x 2.5" (63.5 x 63.5mm) copper pad.


Similar Part No. - 1N5821-B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5821-B DIODES-1N5821-B Datasheet
61Kb / 2P
   3.0A SCHOTTKY BARRIER RECTIFIERS
DS23003 Rev. 8 - 2
logo
Micro Commercial Compon...
1N5821-BP MCC-1N5821-BP Datasheet
489Kb / 4P
   3 Amp Schottky Barrier Rectifier 20 - 40 Volts
More results

Similar Description - 1N5821-B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5820 DIODES-1N5820 Datasheet
51Kb / 2P
   3.0A SCHOTTKY BARRIER RECTIFIERS
DS23003 Rev. 7 - 2
logo
Shenzhen Luguang Electr...
SR320 LUGUANG-SR320 Datasheet
199Kb / 2P
   3.0A Schottky Barrier Rectifiers
logo
Diodes Incorporated
1N5820 DIODES-1N5820_15 Datasheet
56Kb / 3P
   3.0A SCHOTTKY BARRIER RECTIFIERS
1N5820 DIODES-1N5820_1 Datasheet
61Kb / 2P
   3.0A SCHOTTKY BARRIER RECTIFIERS
DS23003 Rev. 8 - 2
logo
Mospec Semiconductor
SR32 MOSPEC-SR32 Datasheet
232Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(3.0A,20-60V)
MS20 MOSPEC-MS20 Datasheet
234Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(3.0A,20-40V)
logo
SUNMATE electronic Co.,...
1N5820 SUNMATE-1N5820 Datasheet
77Kb / 2P
   3.0A Axial Leaded Schottky Barrier Rectifiers
logo
Mospec Semiconductor
SR37 MOSPEC-SR37 Datasheet
227Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(3.0A,70-100V)
logo
SUNMATE electronic Co.,...
31DQ05 SUNMATE-31DQ05 Datasheet
1Mb / 3P
   3.0A Axial Leaded Schottky Barrier Rectifiers
logo
PACELEADER INDUSTRIAL
PFM340-ALS PACELEADER-PFM340-ALS Datasheet
625Kb / 4P
   3.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com