Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBZ5251B Datasheet(PDF) 3 Page - Diodes Incorporated

Part # MMBZ5251B
Description  350mW SURFACE MOUNT ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBZ5251B Datasheet(HTML) 3 Page - Diodes Incorporated

  MMBZ5251B Datasheet HTML 1Page - Diodes Incorporated MMBZ5251B Datasheet HTML 2Page - Diodes Incorporated MMBZ5251B Datasheet HTML 3Page - Diodes Incorporated MMBZ5251B Datasheet HTML 4Page - Diodes Incorporated MMBZ5251B Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MMBZ5221B - MMBZ5259B
Document number: DS18011 Rev. 21 - 2
3 of 5
www.diodes.com
August 2010
© Diodes Incorporated
MMBZ5221B - MMBZ5259B
0
0.1
0.2
0.3
0.4
25
0
50
75
100
125
150
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Power Derating Curve
A
°
Note 1
0
10
20
30
40
50
01
23
4
5
6
7
89
10
V , ZENER VOLTAGE (V)
Fig. 2 Typical Zener Breakdown Characteristics
Z
0
10
20
30
0
V , ZENER VOLTAGE (V)
Fig. 3 Typical Zener Breakdown Characteristics
Z
10
20
30
40
T = 25°C
j
Test current I
Z
10
12
18
22
27
33
36
15
39
Nominal Zener Voltage
10
100
1,000
10
100
1
V , NOMINAL ZENER VOLTAGE (V)
Fig. 4 Typical Total Capacitance vs. Nominal Zener Voltage
Z
T = 25 °C
f = 1MHz
J
V = 1V
R
V = 2V
R
1
10
100
1,000
110
100
V , ZENER VOLTAGE (V)
Fig. 5 Typical Zener Impedance Characteristics
Z


Similar Part No. - MMBZ5251B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBZ5251B PANJIT-MMBZ5251B Datasheet
132Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Galaxy Semi-Conductor H...
MMBZ5251B BILIN-MMBZ5251B Datasheet
219Kb / 5P
   350mW Surface Mount Zener Diode
logo
Jiangsu Changjiang Elec...
MMBZ5251B JIANGSU-MMBZ5251B Datasheet
1Mb / 5P
   ZENER DIODE
logo
Fairchild Semiconductor
MMBZ5251B FAIRCHILD-MMBZ5251B Datasheet
204Kb / 6P
   Zeners
logo
TAITRON Components Inco...
MMBZ5251B TAITRON-MMBZ5251B Datasheet
192Kb / 5P
   350mW Surface Mount Zener Diodes
More results

Similar Description - MMBZ5251B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZX84C2V4 DIODES-BZX84C2V4_15 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C43 DIODES-BZX84C43_1 Datasheet
350Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS30370 Rev. 5 - 2
MMBZ5221B DIODES-MMBZ5221B Datasheet
66Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 7 - 2
BZX84C2V4 DIODES-BZX84C2V4_12 Datasheet
103Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C12-7 DIODES-BZX84C12-7 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C18-7 DIODES-BZX84C18-7 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
MMBZ5221B WTE-MMBZ5221B Datasheet
76Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
BZX84C2V4 DIODES-BZX84C2V4_1 Datasheet
447Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
DS18001 Rev. 25 - 2
BZX84C20-7 DIODES-BZX84C20-7 Datasheet
87Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
logo
Diode Semiconductor Kor...
BZX84C2V4 DSK-BZX84C2V4 Datasheet
313Kb / 5P
   350mW Surface Mount Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com