Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STR-Y6763 Datasheet(PDF) 2 Page - Sanken electric

Part # STR-Y6763
Description  Power IC for Quasi-Resonant Mode Switching Power Supplies with Low Standby Power
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR-Y6763 Datasheet(HTML) 2 Page - Sanken electric

  STR-Y6763 Datasheet HTML 1Page - Sanken electric STR-Y6763 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SANKEN ELECTRIC CO.,LTD.
Warning
The contents in this document are subject to changes, for improvement and other purposes, without notice.
Make sure that this is the latest version of the document before use.
The operation and circuit examples in this document are provided for reference purposes only. Sanken assumes no liability for violation of industrial property, intellectual property, or other rights of
Sanken or third parties, that stem from these examples.
The user must take responsibility for considering and determining which objects the products in this document are used with.
Although Sanken will continue to improve the quality and reliability of its products,
semiconductor products, by their nature, have certain fault and failure rates. The user must take responsibility for designing and checking to secure the device and system so that a part failure may not lead
to human injury, fire, damages, or other losses.
The contents in this document must not be transcribed or copied without Sanken’s written consent.
2010/08
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
AC100V
AC240V
Output Power
POUT (W)
0
10
20
30
40
50
60
70
80
90
100
0
10
20
30
40
50
60
70
80
AC100V
AC240V
Output Power
POUT (W)
Typical Application Circuit
Typical Operation Waveforms and Electrical Characteristics
Operation Mode Transitions
Reference: Efficiency Characteristics (Wide Input, 70W Power Supply)
G
GG
GN
NN
ND
DD
D
1
3
Vcc
Cont.
S
SS
ST
TT
TR
RR
R-
--
-Y
YY
Y6
66
67
77
70
00
00
00
0
6
5
GND
4
2
V
VV
Vo
oo
ou
uu
ut
tt
t
/OLP
FB
BD
D/ST
S/OCP
7
V
VV
VA
AA
AC
CC
C
NF
PIN < 30mW (100VAC, No Load)
PIN < 50mW (240VAC, No Load)
100VAC
240VAC
100VAC
240VAC
Standby
Bottom-Skip
Quasi-Resonant
(Burst-Oscillation Operation)
Min. Load
Max. Load
ID
VDS


Similar Part No. - STR-Y6763

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STR-Y6763 SANKEN-STR-Y6763 Datasheet
298Kb / 13P
   Off-Line Quasi-Resonant Switching Regulators
STR-Y6763 SANKEN-STR-Y6763 Datasheet
1Mb / 34P
   Quasi-Resonant Controllers with Integrated Power MOSFET
STR-Y6763A SANKEN-STR-Y6763A Datasheet
1Mb / 34P
   Quasi-Resonant Controllers with Integrated Power MOSFET
More results

Similar Description - STR-Y6763

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA5571 FUJI-FA5571 Datasheet
209Kb / 2P
   Low Standby Power Quasi-Resonant Controller
logo
Sanken electric
STR-L6472 SANKEN-STR-L6472 Datasheet
85Kb / 2P
   Power IC for Quasi-Resonant Type Switching Power Supply
STR-L451 SANKEN-STR-L451 Datasheet
72Kb / 2P
   Power IC for Quasi-Resonant Type Switching Power Supply
STR-Y6400 SANKEN-STR-Y6400 Datasheet
239Kb / 2P
   Power IC for Quasi-Resonant Type Switching Power Supply with High Efficiency
STR-W6700 SANKEN-STR-W6700 Datasheet
91Kb / 2P
   Power IC for Quasi-Resonant Type Switching Power Supply with High Efficiency
STR-X6700 SANKEN-STR-X6700 Datasheet
101Kb / 2P
   Power IC for Quasi-Resonant Type Switching Power Supply with High Efficiency
STR-L400 SANKEN-STR-L400 Datasheet
71Kb / 2P
   Power IC for Quasi-Resonant Type Switching Power Supply with High Efficiency, Low Noise
STR-L6400 SANKEN-STR-L6400 Datasheet
85Kb / 2P
   Power IC for Quasi-Resonant Type Switching Power Supply with High Efficiency, Low Noise
logo
AiT Semiconductor Inc.
AP8366 AITSEMI-AP8366 Datasheet
705Kb / 14P
   AC-DC PWM CONTROLLER LOW STANDBY-POWER QUASI-RESONANT
REV1.2
logo
Fairchild Semiconductor
FSCQ0765RT FAIRCHILD-FSCQ0765RT Datasheet
726Kb / 24P
   Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Switching Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com