Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZT52C24 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BZT52C24
Description  SURFACE MOUNT ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BZT52C24 Datasheet(HTML) 3 Page - Diodes Incorporated

  BZT52C24 Datasheet HTML 1Page - Diodes Incorporated BZT52C24 Datasheet HTML 2Page - Diodes Incorporated BZT52C24 Datasheet HTML 3Page - Diodes Incorporated BZT52C24 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BZT52C2V0 - BZT52C39
0
2
4
6
8
10
10
0
20
30
40
50
60
70
80
90 100
V , ZENER VOLTAGE (V)
Fig. 4 Typical Zener Breakdown Characteristics
Z
0
10
20
30
0
V , ZENER VOLTAGE (V)
Fig. 3 Typical Zener Breakdown Characteristics
Z
10
20
30
40
T = 25°C
J
Test Current I
5mA
Z
Test Current I
2mA
Z
C10
C12
C18
C22
C27
C33
C36
C15
10
100
1,000
10
100
1
V , NOMINAL ZENER VOLTAGE (V)
Fig. 5 Typical Total Capacitance vs. Nominal Zener Voltage
Z
T = 25 °C
f = 1MHz
J
V = 1V
R
V = 2V
R
V = 1V
R
V = 2V
R
Ordering Information (Note 6)
BZT52C2V0 - BZT52C39
Document number: DS18004 Rev. 32 - 2
3 of 4
www.diodes.com
June 2008
© Diodes Incorporated
Part Number
Case
Packaging
(Type Number)-7-F (Note 7)
SOD-123
3000/Tape & Reel
(Type Number)-13-F (Note 8)
SOD-123
10,000/Tape & Reel
Notes:
6. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
7. Add “-7-F” to the appropriate type number in Electrical Characteristics Table, example: 6.2V Zener = BZT52C6V2-7-F.
8. Add “-13-F” to the appropriate type number in Electrical Characteristics Table, example: 20V Zener = BZT52C20-13-F.
Marking Information
xx = Product Type Marking Code
(See Electrical Characteristics Table)
YM = Date Code Marking
Y = Year (ex: N = 2002)
M = Month (ex: 9 = September)
xx
Date Code Key
Year
1998
1999
2000
2001
2002
2003
2004
2005
2006
2007
2008
2009
2010
2011
2012
Code
J
K
L
M
N
P
R
S
T
U
V
W
X
Y
Z
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D


Similar Part No. - BZT52C24

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT52C24 TSC-BZT52C24 Datasheet
230Kb / 5P
   5% Tolerance SMD Zener Diode
logo
Diodes Incorporated
BZT52C24 DIODES-BZT52C24 Datasheet
73Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS18004 Rev. 19 - 2
logo
SeCoS Halbleitertechnol...
BZT52C24 SECOS-BZT52C24 Datasheet
685Kb / 4P
   500mW SOD-123 Surface Mount Zener Diodes
logo
Guangdong Kexin Industr...
BZT52C24 KEXIN-BZT52C24 Datasheet
50Kb / 2P
   Surface Mount Zener Diodes
logo
First Components Intern...
BZT52C24 FCI-BZT52C24 Datasheet
136Kb / 2P
   1/2 Watt ZEBER DIODES Planar Die Construction
More results

Similar Description - BZT52C24

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Comchip Technology
CZRM27C3V6P COMCHIP-CZRM27C3V6P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRA3011 COMCHIP-CZRA3011 Datasheet
118Kb / 5P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Bruckewell Technology L...
BZT52C2V0S BWTECH-BZT52C2V0S Datasheet
480Kb / 4P
   Surface mount zener diode
logo
Galaxy Semi-Conductor H...
SMBJ5913B BILIN-SMBJ5913B Datasheet
243Kb / 5P
   Surface mount zener diode
logo
Microdiode Electronics ...
BZT52C2V0 CHENDA-BZT52C2V0 Datasheet
1Mb / 4P
   Surface mount zener diode
logo
SeCoS Halbleitertechnol...
MMSZ5221BS SECOS-MMSZ5221BS Datasheet
166Kb / 3P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Taiwan Semiconductor Co...
MMSZ5221B TSC-MMSZ5221B Datasheet
59Kb / 3P
   Surface Mount Zener Diode
logo
Weitron Technology
MMBZ5221BW WEITRON-MMBZ5221BW Datasheet
369Kb / 3P
   Surface Mount Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com