Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF02M Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DF02M
Description  1.0A GLASS PASSIVATED BRIDGE RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DF02M Datasheet(HTML) 2 Page - Diodes Incorporated

  DF02M Datasheet HTML 1Page - Diodes Incorporated DF02M Datasheet HTML 2Page - Diodes Incorporated DF02M Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1.0
0.5
0
40
60
80
100
120
140
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Output Current Derating Curve
A
0.01
0.1
1.0
10
0.4
0.6
0.8
1.0
1.2
1.4
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics (per element)
F
0
10
20
30
40
50
60
110
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Peak Forward Surge Current
1
10
100
110
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Total Capacitance (per element)
R
T = 25°C
f = 1.0 Mhz
V
= 50 mV p-p
j
sig
0.01
0.1
1.0
10
100
20
040
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 5 Typ Reverse Characteristics (per element)
DS21201 Rev. 15 - 2
2 of 3
www.diodes.com
DF005M-DF10M
© Diodes Incorporated


Similar Part No. - DF02M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DF02M FAIRCHILD-DF02M Datasheet
33Kb / 2P
   1.5 Ampere Bridge Rectifiers
DF02M FAIRCHILD-DF02M Datasheet
119Kb / 3P
   Bridge Rectifiers
logo
Diodes Incorporated
DF02M DIODES-DF02M Datasheet
61Kb / 2P
   1.0A GLASS PASSIVATED BRIDGE RECTIFIERS
DS21201 Rev. H-2
logo
Shenzhen Luguang Electr...
DF02M LUGUANG-DF02M Datasheet
141Kb / 2P
   Glass Passivated Bridge Rectifiers
logo
Fuji Electric
DF02M FUJI-DF02M Datasheet
660Kb / 1P
   1 AMP GLASS PASSIVATED SILICON BRIDGE RECTIFIER
More results

Similar Description - DF02M

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DF005M DIODES-DF005M Datasheet
61Kb / 2P
   1.0A GLASS PASSIVATED BRIDGE RECTIFIERS
DS21201 Rev. H-2
DF005M DIODES-DF005M_15 Datasheet
106Kb / 3P
   1.0A GLASS PASSIVATED BRIDGE RECTIFIERS
DF005M DIODES-DF005M_1 Datasheet
87Kb / 3P
   1.0A GLASS PASSIVATED BRIDGE RECTIFIERS
DS21201 Rev. 14 - 2
DF06M DIODES-DF06M Datasheet
106Kb / 3P
   1.0A GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Zibo Seno Electronic En...
DB101 ZSELEC-DB101 Datasheet
73Kb / 2P
   1.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
DB102 YFWDIODE-DB102 Datasheet
438Kb / 3P
   1.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
TAITRON Components Inco...
DF005M TAITRON-DF005M Datasheet
145Kb / 4P
   1.0A Glass Passivated Bridge Rectifier
logo
Zibo Seno Electronic En...
DI100 ZSELEC-DI100 Datasheet
116Kb / 2P
   1.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
DB101 DIODES-DB101 Datasheet
61Kb / 2P
   1.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21211 Rev. C-3
logo
Won-Top Electronics
DF005 WTE-DF005 Datasheet
50Kb / 3P
   1.0A GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com