Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR5488E Datasheet(PDF) 9 Page - Exar Corporation

Part # XR5488E
Description  ULTRA HIGH SPEED RS-485/RS-422 PROFIBUS TRANSCEIVERS WITH 1/8TH UNIT LOAD AND 15KV ESD-PROTECTION
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR5488E Datasheet(HTML) 9 Page - Exar Corporation

Back Button XR5488E Datasheet HTML 5Page - Exar Corporation XR5488E Datasheet HTML 6Page - Exar Corporation XR5488E Datasheet HTML 7Page - Exar Corporation XR5488E Datasheet HTML 8Page - Exar Corporation XR5488E Datasheet HTML 9Page - Exar Corporation XR5488E Datasheet HTML 10Page - Exar Corporation XR5488E Datasheet HTML 11Page - Exar Corporation XR5488E Datasheet HTML 12Page - Exar Corporation XR5488E Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
FIGURE 6. DRIVER PROPAGATION DELAY TEST CIRCUIT
Y
Z
D
DI
R
L
54Ω
C
L
50pF
3.3V
VOD
FIGURE 7. DRIVER PROPAGATION DELAY TIMING DIAGRAM
Vcc
0V
DI
Y
Z
VO+
V
DIFF
VY –VZ
0V
VO
Vcc/2
Vcc/2
tPLH
tF
tR
VO 1/2VO
1/2VO
tPHL
tSKEW = |tDPLH- tDPHL|
tDPLH
tDPHL
10%
90%
10%
90%
FIGURE 8. DRIVER ENABLE AND DISABLE TIME TEST CIRCUIT 1
GENERATOR
50Ω
S1
R
L = 500Ω
OUT
C
L = 50pF
D
0 or Vcc
Z
Y
DI
XR5486E-5488E
9
REV. 1.0.0
ULTRA HIGH SPEED RS-485/RS-422 PROFIBUS TRANSCEIVERS WITH 1/8TH UNIT LOAD AND +/-15KV ESD-PROTECTION


Similar Part No. - XR5488E

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR5488E EXAR-XR5488E Datasheet
177Kb / 6P
   ADVANTAGES OF ENHANCED RECEIVER FAILSAFE FEATURES
More results

Similar Description - XR5488E

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR3172EID-F EXAR-XR3172EID-F Datasheet
640Kb / 24P
   3.3V HIGH SPEED RS-485/RS-422 TRANSCEIVERS WITH 1/8th UNIT LOAD
logo
Intersil Corporation
ISL4486 INTERSIL-ISL4486 Datasheet
550Kb / 11P
   5V, Ultra High Speed, PROFIBUS, RS-485/RS-422 Transceivers
logo
Exar Corporation
SP3495E EXAR-SP3495E Datasheet
485Kb / 17P
   HIGH SPEED 3.3V RS-485/RS-422 TRANSCEIVERS WITH /-15KV ESD PROTECTION AND ADVANCED FAILSAFE
XR3170E EXAR-XR3170E Datasheet
640Kb / 24P
   3.3V High Speed RS-485/RS-422 TRANSCEIVERS WITH 1/8 UNIT LOAD
logo
Intersil Corporation
ISL83080E INTERSIL-ISL83080E_08 Datasheet
869Kb / 20P
   -15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL4486 RENESAS-ISL4486 Datasheet
764Kb / 11P
   5V, Ultra High Speed, PROFIBUS®, RS-485/RS-422 Transceivers
August 1, 2004
logo
Exar Corporation
SP4082E EXAR-SP4082E Datasheet
412Kb / 14P
   5V RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
XR3160EIU-0A-EB EXAR-XR3160EIU-0A-EB Datasheet
365Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH 15KV ESD PROTECTION
SP3080E EXAR-SP3080E Datasheet
1Mb / 25P
   Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
logo
Sipex Corporation
SP3080E-3088E SIPEX-SP3080E-3088E Datasheet
756Kb / 25P
   Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com