Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNPU06031K32BZEA00 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TNPU06031K32BZEA00
Description  High Precision Thin Film Chip Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TNPU06031K32BZEA00 Datasheet(HTML) 3 Page - Vishay Siliconix

  TNPU06031K32BZEA00 Datasheet HTML 1Page - Vishay Siliconix TNPU06031K32BZEA00 Datasheet HTML 2Page - Vishay Siliconix TNPU06031K32BZEA00 Datasheet HTML 3Page - Vishay Siliconix TNPU06031K32BZEA00 Datasheet HTML 4Page - Vishay Siliconix TNPU06031K32BZEA00 Datasheet HTML 5Page - Vishay Siliconix TNPU06031K32BZEA00 Datasheet HTML 6Page - Vishay Siliconix TNPU06031K32BZEA00 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.vishay.com
For technical questions, contact: thinfilmchip@vishay.com
Document Number: 28779
316
Revision: 12-Aug-10
TNPU e3
Vishay Draloric
High Precision Thin Film Chip Resistors
± 0.05 %; ± 5 ppm/K
DESCRIPTION
Production is strictly controlled and follows an extensive
set
of
instructions
established
for
reproducibility.
A
homogeneous film of metal alloy is deposited on a high grade
AI2O3 ceramic substrate and conditioned to achieve the
desired temperature coefficient. Specially designed inner
contacts are deposited on both sides. A special laser is used
to achieve the target value by smoothly fine trimming the
resistive layer without damaging the ceramics. A further
conditioning is applied in order to stabilize the trimming
result. The resistor elements are covered by a protective
coating designed for electrical, mechanical and climatic
protection. The terminations receive a final pure tin on nickel
plating. The result of the determined production is verified by
an extensive testing procedure on 100 % of the individual
chip resistors. Only accepted products are laid directly into
the tape in accordance with IEC 60286-3 (3).
ASSEMBLY
The resistors are suitable for processing on automatic
SMD assembly systems. They are suitable for automatic
soldering using wave, reflow or vapour phase as shown in
IEC 61760-1. The encapsulation is resistant to all cleaning
solvents commonly used in the electronics industry,
including alcohols, esters and aqueous solutions. The
suitability of conformal coatings, if applied, shall be qualified
by appropriate means to ensure the long-term stability of the
whole system.
The resistors are RoHS compliant, the pure tin plating
provides
compatibility
with
lead
(Pb)-free
and
lead-containing soldering processes. The immunity of the
plating against tin whisker growth has been proven under
extensive testing.
All
products
comply
with
the
GADSL (1)
and
the
CEFIC-EECA-EICTA (2)
list
of
legal
restrictions
on
hazardous substances. This includes full compliance with
the following directives:
• 2000/53/EC End of Vehicle life Directive (ELV) and
Annex II (ELV II)
• 2002/95/EC
Restriction
of
the
use
of
Hazardous
Substances Directive (RoHS)
• 2002/96/EC Waste Electrical and Electronic Equipment
Directive (WEEE)
Solderability is specified for 2 years after production or
re-qualification. The permitted storage time is 20 years.
Notes
(1) Global Automotive Declarable Substance List, see www.gadsl.org.
(2) CEFIC (European Chemical Industry Council), EECA (European Electronic Component Manufacturers Association), EICTA (European trade
organisation representing the information and communications technology and consumer electronics), see www.eicta.org
→ issue →
environment policy
→ chemicals → chemicals for electronics.
(3) The quoted IEC standards are also released as EN standards with the same number and identical contents.
PACKAGING
MODEL
TAPE WIDTH
[mm]
PITCH
[mm]
REEL DIAMETER
[mm/inch]
PIECES PER
REEL
PACKAGING
CODE FOR
PRODUCT
DESCRIPTION
PACKAGING
CODE FOR PART
NUMBER
TYPE OF
CARRIER TAPE
TNPU0603 e3
TNPU0805 e3
TNPU1206 e3
8
4
180/7
1000
E52
EN
Paper
5000
ET1
EA


Similar Part No. - TNPU06031K32BZEA00

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TNPU0603-E3 VISHAY-TNPU0603-E3 Datasheet
141Kb / 9P
   Ultra Precision Thin Film Chip Resistors
01-Jan-2022
TNPU0603E3 VISHAY-TNPU0603E3 Datasheet
146Kb / 9P
   Ultra Precision Thin Film Chip Resistors
Revision: 09-Jan-2020
TNPU0603KK32AWEA00 VISHAY-TNPU0603KK32AWEA00 Datasheet
146Kb / 9P
   Ultra Precision Thin Film Chip Resistors
Revision: 09-Jan-2020
TNPU0603KK32AWEI00 VISHAY-TNPU0603KK32AWEI00 Datasheet
146Kb / 9P
   Ultra Precision Thin Film Chip Resistors
Revision: 09-Jan-2020
TNPU0603KK32AWEN00 VISHAY-TNPU0603KK32AWEN00 Datasheet
146Kb / 9P
   Ultra Precision Thin Film Chip Resistors
Revision: 09-Jan-2020
More results

Similar Description - TNPU06031K32BZEA00

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
TA06 WALSIN-TA06 Datasheet
574Kb / 9P
   High Precision Thin Film Chip Resistors
WFXXT WALSIN-WFXXT Datasheet
1Mb / 10P
   High Precision Thin Film Chip Resistors
WFXXF_Q WALSIN-WFXXF_Q Datasheet
1Mb / 10P
   High Precision Thin Film Chip Resistors
WFXXB WALSIN-WFXXB Datasheet
1Mb / 10P
   High Precision Thin Film Chip Resistors
SFXXT_A WALSIN-SFXXT_A Datasheet
1Mb / 10P
   High Precision Thin Film chip resistors
WFXXC WALSIN-WFXXC Datasheet
1Mb / 10P
   High Precision Thin Film Chip Resistors
SFXXT_Q WALSIN-SFXXT_Q Datasheet
1Mb / 10P
   High Precision Thin Film Chip Resistors
WFXXT_Q WALSIN-WFXXT_Q Datasheet
1Mb / 10P
   High Precision Thin Film Chip Resistors
WFXXB_Q WALSIN-WFXXB_Q Datasheet
1Mb / 10P
   High Precision Thin Film chip resistors
WFXXF WALSIN-WFXXF Datasheet
1Mb / 10P
   High Precision Thin Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com