Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNPU08051K32BYEA00 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TNPU08051K32BYEA00
Description  High Precision Thin Film Chip Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TNPU08051K32BYEA00 Datasheet(HTML) 2 Page - Vishay Siliconix

  TNPU08051K32BYEA00 Datasheet HTML 1Page - Vishay Siliconix TNPU08051K32BYEA00 Datasheet HTML 2Page - Vishay Siliconix TNPU08051K32BYEA00 Datasheet HTML 3Page - Vishay Siliconix TNPU08051K32BYEA00 Datasheet HTML 4Page - Vishay Siliconix TNPU08051K32BYEA00 Datasheet HTML 5Page - Vishay Siliconix TNPU08051K32BYEA00 Datasheet HTML 6Page - Vishay Siliconix TNPU08051K32BYEA00 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Document Number: 28779
For technical questions, contact: thinfilmchip@vishay.com
www.vishay.com
Revision: 12-Aug-10
315
TNPU e3
High Precision Thin Film Chip Resistors
± 0.05 %; ± 5 ppm/K
Vishay Draloric
DIMENSIONS
Notes
• Products can be ordered using either the PRODUCT DESCRIPTION or the PART NUMBER.
(1) Please refer to PACKAGING table.
SIZE
DIMENSIONS in millimeters
INCH METRIC
L
W
H
T1
T2
0603
1608
1.6 ± 0.10 0.85 ± 0.10 0.45 ± 0.10
0.3 ± 0.20
0805
2012
2.0 ± 0.15 1.25 ± 0.15 0.45 ± 0.10
0.4 ± 0.20
1206
3216
3.2 ± 0.15
1.6 ± 0.15
0.55 ± 0.10
0.5 ± 0.25
SOLDER PAD DIMENSIONS in millimeters
SIZE
REFLOW SOLDERING
WAVE SOLDERING
INCH METRIC
a
b
l
a
b
l
0603
1608
0.5
0.9
1.0
0.9
0.9
1.0
0805
2012
0.7
1.3
1.2
0.9
1.3
1.3
1206
3216
0.9
1.7
2.0
1.1
1.7
2.3
TEMPERATURE COEFFICIENT AND RESISTANCE RANGE
TYPE
TCR
TOLERANCE
RESISTANCE VALUE
E-SERIES
TNPU0603 e3
± 10 ppm/K
± 0.05 %
100
Ω to 100 kΩ
E24 to E192
± 5 ppm/K
± 0.1 %
± 0.05 %
TNPU0805 e3
± 10 ppm/K
± 0.05 %
100
Ω to 332 kΩ
± 5 ppm/K
± 0.1 %
± 0.05 %
TNPU1206 e3
± 10 ppm/K
± 0.05 %
100
Ω to 511 kΩ
± 5 ppm/K
± 0.1 %
± 0.05 %
PART NUMBER AND PRODUCT DESCRIPTION
Part Number: TNPU12061K32AZEA00
MODEL
VALUE
TOLERANCE
TCR
PACKAGING (1)
SPECIAL
TNPU0603
TNPU0805
TNPU1206
R = Decimal
K = Thousand
M = Million
(4 digits)
B = ± 0.1 %
A = ± 0.05 %
Y = ± 10 ppm/K
Z = ± 5 ppm/K
EA
EN
Up to 2 digits
00 = Standard
Product Description: TNPU1206 1K32 0.05 % T-16 ET1 e3
TNPU1206
1K32
0.05 %
T-16
ET1
e3
MODEL
RESISTANCE
VALUE
TOLERANCE
TCR
PACKAGING (1)
LEAD (Pb)-FREE
TNPU0603
TNPU0805
TNPU1206
Examples:
1K32 = 1320
Ω
± 0.05 %
± 0.1 %
T-13 = ± 10 ppm/K
T-16 = ± 5 ppm/K
ET1
E52
e3 = Pure tin
termination finish
TU
1
2
0
P
N6
1
K
3
2
A
Z
E
A
0
0


Similar Part No. - TNPU08051K32BYEA00

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TNPU0805-E3 VISHAY-TNPU0805-E3 Datasheet
141Kb / 9P
   Ultra Precision Thin Film Chip Resistors
01-Jan-2022
TNPU0805E3 VISHAY-TNPU0805E3 Datasheet
146Kb / 9P
   Ultra Precision Thin Film Chip Resistors
Revision: 09-Jan-2020
TNPU0805KK32AWEA00 VISHAY-TNPU0805KK32AWEA00 Datasheet
146Kb / 9P
   Ultra Precision Thin Film Chip Resistors
Revision: 09-Jan-2020
TNPU0805KK32AWEI00 VISHAY-TNPU0805KK32AWEI00 Datasheet
146Kb / 9P
   Ultra Precision Thin Film Chip Resistors
Revision: 09-Jan-2020
TNPU0805KK32AWEN00 VISHAY-TNPU0805KK32AWEN00 Datasheet
146Kb / 9P
   Ultra Precision Thin Film Chip Resistors
Revision: 09-Jan-2020
More results

Similar Description - TNPU08051K32BYEA00

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
TA06 WALSIN-TA06 Datasheet
574Kb / 9P
   High Precision Thin Film Chip Resistors
WFXXT WALSIN-WFXXT Datasheet
1Mb / 10P
   High Precision Thin Film Chip Resistors
WFXXF_Q WALSIN-WFXXF_Q Datasheet
1Mb / 10P
   High Precision Thin Film Chip Resistors
WFXXB WALSIN-WFXXB Datasheet
1Mb / 10P
   High Precision Thin Film Chip Resistors
SFXXT_A WALSIN-SFXXT_A Datasheet
1Mb / 10P
   High Precision Thin Film chip resistors
WFXXC WALSIN-WFXXC Datasheet
1Mb / 10P
   High Precision Thin Film Chip Resistors
SFXXT_Q WALSIN-SFXXT_Q Datasheet
1Mb / 10P
   High Precision Thin Film Chip Resistors
WFXXT_Q WALSIN-WFXXT_Q Datasheet
1Mb / 10P
   High Precision Thin Film Chip Resistors
WFXXB_Q WALSIN-WFXXB_Q Datasheet
1Mb / 10P
   High Precision Thin Film chip resistors
WFXXF WALSIN-WFXXF Datasheet
1Mb / 10P
   High Precision Thin Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com