Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DZ23C5V1 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DZ23C5V1
Description  300mW DUAL SURFACE MOUNT ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DZ23C5V1 Datasheet(HTML) 1 Page - Diodes Incorporated

  DZ23C5V1 Datasheet HTML 1Page - Diodes Incorporated DZ23C5V1 Datasheet HTML 2Page - Diodes Incorporated DZ23C5V1 Datasheet HTML 3Page - Diodes Incorporated DZ23C5V1 Datasheet HTML 4Page - Diodes Incorporated DZ23C5V1 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DZ23C2V7 - DZ23C51
Document number: DS18002 Rev. 18 - 2
1 of 5
www.diodes.com
April 2010
© Diodes Incorporated
DZ23C2V7 - DZ23C51
300mW DUAL SURFACE MOUNT ZENER DIODE
Features
Dual Zeners in Common Cathode Configuration
300 mW Power Dissipation
Ideally Suited for Automated Insertion
Δ VZ For Both Diodes in One Case is ≤ 5%
Common Anode Style Available, See AZ Series
Lead, Halogen and Antimony Free, RoHS Compliant "Green"
Device (Notes 2 and 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT-23
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020D
Terminals: Solderable per MIL-STD-202, Method 208
Lead Free Plating (Matte Tin Finish annealed over Alloy 42 lead
frame).
Polarity: See Diagram
Marking Information: See Page 4
Ordering Information: See Page 4
Weight: 0.008 grams (approximate)
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation
(Note 1)
PD
300
mW
Thermal Resistance, Junction to Ambient Air
(Note 1)
RθJA
417
°C/W
Operating and Storage Temperature Range
TJ, TSTG
–65 to +150
°C
Notes:
1. Mounted on FR4 PC Board with recommended pad layout which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2. No purposefully added lead. Halogen and Antimony Free.
3. Product manufactured with Data Code OW (week 42, 2009) and newer are built with Green Molding Compound. Product manufactured prior to Date
Code OW are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
Top View
Device Schematic


Similar Part No. - DZ23C5V1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DZ23C5V1 VISHAY-DZ23C5V1 Datasheet
53Kb / 4P
   300 mW Dual Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
DZ23C5V1 VISHAY-DZ23C5V1 Datasheet
120Kb / 7P
   Small Signal Zener Diodes, Dual
Rev. 2.0, 08-Nov-16
logo
Diodes Incorporated
DZ23C5V1 DIODES-DZ23C5V1 Datasheet
60Kb / 3P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 8 - 2
logo
Micro Commercial Compon...
DZ23C5V1 MCC-DZ23C5V1 Datasheet
261Kb / 4P
   300 mW Zener Diode 2.4 to 75 Volts
logo
Diodes Incorporated
DZ23C5V1 DIODES-DZ23C5V1 Datasheet
391Kb / 4P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 14 - 2
More results

Similar Description - DZ23C5V1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AZ23C2V7 DIODES-AZ23C2V7 Datasheet
60Kb / 3P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18003 Rev. 3 - 2
logo
Unisonic Technologies
DZ23CXX UTC-DZ23CXX Datasheet
136Kb / 4P
   300mW DUAL SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
AZ23C2V7 DIODES-AZ23C2V7_13 Datasheet
201Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DZ23C5V1-7 DIODES-DZ23C5V1-7 Datasheet
109Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
AZ23C157 DIODES-AZ23C157 Datasheet
201Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DZ23C2V7 DIODES-DZ23C2V7_15 Datasheet
158Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DZ23C2V7 DIODES-DZ23C2V7 Datasheet
60Kb / 3P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 8 - 2
DZ23C2V7 DIODES-DZ23C2V7_1 Datasheet
391Kb / 4P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 14 - 2
DZ23C2V7 DIODES-DZ23C2V7_13 Datasheet
158Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
AZ23C2V7 DIODES-AZ23C2V7_1 Datasheet
448Kb / 4P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18003 Rev. 9 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com