Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STA434A Datasheet(PDF) 1 Page - Sanken electric

Part # STA434A
Description  PNP NPN Darlington H-bridge
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STA434A Datasheet(HTML) 1 Page - Sanken electric

  STA434A Datasheet HTML 1Page - Sanken electric STA434A Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
172
NPN
PNP
NPN
NPN
PNP
PNP
NPN
PNP
IC-VCE Characteristics (Typical)
IC-VBE Temperature Characteristics (Typical)
hFE-IC Characteristics (Typical)
hFE-IC Temperature Characteristics (Typical)
Characteristic curves
STA434A
R1: 2k
Ω typ R2: 150Ω typ R3: 3kΩ typ R4: 200Ω typ
3
2
7
5
9
6
R1
R2
1
4
8
10
R3
R4
(Ta=25
°C)
Symbol
Unit
VCBO
80
–60
V
VCEO
60
–60
V
VEBO
6
–6V
IC
4
–4A
ICP
8 (PW
≤10ms, Du≤50%)
–8 (PW
≤10ms, Du≤50%)
A
PT
4 (Ta=25
°C)
W
20 (Tc=25
°C)
Tj
150
°C
Tstg
–40 to +150
°C
Ratings
NPN
PNP
02
0
2
4
6
VCE (V)
46
IB=4.0mA
2.0m
A
1.2m
A
0.8m
A
0.6mA
0.5mA
0.4mA
0.03
0.1
0.05
IC (A)
4
0.5
1
30
50
100
10000
5000
500
1000
20000
typ
(VCE=4V)
20000
10000
5000
1000
500
0.05
0.1
0.5
1
4
IC (A)
100
50
30
Ta
=125
°C
(VCE=4V constant)
25
°C
–30
°C
0
VBE (V)
12
0
2
3
1
4
(VCE=4V)
–6
–5
–4
–3
–2
–1
0
0
–1
–2
–3
–4
–5
–6
VCE (V)
–1
.8m
A
–1.5m
A
–1.2m
A
–1.0m
A
–0.8m
A
10000
5000
1000
500
100
50
20
(VCE=–4V)
typ
–0.02
–0.05
–0.1
–0.5
–1
–4
IC (A)
–0.02
IC (A)
–0.05
–0.5
–4
10000
–0.1
–1
5000
1000
500
100
50
20
Ta
=125
°C
25
°C
–30
°C
(VCE=4V constant)
–4
–3
–2
–1
0
0
–1
–2
–3
VBE (V)
(VCE=–4V)
PNP + NPN Darlington
H-bridge
External dimensions D • • • STA (10-pin)
Absolute maximum ratings
sEquivalent circuit diagram


Similar Part No. - STA434A

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STA434A SANKEN-STA434A Datasheet
30Kb / 2P
   PNP NPN Darlington H-bridge
STA434A SANKEN-STA434A Datasheet
45Kb / 2P
   PNP NPN Darlington H-bridge
More results

Similar Description - STA434A

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA4390 SANKEN-SLA4390_06 Datasheet
45Kb / 2P
   PNP NPN Darlington H-bridge
STA474A SANKEN-STA474A Datasheet
37Kb / 2P
   PNP NPN Darlington H-bridge
STA457C SANKEN-STA457C_06 Datasheet
45Kb / 2P
   PNP NPN Darlington H-bridge
SLA4390 SANKEN-SLA4390 Datasheet
30Kb / 2P
   PNP NPN Darlington H-bridge
SDH03 SANKEN-SDH03 Datasheet
29Kb / 2P
   PNP NPN Darlington H-bridge
SLA4340 SANKEN-SLA4340 Datasheet
30Kb / 2P
   PNP NPN Darlington H-bridge
STA457C SANKEN-STA457C Datasheet
30Kb / 2P
   PNP NPN Darlington H-bridge
STA434A SANKEN-STA434A Datasheet
45Kb / 2P
   PNP NPN Darlington H-bridge
STA457C SANKEN-STA457C Datasheet
45Kb / 2P
   PNP NPN Darlington H-bridge
SLA4390 SANKEN-SLA4390 Datasheet
45Kb / 2P
   PNP NPN Darlington H-bridge
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com