Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STA412A Datasheet(PDF) 1 Page - Sanken electric

Part # STA412A
Description  NPN General purpose
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STA412A Datasheet(HTML) 1 Page - Sanken electric

  STA412A Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
167
Characteristic curves
(Ta=25
°C)
Symbol
Ratings
Unit
VCBO
60
V
VCEO
60
V
VEBO
6V
IC
3A
ICP
6 (PW
≤10ms, Du≤50%)
A
4 (Ta=25
°C)
20 (Tc=25
°C)
Tj
150
°C
Tstg
–40 to +150
°C
(Ta=25
°C)
Symbol
Unit
Conditions
ICBO
100
µAVCB=60V
IEBO
100
µAVEB=6V
VCEO
60
V
IC=25mA
hFE
300
VCE=4V, IC=0.5A
VCE(sat)
1.0
V
IC=1A, IB=10mA
ton
0.8
µsVCC 20V,
tstg
3.0
µsIC=1A,
tf
1.2
µsIB1=15mA, IB2=–30mA
Specification
min
typ
max
PT
W
STA412A
3
2
1
0
0
1
23
45
6
VCE (V)
IB=12mA
8mA
5mA
3mA
2mA
1mA
0.5mA
2000
1000
500
100
0.01
0.05
0.1
0.5
1
3
typ
IC (A)
(VCE=4V)
2000
1000
500
100
0.01
0.05 0.1
0.5
1
3
IC (A)
(VCE=4V)
Ta=125°
C
75°C
–30
°C
25°C
1.5
1.0
0.5
0
VBE (sat)
VCE (sat)
(IC / IB=20)
0.01
0.1
1
5
0.5
0.05
IC (A)
1.5
1.0
0.5
0
IC=3A
IC=2A
IC=1A
0.001
0.005 0.01
0.05 0.1
0.5
1
IB (A)
3
2
1
0
0
0.5
1.0
1.5
VBE (V)
(VCE=4V)
20
10
5
1
0.5
1
5
10
50
100
500 1000
PW (mS)
–40
0
50
100
150
20
16
12
8.0
4.0
0
Ta (
°C)
24
With Silicone Grease
Natural Cooling
Heatsink: Aluminum
in mm
With Infinite Heatsink
100
×100×2
50
×50×2
25
×50×2
Without Heatsink
10
5
1
0.5
0.1
0.05
3
5
10
50
100
VCE (V)
Single Pulse
Without Heatsink
Ta=25
°C
2
3
4
5
6
7
8
9
10
1
NPN
General purpose
Absolute maximum ratings
External dimensions D • • • STA (10-pin)
sEquivalent circuit diagram
Electrical characteristics
IC-VCE Characteristics (Typical)
hFE-IC Characteristics (Typical)
hFE-IC Temperature Characteristics (Typical)
VCE(sat), VBE(sat)-IC Characteristics (Typical)
VCE(sat)-IB Characteristics (Typical)
IC-VBE Temperature Characteristics (Typical)
θ j-a-PW Characteristics
PT-Ta Characteristics
Safe Operating Area (SOA)


Similar Part No. - STA412A

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STA412A SANKEN-STA412A Datasheet
18Kb / 1P
   NPN General purpose
STA412A SANKEN-STA412A Datasheet
32Kb / 1P
   NPN General purpose
More results

Similar Description - STA412A

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STA412A SANKEN-STA412A Datasheet
32Kb / 1P
   NPN General purpose
STA312A SANKEN-STA312A Datasheet
18Kb / 1P
   NPN General purpose
STA412A SANKEN-STA412A Datasheet
18Kb / 1P
   NPN General purpose
STA414A SANKEN-STA414A Datasheet
18Kb / 1P
   NPN General purpose
logo
Zetex Semiconductors
ZTX301 ZETEX-ZTX301 Datasheet
192Kb / 3P
   NPN GENERAL PURPOSE
logo
Sanken electric
SDC01 SANKEN-SDC01 Datasheet
18Kb / 1P
   NPN General purpose
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com