Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STA302A Datasheet(PDF) 1 Page - Sanken electric

Part # STA302A
Description  PNP Darlington General purpose/3-phase motor drive
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STA302A Datasheet(HTML) 1 Page - Sanken electric

  STA302A Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
153
IC-VCE Characteristics (Typical)
hFE-IC Characteristics (Typical)
hFE-IC Temperature Characteristics (Typical)
VCE(sat)-IC Temperature Characteristics (Typical)
VCE(sat)-IB Characteristics (Typical)
IC-VBE Temperature Characteristics (Typical)
θ j-a-PW Characteristics
PT-Ta Characteristics
Safe Operating Area (SOA)
Characteristic curves
(Ta=25
°C)
Symbol
Ratings
Unit
VCBO
–50
V
VCEO
–50
V
VEBO
–6V
IC
–4A
ICP
–8 (PW
≤10ms, Du≤50%)
A
3 (Ta=25
°C)
15 (Tc=25
°C)
Tj
150
°C
Tstg
–40 to +150
°C
(Ta=25
°C)
Symbol
Unit
Conditions
ICBO
–100
µAVCB=–50V
IEBO
–10
mA
VEB=–6V
VCEO
–50
V
IC=–10mA
hFE
1000
VCE=–4V, IC=–3A
VCE(sat)
–2.0
V
IC=–3A, IB=–10mA
ton
0.4
µsVCC –30V,
tstg
0.8
µsIC=–3A,
tf
0.6
µsIB1=–IB2=–10mA
Specification
min
typ
max
PT
W
STA302A
–3
–2
–1
0
0
–1
–2
–3
–4
–5
–6
–0.8mA
–1.0mA
–1.2m
A
–1.5m
A
–1.8mA
VCE (V)
–0.9mA
–0.03
10000
5000
1000
500
100
50
20
–0.05 –0.1
–0.5
–1
–5 –6
(VCE=–4V)
IC (A)
typ
10000
5000
1000
500
100
–0.02
–0.1
–0.5
–1
–4
IC (A)
(VCE=–4V)
–0.05
50
20
Ta
=125
°C
25
°C
–3
C
–0.7
–1
0
–4
IC (A)
–1
–2
25°C
125°C
Ta=–30°
C
(IC / IB=500)
IC=–4A
IC=–2A
IC=–1A
–3
–0.2
–0.5
–1
–5
–10
–50
–2
–1
0
–100
IB (mA)
–6
–4
–2
0
0
–1
–2
–3
–1
–3
–5
75
°C
25
°C
(VCE=–4V)
VBE (V)
20
10
5
10
0.5
1
5
10
50
100
500 1000
PW (mS)
–40
0
50
100
150
0
Ta (
°C)
2
4
6
8
10
12
14
16
With Silicone Grease
Natural Cooling
Heatsink: Aluminum
in mm
Without Heatsink
25
×50×2
50
×50×2
–10
–5
–1
–0.5
–0.1
–3
–5
–10
–50
VCE (V)
–0.03
–0.05
–100
Single Pulse
Without Heatsink
Ta=25
°C
2
1
3
R1
R2
4
5
6
7
8
R1: 2k
Ω typ R2: 150Ω typ
PNP Darlington
General purpose/3-phase motor drive
External dimensions
C • • • STA (8-pin)
Absolute maximum ratings
sEquivalent circuit diagram
Electrical characteristics


Similar Part No. - STA302A

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STA302A SANKEN-STA302A Datasheet
20Kb / 1P
   PNP Darlington General purpose/3-phase motor drive
More results

Similar Description - STA302A

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STA309A SANKEN-STA309A Datasheet
31Kb / 1P
   PNP Darlington General purpose/3-phase motor drive
STA302A SANKEN-STA302A Datasheet
20Kb / 1P
   PNP Darlington General purpose/3-phase motor drive
STA303A SANKEN-STA303A Datasheet
21Kb / 1P
   NPN Darlington General purpose/3-phase motor drive
STA303A SANKEN-STA303A_06 Datasheet
34Kb / 1P
   NPN Darlington General purpose/3-phase motor drive
STA303A SANKEN-STA303A Datasheet
34Kb / 1P
   NPN Darlington General purpose/3-phase motor drive
SDA05 SANKEN-SDA05 Datasheet
20Kb / 1P
   PNP Darlington 3-phase motor drive
STA305A SANKEN-STA305A Datasheet
21Kb / 1P
   PNP Darlington 3-phase motor drive
SDA05 SANKEN-SDA05_01 Datasheet
35Kb / 1P
   PNP Darlington 3-phase motor drive
SLA6023 SANKEN-SLA6023 Datasheet
31Kb / 2P
   PNP NPN Darlington 3-phase motor drive
SLA6012 SANKEN-SLA6012 Datasheet
30Kb / 2P
   PNP NPN Darlington 3-phase motor drive
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com