Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S2x-13-F Datasheet(PDF) 3 Page - Diodes Incorporated

Part # S2x-13-F
Description  1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

S2x-13-F Datasheet(HTML) 3 Page - Diodes Incorporated

  S2x-13-F Datasheet HTML 1Page - Diodes Incorporated S2x-13-F Datasheet HTML 2Page - Diodes Incorporated S2x-13-F Datasheet HTML 3Page - Diodes Incorporated S2x-13-F Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
S2A/A - S2M/A
Document number: DS16004 Rev. 14 - 2
3 of 4
www.diodes.com
September 2010
© Diodes Incorporated
S2A/A - S2M/A
0
10
20
30
40
50
60
110
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Forward Surge Current Derating Curve
Single Half-Sine-Wave
0.01
0.1
1.0
10
100
1,000
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 4 Typical Reverse Characteristics
T = 125°C
j
T = 25°C
j
Package Outline Dimensions
Suggested Pad Layout
SMA
Dim
Min
Max
A
2.29
2.92
B
4.00
4.60
C
1.27
1.63
D
0.15
0.31
E
4.80
5.59
G
0.05
0.20
H
0.76
1.52
J
2.01
2.30
All Dimensions in mm
SMB
Dim
Min
Max
A
3.30
3.94
B
4.06
4.57
C
1.96
2.21
D
0.15
0.31
E
5.00
5.59
G
0.05
0.20
H
0.76
1.52
J
2.00
2.50
All Dimensions in mm
SMA
Dimensions
Value (in mm)
Z
6.5
G
1.5
X
1.7
Y
2.5
C
4.0
SMB
Dimensions
Value (in mm)
Z
6.7
G
1.8
X
2.3
Y
2.5
C
4.3
A
B
C
D
G
H
E
J


Similar Part No. - S2x-13-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
S2x-13-F DIODES-S2x-13-F Datasheet
98Kb / 4P
   1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S2X-13-F DIODES-S2X-13-F Datasheet
98Kb / 4P
   1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S2X-13-F DIODES-S2X-13-F Datasheet
98Kb / 4P
   1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
More results

Similar Description - S2x-13-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
S2A DIODES-S2A Datasheet
47Kb / 2P
   1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16004 Rev. 7 - 2
S2BA-13-F DIODES-S2BA-13-F Datasheet
98Kb / 4P
   1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S2J-13 DIODES-S2J-13 Datasheet
98Kb / 4P
   1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S2KA-13 DIODES-S2KA-13 Datasheet
98Kb / 4P
   1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Shenzhen Yixinwei Techn...
S2AA YIXIN-S2AA Datasheet
92Kb / 3P
   1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
S2MA-13 DIODES-S2MA-13 Datasheet
98Kb / 4P
   1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S2A DIODES-S2A_1 Datasheet
83Kb / 3P
   1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16004 Rev. 11 - 2
logo
Zibo Seno Electronic En...
DB151 ZSELEC-DB151 Datasheet
85Kb / 2P
   1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
DF15005S DIODES-DF15005S_16 Datasheet
296Kb / 5P
   1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
DI150 ZSELEC-DI150 Datasheet
118Kb / 2P
   1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com