Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3414SD Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3414SD
Description  1A 60W* Common Anode Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3414SD Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM3414SD Datasheet HTML 2Page - National Semiconductor (TI) LM3414SD Datasheet HTML 3Page - National Semiconductor (TI) LM3414SD Datasheet HTML 4Page - National Semiconductor (TI) LM3414SD Datasheet HTML 5Page - National Semiconductor (TI) LM3414SD Datasheet HTML 6Page - National Semiconductor (TI) LM3414SD Datasheet HTML 7Page - National Semiconductor (TI) LM3414SD Datasheet HTML 8Page - National Semiconductor (TI) LM3414SD Datasheet HTML 9Page - National Semiconductor (TI) LM3414SD Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Electrical Characteristics V
IN = 24V unless otherwise indicated. Typical and limits appearing in plain type apply
for T
A=TJ= +25°C (Note 4). Limits appearing in boldface type apply over full Operating Temperature Range. Datasheet min/max
specification limits are obtained under device test mode and guaranteed by design, test, or statistical analysis.
LM3414
Symbol
Parameter
Conditions
Min
Typ
Max
Units
SYSTEM PARAMETERS
I
IN-DIM-HIGH
Operating Current
4.5V
Vin 42V
R
IADJ = 3.125 kΩ
V
DIM = High
2.2
3.2
3.5
mA
I
IN-DIM-LOW
Standby Current
4.5V
Vin 42V
R
IADJ = 3.125 kΩ
V
DIM = Low
0.8
1.15
1.4
mA
I
LX-OFF
LX Pin Current
Main Switch Turned OFF
V
LX = VIN = 42V
6
µA
LM3414HV
Symbol
Parameter
Conditions
Min
Typ
Max
Units
SYSTEM PARAMETERS
I
IN-DIM-HIGH
Operating Current
4.5V
Vin 65V
R
IADJ = 3.125 kΩ
V
DIM = High
2.2
3.3
3.6
mA
I
IN-DIM-LOW
Standby Current
4.5V
Vin 65V
R
IADJ = 3.125 kΩ
V
DIM = Low
0.8
1.2
1.45
mA
I
LX-OFF
LX Pin Current
Main Switch Turned OFF
V
LX = VIN= 65V
6.5
µA
LM3414/LM3414HV
Symbol
Parameter
Conditions
Min
Typ
Max
Units
SYSTEM PARAMETERS
I
LED
Average LED Current
R
IADJ = 3.125 kΩ
T
A = 25°C
0.97
1
1.03
A
R
IADJ = 3.125 kΩ
T
A = –40°C to 125°C
0.95
1
1.05
A
V
CC-UVLO
Vcc UVLO Threshold
V
CC Decreasing
3.60
3.75
3.90
V
V
CC-UVLO-HYS
Vcc UVLO Hysteresis
300
mV
V
IADJ
IADJ Pin voltage
1.230
1.255
1.280
V
V
DIM
DIM Pin Threshold
V
DIM Increasing
1.0
1.2
V
V
DIM-HYS
DIM Pin Hysteresis
100
mV
f
SW
Switching Frequency Range
250
500
1000
kHz
f
SW-TOL
Switching Frequency Tolerance
R
FS = 40 kΩ
420
500
580
kHz
t
ON-MIN
Minimum On-time
400
ns
INTERNAL VOLTAGE REGULATOR
V
CC
V
CC Regulator Output Voltage (Note
5)
C
VCC = 1µF, No Load to IVCC = 2mA
4.7
5.4
6.0
V
Vin = 4.5V, 2 mA Load
3.8
4.2
V
MAIN SWITCH
R
LX
Resistance Across LX and GND
Main Switch Turned ON
1.8
THERMAL PROTECTION
T
SD
Thermal Shutdown Temperature
T
J Rising
170
°C
www.national.com
6


Similar Part No. - LM3414SD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3414SD TI-LM3414SD Datasheet
1Mb / 25P
[Old version datasheet]   1A 60W Common Anode Capable Constant Current Buck LED Driver Requires No
LM3414SD TI1-LM3414SD Datasheet
1Mb / 30P
[Old version datasheet]   Common Anode-Capable Constant Current Buck LED Driver
LM3414SD/NOPB TI1-LM3414SD/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   60-W Common Anode-Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
LM3414SDX TI-LM3414SDX Datasheet
1Mb / 25P
[Old version datasheet]   1A 60W Common Anode Capable Constant Current Buck LED Driver Requires No
LM3414SDX TI1-LM3414SDX Datasheet
1Mb / 30P
[Old version datasheet]   Common Anode-Capable Constant Current Buck LED Driver
More results

Similar Description - LM3414SD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3414HVMRX TI-LM3414HVMRX Datasheet
1Mb / 25P
[Old version datasheet]   1A 60W Common Anode Capable Constant Current Buck LED Driver Requires No
LM3414 TI1-LM3414 Datasheet
1Mb / 32P
[Old version datasheet]   60-W Common Anode-Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
LM3414 TI1-LM3414_15 Datasheet
1Mb / 30P
[Old version datasheet]   Common Anode-Capable Constant Current Buck LED Driver
TPS92511 TI1-TPS92511 Datasheet
1Mb / 31P
[Old version datasheet]   500-mA, 65-V Common Anode Constant Current Buck LED Driver Without External Current Sensing Resistor
logo
Mean Well Enterprises C...
LPFH-60D MEANWELL-LPFH-60D Datasheet
131Kb / 8P
   60W Constant Current LED Driver
logo
Shenzhen Huazhimei Semi...
HM9882 HMSEMI-HM9882 Datasheet
594Kb / 5P
   External MOS average current type LED buck constant current driver
logo
Mean Well Enterprises C...
LPFH-60 MEANWELL-LPFH-60 Datasheet
107Kb / 6P
   60W Constant Voltage Constant Current LED Driver
logo
Shenzhen Huazhimei Semi...
HM9804 HMSEMI-HM9804 Datasheet
803Kb / 11P
   80V 1A Switching Current Buck PFM LED Constant Current Driver
logo
XLSEMI
XL8004 XLSEMI-XL8004 Datasheet
351Kb / 11P
   80V 1A Switching Current Buck PFM LED Constant Current Driver
logo
List of Unclassifed Man...
XL8004 ETC2-XL8004 Datasheet
351Kb / 11P
   80V 1A Switching Current Buck PFM LED Constant Current Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com