Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS2M Datasheet(PDF) 1 Page - Diodes Incorporated

Part # RS2M
Description  1.5A SURFACE MOUNT FAST RECOVERY RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

RS2M Datasheet(HTML) 1 Page - Diodes Incorporated

  RS2M Datasheet HTML 1Page - Diodes Incorporated RS2M Datasheet HTML 2Page - Diodes Incorporated RS2M Datasheet HTML 3Page - Diodes Incorporated RS2M Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RS2A/A - RS2M/A
Document number: DS15004 Rev. 11 - 2
1 of 4
www.diodes.com
September 2010
© Diodes Incorporated
RS2A/A - RS2M/A
1.5A SURFACE MOUNT FAST RECOVERY RECTIFIER
Features
Glass Passivated Die Construction
Fast Recovery Time For High Efficiency
Surge Overload Rating to 50A Peak
Ideally Suited for Automated Assembly
Lead Free Finish/RoHS Compliant (Note 1)
Green Molding Compound (No Halogen and Antimony)
(Note 2)
Mechanical Data
Case: SMA/SMB
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Lead Free Plating (Matte Tin Finish). Solderable per
MIL-STD-202, Method 208
Polarity: Cathode Band or Cathode Notch
SMA Weight: 0.065 grams (approximate)
SMB Weight: 0.09 grams (approximate)
Ordering Information (Note 3)
Part Number
Case
Packaging
RS2xA-13-F
SMA
5000/Tape & Reel
RS2x-13-F
SMB
3000/Tape & Reel
*x = Device type, e.g. RS2DA-13-F (SMA package); RS2J-13-F (SMB package).
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied, see EU Directive 2002/95/EC Annex Notes.
2. Product manufactured with Data Code 0924 (week 24, 2009) and newer are built with Green Molding Compound.
3. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Top View
Bottom View
RS2x = Product type marking code, ex: RS2G (SMB package)
RS2xA = Product type marking code, ex: RS2GA (SMA package)
= Manufacturers’ code marking
YWW = Date code marking
Y = Last digit of year (ex: 2 for 2002)
WW = Week code (01 to 53)
YWW
RS2x(A)


Similar Part No. - RS2M

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
RS2M SSE-RS2M Datasheet
19Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
SUNMATE electronic Co.,...
RS2M SUNMATE-RS2M Datasheet
428Kb / 2P
   SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
logo
Taiwan Semiconductor Co...
RS2M TSC-RS2M Datasheet
570Kb / 2P
   2.0 AMPS. Surface Mount Fast Recovery Rectifiers
logo
Guangdong Juxing Electr...
RS2M JUXING-RS2M Datasheet
1Mb / 2P
   Surface Mount Fast Recovery Rectifiers
logo
UN Semiconducctor INC
RS2M UNSEMI-RS2M Datasheet
2Mb / 4P
   Surface Mount Fast Recovery Rectifiers
Revision March 1,2022
More results

Similar Description - RS2M

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
RS2A DIODES-RS2A_1 Datasheet
393Kb / 3P
   1.5A SURFACE MOUNT FAST RECOVERY RECTIFIER
DS15004 Rev. 9 - 2
RS2AA DIODES-RS2AA_15 Datasheet
104Kb / 4P
   1.5A SURFACE MOUNT FAST RECOVERY RECTIFIER
RS2JA-13-F DIODES-RS2JA-13-F Datasheet
104Kb / 4P
   1.5A SURFACE MOUNT FAST RECOVERY RECTIFIER
RS2AA-13 DIODES-RS2AA-13 Datasheet
104Kb / 4P
   1.5A SURFACE MOUNT FAST RECOVERY RECTIFIER
RS2A DIODES-RS2A Datasheet
46Kb / 2P
   1.5A SURFACE MOUNT FAST RECOVERY RECTIFIER
DS15004 Rev. E-2
logo
TAITRON Components Inco...
RS2A TAITRON-RS2A Datasheet
213Kb / 4P
   1.5A Surface Mount Fast Recovery Rectifier
logo
Diodes Incorporated
RS2J-13-F DIODES-RS2J-13-F Datasheet
104Kb / 4P
   1.5A SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Sanken electric
SFPX-62 SANKEN-SFPX-62 Datasheet
18Kb / 1P
   Surface mount 1.5A Ultra-fast-recovery rectifier diode
logo
Diodes Incorporated
FR151 DIODES-FR151 Datasheet
59Kb / 2P
   1.5A FAST RECOVERY RECTIFIER
DS26006 Rev. C-3
logo
Won-Top Electronics
FR151 WTE-FR151 Datasheet
46Kb / 3P
   1.5A FAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com