Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN5702UMP15X Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FAN5702UMP15X
Description  Configurable 180mA 6-LED Driver with I2C Control
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5702UMP15X Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN5702UMP15X Datasheet HTML 2Page - Fairchild Semiconductor FAN5702UMP15X Datasheet HTML 3Page - Fairchild Semiconductor FAN5702UMP15X Datasheet HTML 4Page - Fairchild Semiconductor FAN5702UMP15X Datasheet HTML 5Page - Fairchild Semiconductor FAN5702UMP15X Datasheet HTML 6Page - Fairchild Semiconductor FAN5702UMP15X Datasheet HTML 7Page - Fairchild Semiconductor FAN5702UMP15X Datasheet HTML 8Page - Fairchild Semiconductor FAN5702UMP15X Datasheet HTML 9Page - Fairchild Semiconductor FAN5702UMP15X Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5702 • Rev. 1.0.3
6
Electrical Specifications
Unless otherwise specified: VIN = 2.7V to 5.5V; TA = -40°C to +85°C; and ENA, EN3, EN4, EN5, and EN6 = 1. Typical values are
VIN = 3.6V, TA = 25°C, ILED = 20mA, and LED cathode terminals = 0.4V. Circuit and components are according to Figure 1.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Power Supplies and Thermal Protection
IQ
Quiescent Supply Current
1.5x Mode, No LEDs
4.4
mA
1x Mode, No LEDs
0.3
mA
ISD
Shutdown Supply Current
EN = 0, VIN = 4.5V, TA = -40°C to +85°C
0.1
2.0
μA
VUVLO
Under-Voltage Lockout
Threshold
VIN Rising
2.55
2.70
V
VIN Falling
2.20
2.40
V
VUVHYST
Under-Voltage Lockout
Hysteresis
150
mV
TLIMIT
Thermal Shutdown
150
°C
THYST
Thermal Shutdown Hysteresis
20
°C
LED Current Sinks
ILED
Absolute Current Accuracy
VCATHODE=0.4V; see options for ISET
–10%
ISET
+10%
mA
ILED(MAX)
Maximum Diode Current
(3)
ILED = ISET
30
mA
ILED_MATCH LED Current Matching
(4)
VCATHODE = 0.4V, ILED = ISET
0.4
3.0
%
VDTH
1x to 1.5x Gain Transition
Threshold
LED Cathode Voltage Falling
100
mV
VHR
Current Sink Headroom
(5)
ILED = 90% ILED(NOMINAL)
65
mV
PWM Dimming
fPWM
PWM Switching Frequency
tON_LED(MINIMUM) = 15µs
20
kHz
DPWM
PWM Duty-Cycle
fPWM = 100Hz
0.15
100.00
%
Charge Pump
ROUT
Output Resistance
1.5x Mode
2.4
1x Mode
0.9
fSW
Switching Frequency
0.9
1.2
1.5
MHz
tSTART
Startup Time
VOUT = 90% of VIN
250
μs
Logic Inputs (EN, SDA, SCL)
VIH
HIGH-Level Input Voltage
1.2
V
VIL
LOW-Level Input Voltage
0.4
V
VIMAX
Maximum Input Voltage
1.8
5.5
V
IIN
Input Bias Current
Input Tied to GND or VIN
0.01
1.00
μA
Notes:
3.
The maximum total output current for the IC should be limited to 180mA. The total output current can be split between the
two groups (IDxA = IDxB = 30mA maximum). Under maximum output current conditions, special attention must be given
to input voltage and LED forward voltage to ensure proper current regulation. See the Maximum Output Current section of
the datasheet for more information.
4.
For the two groups of current sinks on a part (group A and group B), the following are determined: the maximum sink
current in the group (MAX), the minimum sink current in the group (MIN), and the average sink current of the group (AVG).
For each group, two matching numbers are calculated: (MAX-AVG)/AVG and (AVG-MIN)/AVG. The largest number of the
two (worst case) is considered the matching value for the group. The matching value for a given part is considered to be
the highest matching value of the two groups. The typical specification provided is the most likely norm of the matching
value for all parts.
5.
For each Dxx pin, headroom voltage is the voltage across the internal current sink connected to that pin. VHRx = VOUT -
VLED. If headroom voltage requirement is not met, LED current regulation is compromised.


Similar Part No. - FAN5702UMP15X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5701 FAIRCHILD-FAN5701 Datasheet
1Mb / 12P
   Compact 6-LED Driver for Mobile Platforms
FAN5701UC08X FAIRCHILD-FAN5701UC08X Datasheet
1Mb / 12P
   Compact 6-LED Driver for Mobile Platforms
FAN5701UC15X FAIRCHILD-FAN5701UC15X Datasheet
1Mb / 12P
   Compact 6-LED Driver for Mobile Platforms
FAN5701UC20X FAIRCHILD-FAN5701UC20X Datasheet
1Mb / 12P
   Compact 6-LED Driver for Mobile Platforms
FAN5701UC30X FAIRCHILD-FAN5701UC30X Datasheet
1Mb / 12P
   Compact 6-LED Driver for Mobile Platforms
More results

Similar Description - FAN5702UMP15X

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3626 CATALYST-CAT3626 Datasheet
807Kb / 14P
   6-Channel LED Driver with I2C Interface
logo
ON Semiconductor
CAT3626 ONSEMI-CAT3626 Datasheet
192Kb / 16P
   6-Channel LED Driver with I2C Interface
March, 2010 ??Rev. 5
logo
Catalyst Semiconductor
CAT3626 CATALYST-CAT3626_08 Datasheet
256Kb / 15P
   6-Channel LED Driver with I2C??Interface
logo
ON Semiconductor
CAT3626HV4-T2 ONSEMI-CAT3626HV4-T2 Datasheet
216Kb / 15P
   6-Channel LED Driver with I2C??Interface
Doc. No. MD-5014 Rev. E
logo
Kinetic Technologies.
KTD2064 KINETIC-KTD2064 Datasheet
190Kb / 3P
   24-Channel RGB LED Driver with I2C Control
August 2021 - Revision 04c
logo
SamHop Microelectronics...
SM6701 SAMHOP-SM6701 Datasheet
96Kb / 1P
   Linear LED Driver With Adjustable Current Up to 180mA
logo
Renesas Technology Corp
ISL97671A RENESAS-ISL97671A Datasheet
1Mb / 28P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
logo
Intersil Corporation
ISL97671 INTERSIL-ISL97671_10 Datasheet
626Kb / 28P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
ISL97671A INTERSIL-ISL97671A Datasheet
1Mb / 28P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
ISL97671AIRZ INTERSIL-ISL97671AIRZ Datasheet
922Kb / 28P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
November 30, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com