Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMA6850M Datasheet(PDF) 4 Page - Sanken electric

Part # SMA6850M
Description  High Voltage 3-Phase Motor Drivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SMA6850M Datasheet(HTML) 4 Page - Sanken electric

  SMA6850M Datasheet HTML 1Page - Sanken electric SMA6850M Datasheet HTML 2Page - Sanken electric SMA6850M Datasheet HTML 3Page - Sanken electric SMA6850M Datasheet HTML 4Page - Sanken electric SMA6850M Datasheet HTML 5Page - Sanken electric SMA6850M Datasheet HTML 6Page - Sanken electric SMA6850M Datasheet HTML 7Page - Sanken electric SMA6850M Datasheet HTML 8Page - Sanken electric SMA6850M Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
High Voltage 3-Phase Motor Drivers
SMA6850M
Series
4
ELECTRICAL CHARACTERISTICS, valid at TA=25°C, unless otherwise noted
Characteristics
Symbol
Conditions
Min
Typ
Max
Units
Logic Supply Voltage
VCC
Between VCC and COM
13.5
15
16.5
V
Logic Supply Current
ICC
VCC = 15 V, IREG = 0 A
4
6
mA
Input Voltage
VIH
VCC = 15 V, output on
2.0
2.5
V
VIL
VCC = 15 V, output off
1.0
1.5
V
Input Voltage Hysteresis
VIhys
VCC = 15 V
0.5
V
Input Current
IIH
High side, VCC = 15 V, VIN = 5 V
50
100
μA
IIL
Low side, VCC = 15 V, VIN = 0 V
2
μA
Undervoltage Lock Out
VUVHL
High side, between VB and U, V, or W
9.0
10.0
11.0
V
VUVHH
9.5
10.5
11.5
V
VUVHhys
High side, hysteresis
0.5
V
VUVLL
Low side, between VCC and COM
10.0
11.0
12.0
V
VUVLH
10.5
11.5
12.5
V
VUVLhys
Low side, hysteresis
0.5
V
FO Terminal Output Voltage
VFOL
VCC = 15 V
0
1.0
V
VFOH
4.0
5.5
V
Overtemperature Detection Threshold
Temperature (activation and
deactivation)
TDH
VCC = 15 V, no heatsink
135
150
165
°C
TDL
105
120
135
°C
TDhys
–30–°C
Output Voltage for Regulator
VREG
IREG = 35 mA, TC = –20°C to 100°C
6.75
7.5
8.25
V
Bootstrap Diode Leakage Current
ILBD
VR = 500 V
10
μA
Bootstrap Diode Forward Voltage
VFBD
IF = 0.15 A
1.1
1.3
V
Bootstrap Diode Series Resistor
RBD
17.6
22
26.4
Ω
MOSFET Breakdown Voltage
VDSS
SMA6851M
VCC = 15 V, ID = 100 μA, VIN = 0 V
250
V
SMA6852M
500
V
SMA6853M
500
V
MOSFET Leakage Current
IDSS
SMA6851M
VCC = 15 V, VDS = 250 V, VIN = 0 V
100
μA
SMA6852M
VCC = 15 V, VDS = 500 V, VIN = 0 V
100
μA
SMA6853M
VCC = 15 V, VDS = 500 V, VIN = 0 V
100
μA
MOSFET On State Resistance
RDS(on)
SMA6851M
VCC = 15 V, ID = 1 A, VIN = 5 V
1.4
1.8
Ω
SMA6852M
VCC = 15 V, ID = 1 A, VIN = 5 V
3.6
4.0
Ω
SMA6853M
VCC = 15 V, ID = 1.5 A, VIN = 5 V
2.0
2.4
Ω
MOSFET Diode Forward Voltage
VSD
SMA6851M
VCC = 15 V, ISD = 1 A, VIN = 0 V
1.1
1.5
V
SMA6852M
VCC = 15 V, ISD = 1 A, VIN = 0 V
1.0
1.5
V
SMA6853M
VCC = 15 V, ISD = 1.5 A, VIN = 0 V
1.0
1.5
V
MOSFET Diode Recovery Time
trr
SMA6851M
ISD = 1.5 A, di / dt = 100 A/μs
–50–
ns
SMA6852M
75
ns
SMA6853M
75
ns
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com


Similar Part No. - SMA6850M

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SMA6851M SANKEN-SMA6851M Datasheet
264Kb / 14P
   High Voltage 3-Phase Motor Driver
SMA6852M SANKEN-SMA6852M Datasheet
264Kb / 14P
   High Voltage 3-Phase Motor Driver
SMA6852MZ SANKEN-SMA6852MZ Datasheet
615Kb / 13P
   High Voltage 3-Phase Motor Driver ICs
SMA6852MZ SANKEN-SMA6852MZ Datasheet
615Kb / 13P
   High Voltage 3-Phase Motor Driver ICs
SMA6853M SANKEN-SMA6853M Datasheet
264Kb / 14P
   High Voltage 3-Phase Motor Driver
More results

Similar Description - SMA6850M

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SMA6820MH SANKEN-SMA6820MH Datasheet
185Kb / 11P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SMA6820MP ALLEGRO-SMA6820MP Datasheet
301Kb / 13P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SMA6860M SANKEN-SMA6860M Datasheet
350Kb / 17P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SLA6860M ALLEGRO-SLA6860M Datasheet
334Kb / 17P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SMA6860MZ SANKEN-SMA6860MZ Datasheet
249Kb / 19P
   High Voltage 3-Phase Motor Drivers
SLA6820M SANKEN-SLA6820M Datasheet
309Kb / 14P
   High Voltage 3-Phase Motor Drivers
SLA6868MZ SANKEN-SLA6868MZ Datasheet
262Kb / 18P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SX68000M ALLEGRO-SX68000M Datasheet
515Kb / 15P
   High Voltage 3-Phase Motor Drivers
SLA6870MZ ALLEGRO-SLA6870MZ Datasheet
371Kb / 19P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SX68000MH SANKEN-SX68000MH Datasheet
333Kb / 13P
   High Voltage 3-Phase Motor Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com