Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SJPB-H4 Datasheet(PDF) 1 Page - Sanken electric

Part # SJPB-H4
Description  Schottky Barrier Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SJPB-H4 Datasheet(HTML) 1 Page - Sanken electric

  SJPB-H4 Datasheet HTML 1Page - Sanken electric SJPB-H4 Datasheet HTML 2Page - Sanken electric SJPB-H4 Datasheet HTML 3Page - Sanken electric SJPB-H4 Datasheet HTML 4Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
http://www.sanken-ele.co.jp
SJPB-H4
Mar. 2008
Schottky Barrier Rectifier
The information included herein is believed to be accurate and reliable. However, SANKEN ELECTRIC CO., LTD assumes no
responsibility for its use ; nor for any infringements of patents or other rights of third parties that may result from its use.
Copy Right: SANKEN ELECTRIC CO.,LTD.
Page 1
SANKEN ELECTRIC
General Description
SJPB-H4 is a Schottky Barrier Diode, and has achieved low
leakage current and low VF by selecting the best barrier metal.
Package
Applications
●DC-DC converters
●AC adapter
●High frequency rectification circuit
Features
●Super-high speed & low noise switching.
●Low forward voltage drop.
Key Specifications
Symbol
Unit
Rating
Conditions
V
RM
V
40
V
F
V
0.55
I
F=2.0A
I
F(AV)
A
2.0
Typical Characteristics
SJPB-H4 VR-IR Characterisitics
1.0E-07
1.0E-06
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
0
5
10
15
20
25
30
35
40
VR (V)
25℃
100℃
125℃
150℃
SJPB-H4 IF-VF Characteristics
0.001
0.01
0.1
1
10
100
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
1.1 1.2
VF (V)
25℃
100℃
125℃
150℃


Similar Part No. - SJPB-H4

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SJPB-H6 SANKEN-SJPB-H6 Datasheet
188Kb / 4P
   Schottky Barrier Rectifier
SJPB-H9 SANKEN-SJPB-H9 Datasheet
188Kb / 4P
   Schottky Barrier Rectifier
More results

Similar Description - SJPB-H4

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com