Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SID1010CM Datasheet(PDF) 1 Page - Sanken electric

Part # SID1010CM
Description  5phi Round Infrared LEDs
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SID1010CM Datasheet(HTML) 1 Page - Sanken electric

  SID1010CM Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
260
LEDs
0.65max
ø
5.0±0.2
0.5±
0.1
(2.54)
0.5±
0.1
90
°
60
°
30
°
0
°
90
°
60
°
30
°
0
50
100%
50
100%
90
°
60
°
30
°
0
°
90
°
60
°
30
°
0
50
100%
50
100%
SID1010M Series
SID1010XM Series
Part Number
Lens Color
Forward Voltage
Radiant Intensity
Peak Wavelength
Spectrum Half Bandwidth
VF
(V)
TYP
TYP
TYP
MAX
Conditions
IF (mA)
le
(mW/sr)
TYP
Conditions
λP
(nm)
Conditions
IF (mA)
∆λ
(nm)
Conditions
IF (mA)
Chip
Material
Remark
(Dimension A)
SID1010CM
Water clear
1.3
1.5
50
130
(Constant voltage) Vcc=3V, R=2.2
940
50
50
50
GaAs
7.6
±0.2
SID1K10CM
Water clear
1.3
1.5
50
200
(Constant voltage) Vcc=3V, R=2.2
940
50
50
50
GaAs
7.6
±0.2
SID1010CXM
Water clear
1.3
1.5
50
80
(Constant voltage) Vcc=3V, R=2.2
940
50
50
50
GaAs
6.9
±0.2
SID1K10CXM
Water clear
1.3
1.5
50
110
(Constant voltage) Vcc=3V, R=2.2
940
50
50
50
GaAs
6.9
±0.2
■5
φ Round Infrared LEDs
SID1010M Series
Parameter
IF
∆IF
IFP
VR
Top
Tstg
Unit
mA
mA/
°C
mA
V
°C
°C
Ratings
100
–1.33
1000
5
–30 to +85
–30 to +100
Conditions
25
°C or higher
f=1kHz, tw
≤10 s
µ
■Absolute Maximum Rating
Directional Characteristics (representative example)
External Dimensions
(Unit: mm)
Product Mass: Approx. 0.30 g
Dimensional Tolerance:
±0.3
5-2 Infrared LEDs


Similar Part No. - SID1010CM

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SID1010CM SANKEN-SID1010CM Datasheet
41Kb / 2P
   Infrared LEDs
SID1010CM SANKEN-SID1010CM Datasheet
26Kb / 1P
   5phi Round Infrared LED
More results

Similar Description - SID1010CM

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SID1050M SANKEN-SID1050M_08 Datasheet
417Kb / 1P
   5phi Round Infrared LEDs
SEL1062 SANKEN-SEL1062 Datasheet
426Kb / 2P
   5phi Round LEDs
SID300 SANKEN-SID300 Datasheet
27Kb / 1P
   5phi Round Infrared LED
SID1010M SANKEN-SID1010M Datasheet
26Kb / 1P
   5phi Round Infrared LED
SML10051 SANKEN-SML10051_08 Datasheet
429Kb / 2P
   5phi Round Bicolor LEDs
SEL1010M SANKEN-SEL1010M_08 Datasheet
435Kb / 2P
   5phi Round Standard LEDs
SML1016 SANKEN-SML1016_08 Datasheet
444Kb / 2P
   5phi Round Standard Bicolor LEDs
SID1050M SANKEN-SID1050M Datasheet
24Kb / 1P
   5phi Round Infrared LED (Direct Mount)
SEL1010XM SANKEN-SEL1010XM_08 Datasheet
435Kb / 2P
   5phi Round Wide Viewing Angle LEDs
SEL1050M SANKEN-SEL1050M_08 Datasheet
436Kb / 2P
   5phi Round Narrow Viewing Angle LEDs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com