Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SELK5E23C-D Datasheet(PDF) 1 Page - Sanken electric

Part # SELK5E23C-D
Description  5mm Pitch Lead Bow Shaped LEDs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SELK5E23C-D Datasheet(HTML) 1 Page - Sanken electric

  SELK5E23C-D Datasheet HTML 1Page - Sanken electric SELK5E23C-D Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
243
LEDs
■5mm Pitch Lead Bow Shaped LEDs
SEL5023 Series (available as Direct Mount)
* Mass production in preparation
SEL5223S
Red
Transparent red
1.9
2.5
10
25
20
630
10
620
10
35
10
GaAsP
SEL5823A
Amber
Transparent orange
1.9
2.5
10
35
20
610
10
605
10
35
10
GaAsP
SEL5923A
Orange
Transparent orange
1.9
2.5
10
35
20
587
10
590
10
33
10
GaAsP
SEL5723C
Yellow
Water clear
2.0
2.5
10
60
20
570
10
571
10
30
10
GaP
SEL5423E
Green
Transparent green
2.0
2.5
10
40
20
560
10
567
10
20
10
GaP
SEL5523C
Pure green
Water clear
2.0
2.5
10
13
20
555
10
559
10
20
10
GaP
SEL5E23C
Blue
Water clear
4.0
4.8
20
20
20
430
20
466
20
65
20
GaN
SELK5E23C-D
High luminosity Blue
Water clear
3.6
4.0
20
60
20
468
20
470
20
30
20
GaN on Si
SELU5223C-S
      Red
Water clear
2.0
2.5
20
100
20
635
20
625
20
15
20
AlGaInP
SELU5823A-S
      Amber
Transparent orange
2.0
2.5
20
200
20
611
20
605
20
17
20
AlGaInP
SELS5B23C
  Light amber Water clear
2.0
2.5
20
135
20
600
20
596
20
15
20
AlGaInP
SELU5923C-S
      Orange
Water clear
2.0
2.5
20
145
20
591
20
590
20
15
20
AlGaInP
SELU5723C
      Yellow
Water clear
2.0
2.5
20
155
20
572
20
571
20
15
20
AlGaInP
SELT5D23C-S
      Pure green Water clear
3.3
4.0
20
600
10
512
20
520
20
35
20
InGaN
SELS5L23C-S
      Aqua blue
Water clear
3.6
4.0
20
600
20
483
20
487
20
30
20
InGaN
SELT5E23C-S
      Blue
Water clear
3.3
4.0
20
130
10
460
20
465
20
25
20
InGaN
*
Ultrahigh
luminosity
Lens Color
Forward Voltage
Luminous Intensity
Peak Wavelength
Dominant Wavelength Spectrum Half Bandwidth
Chip
Material
VF
(V)
TYP
TYP
TYP
TYP
TYP
MAX
Conditions
IF (mA)
Iv
(mcd)
Conditions
IF (mA)
λP
(nm)
Conditions
IF (mA)
∆λ
(nm)
Conditions
IF (mA)
λd
(nm)
Conditions
IF (mA)
Part Number
Emitting Color
6.2
1.4
(5.0)
0.5
+0.1
0.65max
0.5±
0.1
3.6±
0.2
6.0±
0.2
3.1
90
°
60
°
30
°
0
°
90
°
60
°
30
°
0
50
100%
50
100%
90
°
60
°
30
°
0
°
90
°
60
°
30
°
0
50
100%
50
100%
Directional Characteristics (representative example)
External Dimensions
(Unit: mm)
Product Mass: Approx. 0.23 g
Dimensional Tolerance:
±0.3
5-1-1 Unicolor lamps


Similar Part No. - SELK5E23C-D

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SELK5E20C-D SANKEN-SELK5E20C-D Datasheet
431Kb / 2P
   5mm Pitch Lead Rectangular LEDs
More results

Similar Description - SELK5E23C-D

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SEL4027 SANKEN-SEL4027_08 Datasheet
428Kb / 2P
   4phi Bow Shaped LEDs
SEL4029 SANKEN-SEL4029_08 Datasheet
429Kb / 2P
   3.1phi Bow Shaped LEDs
SEL4028 SANKEN-SEL4028_08 Datasheet
437Kb / 2P
   3.1phi Bow Shaped LEDs
SEL6027 SANKEN-SEL6027_08 Datasheet
437Kb / 2P
   4phi Bow Shaped LEDs
SEL5055 SANKEN-SEL5055_08 Datasheet
427Kb / 2P
   5mm Pitch Lead Egg-Shaped LEDs
SML70023 SANKEN-SML70023_08 Datasheet
432Kb / 2P
   3.3 횞 6 Bow Shaped Bicolor LEDs
SEL4027 SANKEN-SEL4027 Datasheet
26Kb / 1P
   4phi Bow-shaped LED
SEL5023 SANKEN-SEL5023 Datasheet
28Kb / 1P
   5-mm Pitch Lead Bow-shaped LED (Direct Mount)
SEL4028 SANKEN-SEL4028 Datasheet
27Kb / 1P
   3.1phi Bow-shaped LED
SEL4029 SANKEN-SEL4029 Datasheet
26Kb / 1P
   3.1phi Bow-shaped LED (Direct Mount)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com