Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SELT2WH13C Datasheet(PDF) 1 Page - Sanken electric

Part # SELT2WH13C
Description  3phi Inverted-Cone LEDs (for lighting-panels and illumination)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SELT2WH13C Datasheet(HTML) 1 Page - Sanken electric

  SELT2WH13C Datasheet HTML 1Page - Sanken electric SELT2WH13C Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
236
LEDs
■3
φ Inverted-Cone LEDs (for lighting-panels and illumination)
SEL2013 Series
SEL2613CS-S High luminosity red
Transparent light red
1.75
2.2
10
20
20
660
10
642
10
30
10
GaAlAs
SEL2213C
Red
Water clear
1.9
2.5
10
7.0
20
630
10
620
10
35
10
GaAsP
SEL2813A
Amber
Transparent orange
1.9
2.5
10
8.0
20
610
10
605
10
35
10
GaAsP
SEL2913K
Orange
Transparent light orange
1.9
2.5
10
8.0
20
587
10
590
10
33
10
GaAsP
SEL2713K
Yellow
Transparent yellow
2.0
2.5
10
17
20
570
10
571
10
30
10
GaP
SEL2413E
Green
Transparent green
2.0
2.5
10
14
20
560
10
567
10
20
10
GaP
SEL2413G
Green
Diffused green
2.0
2.5
10
12
20
560
10
567
10
20
10
GaP
SEL2513E
Pure green
Transparent green
2.0
2.5
10
5.0
20
555
10
559
10
20
10
GaP
SELT2E13C
Blue
Water clear
3.1
4.0
20
150
20
458
20
465
20
25
20
InGaN
SELT2WA13C
White
Water clear
3.1
4.0
20
280
20
Chromaticity: x=0.300, y=0.295
InGaN
SELT2WC13C
Bulb Light
Water clear
3.1
4.0
20
220
20
Chromaticity: x=0.452, y=0.412
InGaN
SELT2WD13C
Fancy blue green Water clear
3.1
4.0
20
200
20
Chromaticity: x=0.170, y=0.365
InGaN
SELT2WE13C
Light pink
Water clear
3.1
4.0
20
240
20
Chromaticity: x=0.356, y=0.289
InGaN
SELT2WF13C
Light blue green
Water clear
3.1
4.0
20
280
20
Chromaticity: x=0.200, y=0.300
InGaN
SELT2WH13C
Fancy green Water clear
3.1
4.0
20
320
20
Chromaticity: x=0.260, y=0.460
InGaN
SELT2WJ13C
Fancy pink
Water clear
3.1
4.0
20
200
20
Chromaticity: x=0.382, y=0.268
InGaN
SELT2WK13C
Fancy red purple Water clear
3.1
4.0
20
150
20
Chromaticity: x=0.421, y=0.221
InGaN
Ultrahigh
luminosity
Part Number
Emitting Color
Lens Color
Forward Voltage
Luminous Intensity
Peak Wavelength
Dominant Wavelength Spectrum Half Bandwidth
Chip
Material
VF
(V)
TYP
TYP
TYP
TYP
TYP
MAX
Conditions
IF (mA)
Iv
(mcd)
Conditions
IF (mA)
λP
(nm)
Conditions
IF (mA)
∆λ
(nm)
Conditions
IF (mA)
λd
(nm)
Conditions
IF (mA)
3.8±
0.1
(2.54)
0.45±
0.1
0.65max
0.45±
0.1
0.65max
ø
3.1±
0.1
ø
3.1±
0.1
3.8±
0.1
(2.54)
90
°
60
°
30
°
0
°
90
°
60
°
30
°
0
50
100%
50
100%
(Except GaAlAs chip)
(GaAlAs)
Directional Characteristics (representative example)
External Dimensions
(Unit: mm)
Product Mass: Approx. 0.11 g
Dimensional Tolerance:
±0.3
5-1-1 Unicolor lamps


Similar Part No. - SELT2WH13C

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SELT2WH10C SANKEN-SELT2WH10C Datasheet
439Kb / 2P
   3phi Round Standard LEDs
More results

Similar Description - SELT2WH13C

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SEL6013 SANKEN-SEL6013_08 Datasheet
427Kb / 2P
   3phi Inverted-Cone LEDs (for lighting-panels)
SEL1013M SANKEN-SEL1013M Datasheet
434Kb / 2P
   5phi Inverted-Cone LEDs (for lighting-panels and illumination)
SEL2013 SANKEN-SEL2013 Datasheet
29Kb / 1P
   3phi Inverted-cone LED for surface illumination
SEL6013 SANKEN-SEL6013 Datasheet
25Kb / 1P
   3phi Inverted-cone LED for surface illumination (Direct Mount)
SEL1013 SANKEN-SEL1013 Datasheet
25Kb / 1P
   5phi Inverted-cone LED for surface illumination
logo
BetLux Electronics
BL-HP15E-10W BETLUX-BL-HP15E-10W Datasheet
228Kb / 4P
   10W LEDs suitable for illumination lamps and decorative lighting
BL-HP7E-1W BETLUX-BL-HP7E-1W Datasheet
236Kb / 4P
   1W LEDs , suitable for illumination lamps and decorative lighting
BL-HP9E-1W BETLUX-BL-HP9E-1W Datasheet
218Kb / 4P
   1W LEDs , suitable for illumination lamps and decorative lighting
BL-HP39E-100W BETLUX-BL-HP39E-100W Datasheet
128Kb / 3P
   30W LEDs suitable for illumination lamps and decorative lighting
BL-HP51A-2W BETLUX-BL-HP51A-2W Datasheet
127Kb / 3P
   1W LEDs , suitable for illumination lamps and decorative lighting
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com