Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA7835 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LA7835
Description  Vertical Deflection Output Circuit with Driver for Color TV Use
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7835 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LA7835 Datasheet HTML 1Page - Sanyo Semicon Device LA7835 Datasheet HTML 2Page - Sanyo Semicon Device LA7835 Datasheet HTML 3Page - Sanyo Semicon Device LA7835 Datasheet HTML 4Page - Sanyo Semicon Device LA7835 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
Monolithic Linear IC
Vertical Deflection Output Circuit
with Driver for Color TV Use
Ordering number:ENN2863
LA7835
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
12501TN (KT)/90196RM No.2863–1/5
Package Dimensions
unit:mm
3107-SIP13H
[LA7835]
SANYO : SIP13H
Overview
The LA7835 is an IC that contains the vertical deflection
output circuit with a driver for small-aperture (maximum
deflection current 1.8Ap-p) color/B&W TV, monitor/dis-
play use and is placed in a SIP13H package. The LA7835
has such features as greatly reduced number of external
parts and low power dissipation. Since both DC feedback
and AC feedback can be provided inside the IC, it is easy
to design the vertical deflection circuit. The LA7835 can
be used in conjunction with single-chip IC LA7650 (NTSC),
LA7680 series (PAL/NTSC) (VIF, SIF, video, chroma, and
deflection circuit) to provide all the functions required for
color TV signal processing.
Features
• Low power dissipation because of on-chip pump-up cir-
cuit.
• On-chip 50/60Hz vertical size control circuit.
• On-chip ramp generator.
• On-chip driver circuit.
• Vertical output circuit.
• On-chip thermal protection circuit.
• Minimum number of parts required.
Specifications
Maximum Ratings at Ta = 25˚C
˚C
˚C
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
v
y
l
p
p
u
s
r
e
w
o
p
r
e
v
i
r
D
V
+
1
C
C
x
a
m
5
1V
e
g
a
t
l
o
v
y
l
p
p
u
s
r
e
w
o
p
p
u
-
p
m
u
P
V
+
7
C
C
x
a
m
0
3V
e
g
a
t
l
o
v
y
l
p
p
u
s
r
e
w
o
p
t
u
p
t
u
O
V
+
2
1
C
C
x
a
m
2
6V
t
n
e
r
r
u
c
t
u
p
t
u
o
n
o
i
t
c
e
l
f
e
DI
F
E
D
5
.
1
+
o
t
5
.
1
–o
-
p
A
n
o
i
t
a
p
i
s
s
i
d
r
e
w
o
p
e
l
b
a
w
o
ll
Ax
a
m
d
Pk
n
i
s
t
a
e
h
e
t
i
n
i
f
n
i
h
t
i
W
8W
e
r
u
t
a
r
e
p
m
e
t
g
n
i
t
a
r
e
p
Or
p
o
T
5
8
+
o
t
0
2
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
0
4
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
T
θ c
-
j
4
˚C/W
0.4
0.5
3.4
1.15
25.6
10.0
2.4
2.0
1.2
2.0
0.8
1
13


Similar Part No. - LA7835

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7830 SANYO-LA7830 Datasheet
422Kb / 2P
   Color TV Vertical Deflection Output Circuit
LA7831 SANYO-LA7831 Datasheet
78Kb / 2P
   LA7831
LA7832 SANYO-LA7832 Datasheet
63Kb / 3P
   Color TV Vertical Deflection Output Circuit
LA7833 SANYO-LA7833 Datasheet
61Kb / 3P
   Color TV Vertical Deflection Output Circuit
LA7836 SANYO-LA7836 Datasheet
79Kb / 5P
   Vertical Deflection Output Circuit with Driver for TV Sets and Monitors
More results

Similar Description - LA7835

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7832 SANYO-LA7832 Datasheet
63Kb / 3P
   Color TV Vertical Deflection Output Circuit
LA7833 SANYO-LA7833 Datasheet
61Kb / 3P
   Color TV Vertical Deflection Output Circuit
LA7830 SANYO-LA7830 Datasheet
422Kb / 2P
   Color TV Vertical Deflection Output Circuit
logo
NTE Electronics
NTE7056 NTE-NTE7056 Datasheet
72Kb / 3P
   Integrated Circuit Vertical Deflection Output Circuit for Color TV
NTE1767 NTE-NTE1767 Datasheet
24Kb / 3P
   Integrated Circuit Vertical Deflection Output Circuit for Color TV
NTE15002 NTE-NTE15002 Datasheet
21Kb / 2P
   Integrated Circuit Color TV Vertical Deflection Output Circuit
NTE1773 NTE-NTE1773 Datasheet
21Kb / 2P
   Integrated Circuit Color TV Vertical Deflection Output Circuit
logo
List of Unclassifed Man...
2SD402 ETC-2SD402 Datasheet
42Kb / 1P
   Color TV Vertical Deflection Output
logo
Fairchild Semiconductor
KSA1013 FAIRCHILD-KSA1013 Datasheet
55Kb / 5P
   Color TV Audio Output Color TV Vertical Deflection Output
FJC2383 FAIRCHILD-FJC2383 Datasheet
437Kb / 6P
   Color TV Audio Output & Color TV Vertical Deflection Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com