Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P500-G Datasheet(PDF) 7 Page - Bourns Electronic Solutions

Part # P500-G
Description  Extremely high speed performance
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

P500-G Datasheet(HTML) 7 Page - Bourns Electronic Solutions

  P500-G Datasheet HTML 1Page - Bourns Electronic Solutions P500-G Datasheet HTML 2Page - Bourns Electronic Solutions P500-G Datasheet HTML 3Page - Bourns Electronic Solutions P500-G Datasheet HTML 4Page - Bourns Electronic Solutions P500-G Datasheet HTML 5Page - Bourns Electronic Solutions P500-G Datasheet HTML 6Page - Bourns Electronic Solutions P500-G Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
3312 - 2 mm SMD Trimming Potentiometer
500 ns/div.
Ch1 V1
Ch2 V2
Ch3 Current
1
3
2
500 ns/div.
Ch1 V1
Ch2 V2
Ch3 Current
1
3
2
Pxxx-G
-V
REF
MOVs
or
GDTs
V1
V2
TBUP500-G and P850-G Protectors
Reference Designs
A cost-effective protection solution combines the Bourns® TBUprotection device with a pair of MOVs or Bourns® GDTs and a diode
bridge. The diagram below illustrates a common configuration of these components. The graphs to the right demonstrate the
operational characteristics of the circuit.
Common Configuration Diagram
P500-G Solution: 5000 V Lightning 2/10 µsec, 500 A
Asia-Pacific: Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
Europe: Tel: +41-41 768 5555 • Fax: +41-41 768 5510
The Americas: Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com
COPYRIGHT©2008, BOURNS, INC. LITHO IN U.S.A. e 12/08
FU0801
REV. 12/08
P850-G Solution: 4000 V Lightning 10/700 µsec, 100 A
P500-G Configuration (GR-1089 Intra-building and 5 kV Lightning)
Product
Qty.
Part Number
Source
TBUDevice
1
P500-Gxxx-WH
Bourns, Inc.
MOV
2
CNR-10D201K
GNR10D201K
CNR Centra Science
Ceramate Technical
Diode bridge
2
GSD2004S-V
MMBD2004S
Vishay
Diodes Inc.
P850-G Configuration (ITU-T K.20, K.21, K.20E, K.21E, K.45)
Product
Qty.
Part Number
Source
TBUDevice
1
P850-G120-WH
Bourns, Inc.
MOV
2
CNR-10D361K
GNR10D361K
CNR Centra Science
Ceramate Technical
Diode bridge
2
GSD2004S-V
MMBD2004S
Vishay
Diodes Inc.


Similar Part No. - P500-G

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
P500-G BOURNS-P500-G Datasheet
811Kb / 7P
   TBU짰 P500-G and P850-G Protectors
P500-G120-WH BOURNS-P500-G120-WH Datasheet
811Kb / 7P
   TBU짰 P500-G and P850-G Protectors
P500-G120-WH BOURNS-P500-G120-WH Datasheet
811Kb / 7P
   TBU짰 P500-G and P850-G Protectors
P500-G120-WH BOURNS-P500-G120-WH Datasheet
811Kb / 7P
   TBU짰 P500-G and P850-G Protectors
P500-G120-WH BOURNS-P500-G120-WH Datasheet
793Kb / 7P
   P500-G and P850-G Series Dual TBU짰 High-Speed Protectors
More results

Similar Description - P500-G

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
P40-G BOURNS-P40-G Datasheet
548Kb / 7P
   Extremely high speed performance
P650-U BOURNS-P650-U Datasheet
705Kb / 6P
   Extremely high speed performance
logo
MAKO SEMICONDUCTOR CO.,...
BAT54A-KL2 MAKOSEMI-BAT54A-KL2 Datasheet
112Kb / 2P
   Extremely Fast Switching Speed
logo
List of Unclassifed Man...
BAT54S-KL4 ETC2-BAT54S-KL4 Datasheet
112Kb / 2P
   Extremely Fast Switching Speed
logo
Nanjing International G...
BAT54S DGNJDZ-BAT54S Datasheet
441Kb / 2P
   Extremely Fast Switching Speed
logo
List of Unclassifed Man...
BAT54-KL1 ETC2-BAT54-KL1 Datasheet
112Kb / 2P
   Extremely Fast Switching Speed
logo
BCD Semiconductor Manuf...
AP2122 BCDSEMI-AP2122 Datasheet
238Kb / 20P
   HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
AP2121 BCDSEMI-AP2121_07 Datasheet
271Kb / 21P
   HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
logo
Diodes Incorporated
AP2120 DIODES-AP2120 Datasheet
643Kb / 19P
   HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
Rev. 5 - 2 March 2021
AP2121 DIODES-AP2121 Datasheet
1Mb / 29P
   HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
Rev. 2 - 6 Dec 2012
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com