Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGM623S Datasheet(PDF) 4 Page - Sanken electric

Part # FGM623S
Description  Low Saturation Voltage VCE(sat)=1.5V typ. (IC=30A)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

FGM623S Datasheet(HTML) 4 Page - Sanken electric

  FGM623S Datasheet HTML 1Page - Sanken electric FGM623S Datasheet HTML 2Page - Sanken electric FGM623S Datasheet HTML 3Page - Sanken electric FGM623S Datasheet HTML 4Page - Sanken electric FGM623S Datasheet HTML 5Page - Sanken electric FGM623S Datasheet HTML 6Page - Sanken electric FGM623S Datasheet HTML 7Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
http://www.sanken-ele.co.jp
FGM623S
Jul. 2010
The information included herein is believed to be accurate and reliable. However, SANKEN ELECTRIC CO., LTD assumes no
responsibility for its use ; nor for any infringements of patents or other rights of third parties that may result from its use.
Copy Right: SANKEN ELECTRIC CO.,LTD.
Page 4
SANKEN ELECTRIC
Characteristic Curves
0
20
40
60
80
100
012
345
VCE (V)
IC - VCE (typical)
VGE=20V
Ta=25℃
15V
10V
8V
7V
0
20
40
60
80
100
012
34
5
VCE (V)
IC - VCE (typical)
VGE=20V
15V
10V
8V
7V
Ta=125℃
0
1
2
3
4
-50
0
50
100
150
Tc (℃)
VCE(sat) - Tc (typical)
IC=100A
50A
30A
VGE=15V
0
20
40
60
80
100
0
5
10
15
VGE (V)
IC - VGE (typical)
Tc=125℃
25℃
-55℃
VCE=5V
0
1
2
3
4
5
1
10
100
VGE (V)
VCE - VGE (typical)
Tc=25℃
IC=100A
50A
30A
0
1
2
3
4
5
1
10
100
VGE (V)
VCE - VGE (typical)
Tc=125℃
IC=100A
50A
30A


Similar Part No. - FGM623S

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FGM623S SANKEN-FGM623S Datasheet
388Kb / 7P
   Low Saturation Voltage
FGM623S SANKEN-FGM623S Datasheet
175Kb / 4P
   Selection Guide
logo
Inchange Semiconductor ...
FGM623S ISC-FGM623S Datasheet
266Kb / 2P
   Trench IGBT
More results

Similar Description - FGM623S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGH30N60LSD FAIRCHILD-FGH30N60LSD Datasheet
714Kb / 9P
   Low saturation voltage: VCE(sat) =1.1V @ IC = 30A
logo
Inchange Semiconductor ...
2N5495 ISC-2N5495 Datasheet
140Kb / 2P
   Low Saturation Voltage-: VCE (sat)= 1V(Max)@IC= 3A
2N5497 ISC-2N5497 Datasheet
140Kb / 2P
   Low Saturation Voltage-: VCE (sat)= 1V(Max)@IC= 3.5A
logo
First Silicon Co., Ltd
FTC2655 FS-FTC2655 Datasheet
162Kb / 2P
   Low Saturation Voltage: VCE(sat)=0.5V(Max)(IC=1A)
logo
Fairchild Semiconductor
SGP23N60UFTU FAIRCHILD-SGP23N60UFTU Datasheet
416Kb / 7P
   Low Saturation Voltage: VCE(sat) = 2.1 V @ IC = 12 A
logo
MAKO SEMICONDUCTOR CO.,...
2SB1073 MAKOSEMI-2SB1073 Datasheet
102Kb / 2P
   Low collector-emitter saturation voltage VCE(sat)
2SB1132 MAKOSEMI-2SB1132 Datasheet
124Kb / 2P
   Low VCE(sat) 0.2V(Typ) IC/IB=-500mA/-50mA
2SB1424 MAKOSEMI-2SB1424 Datasheet
132Kb / 2P
   Low VCE(SAT) 0.2V(Typ.) (IC/IB=-2A/-0.1mA).
logo
Rohm
2SB1184TLR ROHM-2SB1184TLR Datasheet
172Kb / 4P
   Low VCE(sat).VCE(sat) = -0.5V (Typ.)(IC/IB = -2A / -0.2A), Complements the 2SD1760 / 2SD1864.
2SC5053_REV2008 ROHM-2SC5053_REV2008 Datasheet
84Kb / 3P
   Low saturation voltage, typically VCE(sat)=0.12V at IC/IB=500mA/50mA
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com