Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-93C46BR0I-J8T1G Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S-93C46BR0I-J8T1G
Description  3-WIRE SERIAL E2PROM
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-93C46BR0I-J8T1G Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S-93C46BR0I-J8T1G Datasheet HTML 7Page - Seiko Instruments Inc S-93C46BR0I-J8T1G Datasheet HTML 8Page - Seiko Instruments Inc S-93C46BR0I-J8T1G Datasheet HTML 9Page - Seiko Instruments Inc S-93C46BR0I-J8T1G Datasheet HTML 10Page - Seiko Instruments Inc S-93C46BR0I-J8T1G Datasheet HTML 11Page - Seiko Instruments Inc S-93C46BR0I-J8T1G Datasheet HTML 12Page - Seiko Instruments Inc S-93C46BR0I-J8T1G Datasheet HTML 13Page - Seiko Instruments Inc S-93C46BR0I-J8T1G Datasheet HTML 14Page - Seiko Instruments Inc S-93C46BR0I-J8T1G Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
3-WIRE SERIAL E
2PROM
Rev.7.0_00
S-93C46B/56B/66B
Seiko Instruments Inc.
11
Operation
All instructions are executed by inputting DI in synchronization with the rising edge of SK after CS goes high.
An
instruction set is input in the order of start bit, instruction, address, and data.
Instruction input finishes when CS goes low.
A low level must be input to CS between commands during tCDS.
While a low level is being input to CS, the S-93C46B/56B/66B is in standby mode, so the SK and DI inputs are
invalid and no instructions are allowed.
Start Bit
A start bit is recognized when the DI pin goes high at the rise of SK after CS goes high.
After CS goes high, a start
bit is not recognized even if the SK pulse is input as long as the DI pin is low.
1.
Dummy clock
SK clocks input while the DI pin is low before a start bit is input are called dummy clocks.
Dummy clocks are
effective when aligning the number of instruction sets (clocks) sent by the CPU with those required for serial
memory operation.
For example, when a CPU instruction set is 16 bits, the number of instruction set clocks
can be adjusted by inserting a 7-bit dummy clock for the S-93C46B and a 5-bit dummy clock for the S-
93C56B/66B.
2.
Start bit input failure
• When the output status of the DO pin is high during the verify period after a write operation, if a high level is
input to the DI pin at the rising edge of SK, the S-93C46B/56B/66B recognizes that a start bit has been input.
To prevent this failure, input a low level to the DI pin during the verify operation period (refer to “4.1 Verify
operation
”).
• When a 3-wire interface is configured by connecting the DI input pin and DO output pin, a period in which the
data output from the CPU and the serial memory collide may be generated, preventing successful input of the
start bit.
Take the measures described in “
3-Wire Interface (Direct Connection between DI and DO)
”.


Similar Part No. - S-93C46BR0I-J8T1G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93C46BR0I-J8T1G SII-S-93C46BR0I-J8T1G Datasheet
498Kb / 45P
   CMOS SERIAL E2PROM
More results

Similar Description - S-93C46BR0I-J8T1G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93C46C SII-S-93C46C Datasheet
2Mb / 39P
   3-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-93C46C ABLIC-S-93C46C Datasheet
641Kb / 39P
   3-WIRE SERIAL E2PROM
Rev.1.1_01
logo
Seiko Instruments Inc
S93S46A SII-S93S46A Datasheet
362Kb / 25P
   3-WIRE SERIAL E2PROM FOR AUTOMOTIVE
S-93A46B SII-S-93A46B Datasheet
1Mb / 39P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
S93C86B-H SII-S93C86B-H Datasheet
1Mb / 28P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
S24C256C SII-S24C256C Datasheet
1Mb / 35P
   2-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-24C512C ABLIC-S-24C512C Datasheet
493Kb / 35P
   2-WIRE SERIAL E2PROM
Rev.2.0_03_S
logo
Seiko Instruments Inc
S-93C76A-H SII-S-93C76A-H Datasheet
1Mb / 28P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
S-93C46C-H SII-S-93C46C-H Datasheet
1Mb / 39P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
S93L76A SII-S93L76A Datasheet
1Mb / 37P
   LOW VOLTAGE OPERATION 3-WIRE SERIAL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com