Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHF190104KBF500L Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # CHF190104KBF500L
Description  1 kW Stripline Termination
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CHF190104KBF500L Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CHF190104KBF500L Datasheet HTML 1Page - Bourns Electronic Solutions CHF190104KBF500L Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
CHF190104KxBF Series 1 kW Stripline Termination
Typical Performance
Mounting High Power Devices
The mounting surface must be flat to less than 0.0254 mm (0.001 inch) and devoid of
scratches or burrs. The underside of the flange should be brushed with thermal
grease prior to being fastened to the heat sink with mounting screws. The thermal
grease will fill any air gaps and help to keep a good thermal contact.
Pre-tin the tab prior to installation. Position the tab over the circuit and solder in place.
Ensure that the temperature on the surface of the flange does not exceed 110 ˚C when
running at 100 % of load. If the temperature increases then derate the power.
Termination/Resistor
Tabs (1 for Termination, 2 for Resistors)
Heat Sink/Ground Plane
Circuit Board
Flange
F (GHz)
-10.00
-20.00
-30.00
-40.00
-50.00
0.05
1.00
0.470 GHz -38.48 dB
0.800 GHz -31.83 dB
1.000 GHz -19.53 dB
10/09


Similar Part No. - CHF190104KBF500L

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CHF190104KBF500L BOURNS-CHF190104KBF500L Datasheet
200Kb / 2P
   1 kW Stripline Termination
More results

Similar Description - CHF190104KBF500L

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CHF190104KBF500L BOURNS-CHF190104KBF500L Datasheet
200Kb / 2P
   1 kW Stripline Termination
CHF9838CBF BOURNS-CHF9838CBF_08 Datasheet
147Kb / 1P
   250 W Stripline Termination and Resistor
logo
Nexperia B.V. All right...
PDTA113E_SER NEXPERIA-PDTA113E_SER Datasheet
235Kb / 19P
   PNP resistor-equipped transistors; R1 = 1 kW, R2 = 1 kW
Rev. 05 - 2 September 2009
logo
NXP Semiconductors
PDTA113E NXP-PDTA113E Datasheet
121Kb / 18P
   PNP resistor-equipped transistors; R1 = 1 kW, R2 = 1 kW
Rev. 05-2 September 2009
logo
Rosenberger Hochfrequen...
32K724-600S5 ROSENBERGER-32K724-600S5 Datasheet
226Kb / 2P
   PANEL JACK STRIPLINE
32K424-600S5 ROSENBERGER-32K424-600S5 Datasheet
225Kb / 2P
   PANEL JACK STRIPLINE
logo
NXP Semiconductors
PBRP113ET NXP-PBRP113ET Datasheet
118Kb / 12P
   PNP 800 mA, 40 V BISS RET; R1 = 1 kW, R2 = 1 kW
Rev. 01-17 December 2007
logo
Rosenberger Hochfrequen...
32K441-600L5 ROSENBERGER-32K441-600L5 Datasheet
225Kb / 2P
   PANEL JACK STRIPLINE
logo
Nexperia B.V. All right...
PBRN113E_SER NEXPERIA-PBRN113E_SER Datasheet
777Kb / 17P
   NPN 800 mA, 40 V BISS RETs; R1 = 1 kW, R2 = 1 kW
Rev. 01 - 1 March 2007
logo
NXP Semiconductors
PDTA113Z NXP-PDTA113Z Datasheet
121Kb / 18P
   PNP resistor-equipped transistors; R1 = 1 kW, R2 = 10 kW
Rev. 04-2 September 2009
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com