Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-93C56BR0I-T8T1U Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S-93C56BR0I-T8T1U
Description  3-WIRE SERIAL E2PROM
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-93C56BR0I-T8T1U Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S-93C56BR0I-T8T1U Datasheet HTML 5Page - Seiko Instruments Inc S-93C56BR0I-T8T1U Datasheet HTML 6Page - Seiko Instruments Inc S-93C56BR0I-T8T1U Datasheet HTML 7Page - Seiko Instruments Inc S-93C56BR0I-T8T1U Datasheet HTML 8Page - Seiko Instruments Inc S-93C56BR0I-T8T1U Datasheet HTML 9Page - Seiko Instruments Inc S-93C56BR0I-T8T1U Datasheet HTML 10Page - Seiko Instruments Inc S-93C56BR0I-T8T1U Datasheet HTML 11Page - Seiko Instruments Inc S-93C56BR0I-T8T1U Datasheet HTML 12Page - Seiko Instruments Inc S-93C56BR0I-T8T1U Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
3-WIRE SERIAL E
2PROM
Rev.7.0_00
S-93C46B/56B/66B
Seiko Instruments Inc.
9
AC Electrical Characteristics
Table 18
Measurement Conditions
Input pulse voltage
0.1
× V
CC to 0.9 × VCC
Output reference voltage
0.5
× V
CC
Output load
100 pF
Table 19
(Ta =
−40 to +85°C unless otherwise specified)
VCC = 4.5 to 5.5 V VCC = 2.5 to 4.5 V VCC = 1.8 to 2.5 V
Item
Symbol
Min.
Max.
Min.
Max.
Min.
Max.
Unit
CS setup time
tCSS
0.2
0.4
1.0
μs
CS hold time
tCSH
0
0
0
μs
CS deselect time
tCDS
0.2
0.2
0.4
μs
Data setup time
tDS
0.1
0.2
0.4
μs
Data hold time
tDH
0.1
0.2
0.4
μs
Output delay time
tPD
0.4
0.8
2.0
μs
Clock frequency
*1
fSK
0
2.0
0
0.5
0
0.25
MHz
SK clock time “L”
*1
tSKL
0.1
0.5
1.0
μs
SK clock time “H”
*1
tSKH
0.1
0.5
1.0
μs
Output disable time
tHZ1, tHZ2
0
0.15
0
0.5
0
1.0
μs
Output enable time
tSV
0
0.15
0
0.5
0
1.0
μs
*1.
The clock cycle of the SK clock (frequency: fSK) is 1/fSK μs.
This clock cycle is determined by a
combination of several AC characteristics, so be aware that even if the SK clock cycle time is minimized,
the clock cycle (1/fSK) cannot be made equal to tSKL(Min.) + tSKH(Min.).
Table 20
(Ta =
−40 to +85°C unless otherwise specified)
VCC = 2.7 to 5.5 V
Item
Symbol
Min.
Typ.
Max.
Unit
Write time
tPR
4.0
8.0
ms


Similar Part No. - S-93C56BR0I-T8T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93C56BR0I-T8T1G SII-S-93C56BR0I-T8T1G Datasheet
498Kb / 45P
   CMOS SERIAL E2PROM
More results

Similar Description - S-93C56BR0I-T8T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93C46C SII-S-93C46C Datasheet
2Mb / 39P
   3-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-93C46C ABLIC-S-93C46C Datasheet
641Kb / 39P
   3-WIRE SERIAL E2PROM
Rev.1.1_01
logo
Seiko Instruments Inc
S93S46A SII-S93S46A Datasheet
362Kb / 25P
   3-WIRE SERIAL E2PROM FOR AUTOMOTIVE
S-93A46B SII-S-93A46B Datasheet
1Mb / 39P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
S93C86B-H SII-S93C86B-H Datasheet
1Mb / 28P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
S24C256C SII-S24C256C Datasheet
1Mb / 35P
   2-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-24C512C ABLIC-S-24C512C Datasheet
493Kb / 35P
   2-WIRE SERIAL E2PROM
Rev.2.0_03_S
logo
Seiko Instruments Inc
S-93C76A-H SII-S-93C76A-H Datasheet
1Mb / 28P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
S-93C46C-H SII-S-93C46C-H Datasheet
1Mb / 39P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
S93L76A SII-S93L76A Datasheet
1Mb / 37P
   LOW VOLTAGE OPERATION 3-WIRE SERIAL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com