Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7813 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 7813
Description  SMD 3 mm Square Sealed Rotary Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

7813 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  7813 Datasheet HTML 1Page - Bourns Electronic Solutions 7813 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
7813 SMD 3 mm Square Sealed Rotary Switch
Packaging Specifications
DIMENSIONS:
MM
(INCHES)
REV. 03/10
3.8 ± 0.2
(.150 ± .008)
5.52 ± 0.18
(.217 ± .007)
2.0 ± 0.1
(.079 ± .004)
4.0 ± 0.1
(.157 ± .004)
1.75 ± 0.10
(.069 ± .004)
12.0 ± 0.2
(.472 ± .008)
1.5 ± 0.1
(.059 ± .004)
Meets EIA 481
21.01 ± 0.79
(.827 ± .031)
180.0 ± 5 DIA.
(7.087 ± .197)
1.78
(.070)
MIN.
EQUAL
SPACED
3 PLCS.
60.0 ± 2.0
(2.362 ± .079)
12.40 + 2.00/ -.000
(.488 = .079/ -.000)
2.67 ± .25
(.105 ± .010)
REEL
TAPE
2.5 ± 0.1
(.098 ± .004)
.30 ± 0.1
(.012 ± .004)
1.5 ± 0.2
(.059 ± .008)
13.0 ± 0.51
(.512 ± .020)
DIA.
4.0 ± 0.1
(.157 ± .004)
7813J
5° ± 2°
4.20 ± 0.20
(.165 ± .008)
5.80 ± 0.10
(.228 ± .004)
MAX
0.40
(.016)
4.00 ± 0.10
(.157 ± .004)
4.10 ± 0.20
(.161 ± .008)
13.00 ± 5.08
(0.51 ± 0.02)
2.00 ± 0.10
(.079 ± .004)
12.00 ± 0.10
(.472 ± .004)
1.5 ± 0.20
(.059 ± .008)
7.50 ± 0.10
(.295 ± .004)
16.00 ± 0.30
(.630 ± .012)
DIA.
1.5 + 0.10
(.059 + .004)
DIA.
Meets EIA 481
TAPE
DIA.
DIA.
1.78 ± .254
(0.07 ± 0.01)
2.67 ± .254
(0.11 ± 0.01)
59.18 ± 2.03
(2.33 ± 0.08)
16.4 + 2.0/ -.00
(0.65 + 0.08/ -00)
177.8 ± 2.03
(7.0 ± 0.08)
21.01 ± .787
(0.83 ± 0.03)
EQUAL SPACED
3 PLCS.
DIA.
REEL
7813S


Similar Part No. - 7813

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7813 BOURNS-7813 Datasheet
140Kb / 2P
   SMD 3 mm Square Sealed Rotary Switch
logo
List of Unclassifed Man...
7813 ETC2-7813 Datasheet
515Kb / 1P
   QUICK-FIT TERMINALS
logo
Bourns Electronic Solut...
7813 BOURNS-7813 Datasheet
171Kb / 2P
   SMD 3 mm Square Sealed Rotary Switch
logo
National Instruments Co...
781325-01 NI-781325-01 Datasheet
124Kb / 1P
   NI MyDAQ
10/28/2011
logo
Bourns Electronic Solut...
7813J BOURNS-7813J Datasheet
202Kb / 2P
   Trimmer
More results

Similar Description - 7813

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7813 BOURNS-7813 Datasheet
140Kb / 2P
   SMD 3 mm Square Sealed Rotary Switch
7813 BOURNS-7813_12 Datasheet
171Kb / 2P
   SMD 3 mm Square Sealed Rotary Switch
7814 BOURNS-7814 Datasheet
145Kb / 2P
   SMD 4 mm Square Sealed Rotary Switch
7814 BOURNS-7814_09 Datasheet
327Kb / 2P
   SMD 4 mm Square Sealed Rotary Switch
7814 BOURNS-7814_11 Datasheet
300Kb / 1P
   SMD 4 mm Square Sealed Rotary Switch
7814J BOURNS-7814J Datasheet
299Kb / 1P
   7814 SMD 4 mm Square Sealed Rotary Switch
Jan 27, 2003
7829 BOURNS-7829 Datasheet
422Kb / 1P
   6 mm Through-hole Sealed Rotary Switch
logo
Omron Electronics LLC
A6CV OMRON-A6CV Datasheet
583Kb / 4P
   Sealed Rotary DIP Switch
logo
Panasonic Semiconductor
EVCX PANASONIC-EVCX Datasheet
97Kb / 2P
   18 mm Square Rotary Potentiometers
logo
Omron Electronics LLC
A6A OMRON-A6A Datasheet
614Kb / 6P
   Sealed Rotary DIP Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com