Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN3730UFB4 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN3730UFB4
Description  30V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3730UFB4 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN3730UFB4 Datasheet HTML 1Page - Diodes Incorporated DMN3730UFB4 Datasheet HTML 2Page - Diodes Incorporated DMN3730UFB4 Datasheet HTML 3Page - Diodes Incorporated DMN3730UFB4 Datasheet HTML 4Page - Diodes Incorporated DMN3730UFB4 Datasheet HTML 5Page - Diodes Incorporated DMN3730UFB4 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMN3730UFB4
Document number: DS35017 Rev. 3 - 2
2 of 6
www.diodes.com
December 2010
© Diodes Incorporated
DMN3730UFB4
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±8
Continuous Drain Current
VGS = 4.5V
(Note 5)
ID
0.91
A
TA = 70°C (Note 5)
0.73
(Note 4)
0.75
Pulsed Drain Current
(Note 6)
IDM
3
Thermal Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Power Dissipation
(Note 5)
PD
0.69
W
(Note 4)
0.47
Thermal Resistance, Junction to Ambient
(Note 5)
RθJA
180
°C/W
(Note 4)
258
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
30
-
-
V
VGS = 0V, ID = 10μA
Zero Gate Voltage Drain Current
IDSS
-
-
1
μA
VDS = 30V, VGS = 0V
Gate-Source Leakage
IGSS
-
-
3
μA
VGS = ±8V, VDS = 0V
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(th)
0.45
-
0.95
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance (Note 7)
RDS(on)
-
-
460
VGS = 4.5V, ID = 200mA
560
VGS = 2.5V, ID = 100mA
730
VGS = 1.8V, ID = 75mA
Forward Transfer Admittance
|Yfs|
40
-
-
mS
VDS = 3V, ID = 10mA
Diode Forward Voltage (Note 7)
VSD
-
0.7
1.2
V
VGS = 0V, IS = 300mA
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
-
64.3
-
pF
VDS = 25V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
-
6.1
-
pF
Reverse Transfer Capacitance
Crss
-
4.5
-
pF
Gate Resistance
Rg
-
70
-
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge
Qg
-
1.6
-
nC
VGS = 4.5V, VDS = 15V,
ID = 1A
Gate-Source Charge
Qgs
-
0.2
-
nC
Gate-Drain Charge
Qgd
-
0.2
-
nC
Turn-On Delay Time
tD(on)
-
3.5
-
ns
VDS = 10V, ID = 1A
VGS = 10V, RG = 6Ω
Turn-On Rise Time
tr
-
2.8
-
ns
Turn-Off Delay Time
tD(off)
-
38
-
ns
Turn-Off Fall Time
tf
-
13
-
ns
Notes:
4. For a device surface mounted on a minimum recommended pad layout of an FR4 PCB, in still air conditions; the device is measured when operating in
steady-state condition.
5. Same as note 4, except the device measured at t
≤ 10 sec.
6. Same as note 4, except the device is pulsed at duty cycle of 1% for a pulse width of 10
μs.
7. Measured under pulsed conditions to minimize self-heating effect. Pulse width
≤ 300μs; duty cycle ≤ 2%
8. For design aid only, not subject to production testing.


Similar Part No. - DMN3730UFB4

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN3730UFB4-7 DIODES-DMN3730UFB4-7 Datasheet
425Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN3730UFB4-7B DIODES-DMN3730UFB4-7B Datasheet
425Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN3730UFB4 DIODES-DMN3730UFB4_15 Datasheet
425Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMN3730UFB4

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3A01F ZETEX-ZXMN3A01F Datasheet
1Mb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A14F ZETEX-ZXMN3A14F Datasheet
209Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A01E6 ZETEX-ZXMN3A01E6 Datasheet
1Mb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
WILLAS ELECTRONIC CORP
SE4812LT1 WILLAS-SE4812LT1 Datasheet
428Kb / 4P
   30V N-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
ZXM64N03X DIODES-ZXM64N03X Datasheet
337Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LN2306LT1G LRC-LN2306LT1G_15 Datasheet
825Kb / 4P
   30V N-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMG6402LVT DIODES-DMG6402LVT_15 Datasheet
220Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTNK8S3 CYSTEKEC-MTNK8S3 Datasheet
488Kb / 9P
   30V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJS50N03 PANJIT-PJS50N03 Datasheet
227Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3K01N3 CYSTEKEC-MTN3K01N3 Datasheet
319Kb / 8P
   30V N-CHANNEL Enhancement Mode MOSFET
logo
Pan Jit International I...
PJ4812 PANJIT-PJ4812_09 Datasheet
379Kb / 5P
   30V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com