Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AW-10PR Datasheet(PDF) 1 Page - Projects Unlimited, Inc.

Part # AW-10PR
Description  Siren
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUI [Projects Unlimited, Inc.]
Direct Link  http://www.pui.com
Logo PUI - Projects Unlimited, Inc.

AW-10PR Datasheet(HTML) 1 Page - Projects Unlimited, Inc.

  AW-10PR Datasheet HTML 1Page - Projects Unlimited, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DETAIL "A"
DETAIL "B"
VOLUME CONTROL
Siren
AW-10PR
J.A.F.
E.P.
B.R.
5/20/2010
-
Designed by
Checked by
Approved by
Drawn Date
1 / 1
Edition
Sheet
Date
12/21/2005
Date
12/21/2005
Date
12/21/2005
UNLESS OTHERWISE
SPECIFIED:
DIMENSIONS ARE IN
MILLIMETERS,
TOLERANCES
ARE ±0.5 AND
ANGLES ARE ±3°.
AW-10PR.idw
A3
SIZE
MAX
1=CLOSED
0=OPEN
DETAIL "A"
DETAIL "B"
REVISION HISTORY
LTR
DESCRIPTION
DATE
APPROVED
-
RELEASED FROM ENGINEERING
12/21/2005
A
ADDED VOLUME CONTROL & TONE SWITCHES
12/19/2006
R.W.
B
REVISED LEAD WIRE DIMENSIONS
12/20/2006
R.W.
C
ADDED RoHS NOTE
5/21/2007
R.W.
D
REVISED DETAIL "A" DIL SWITCH
3/11/2009
B.R.
E
REVISED TO INVENTOR 3-D DRAWING TEMPLATE
5/20/2010
B.R.
SPECIFICATIONS
PARAMETERS
VALUES
UNITS
RATED VOLTAGE
24
Vdc
OPERATING VOLTAGE RANGE
9 ~ 28
Vdc
TONE OUTPUT
SEE 32 TONE
CHART
-
CURRENT CONSUMPTION
(NOMINAL)
SEE 32 TONE
CHART
mA
INGRESS PROTECTION
IP65
-
CASE MATERIAL/COLOR
ABS/RED
-
TERMINAL
LEAD WIRE
-
OPERATING TEMPERATURE
-10 ~ +60
°C
WEIGHT
95
grams
THIS DOCUMENT CONTAINS DATA
PROPRIETARY TO PROJECTS UNLIMITED, INC.
ANY USE OR REPRODUCTION, IN ANY FORM,
WITHOUT PRIOR WRITTEN PERMISSION OF
PROJECTS UNLIMITED, INC. IS PROHIBITED.
©2003, Projects Unlimited Inc.
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. SPECIFICATIONS SUBJECT TO CHANGE OR WITHDRAWL
WITHOUT NOTICE.
3. THIS PART IS RoHS 2002/95/EC COMPLIANT.
n50
200
`5
3
`2
45
13.5
Ø26
BLACK (-)
RED (+)
BLUE (-)


Similar Part No. - AW-10PR

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
AW-10PR PUIAUDIO-AW-10PR Datasheet
265Kb / 1P
   ALL DIMENSIONS ARE IN MILLIMETERS
logo
Projects Unlimited, Inc...
AW-10PR-NSVC PUI-AW-10PR-NSVC Datasheet
221Kb / 1P
   Siren
logo
PUI audio inc.
AW-10PR-NSVC PUIAUDIO-AW-10PR-NSVC Datasheet
259Kb / 1P
   ALL DIMENSIONS ARE IN MILLIMETERS
More results

Similar Description - AW-10PR

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
AW-15SBR-120 PUI-AW-15SBR-120 Datasheet
97Kb / 1P
   Siren
VW-05MR-RL PUI-VW-05MR-RL Datasheet
83Kb / 1P
   SIREN
AW-10FW PUI-AW-10FW Datasheet
191Kb / 1P
   Siren
logo
CUI INC
CPS-5248-105PM CUI-CPS-5248-105PM Datasheet
295Kb / 4P
   SIREN
01/22/2020
CPS-4242-100T CUI-CPS-4242-100T Datasheet
1Mb / 4P
   SIREN
01/22/2020
CPS-8542-110PM CUI-CPS-8542-110PM Datasheet
281Kb / 4P
   SIREN
01/22/2020
logo
CUI Devices
CPS-105110-108SPM CUID-CPS-105110-108SPM Datasheet
284Kb / 4P
   SIREN
08/05/2022
CPS-5952-105PM CUID-CPS-5952-105PM Datasheet
297Kb / 4P
   SIREN
08/05/2022
logo
List of Unclassifed Man...
SSX-52 ETC2-SSX-52 Datasheet
341Kb / 2P
   DURABLE SIREN/SIREN STROBE
logo
Projects Unlimited, Inc...
AW-15SBR PUI-AW-15SBR Datasheet
280Kb / 1P
   Siren
AW-10CSR PUI-AW-10CSR Datasheet
69Kb / 1P
   SIREN
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com