Part Name
         Description
DFLR1800-7

 1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER ( 4 Page)


DIODES
100% 
Zoom Out Zoom In
   
 3 page
background image
DFLR1800
Document number: DS35075 Rev. 2 - 2
3 of 4
December 2010
© Diodes Incorporated
DFLR1800
PowerDI is a registered trademark of Diodes Incorporated.
1
10
100
0.1
1
10
100
V , REVERSE VOLTAGE(V)
Fig 3. Typical Junction Capacitance
R
0
0.4
1.2
0
25
50
75
100
125
150
T , AMBIENT TEMPERATURE ( C)
Fig. 4 DC Forward Current Derating
A
°
0.2
0.6
0.8
1.0
Note 3
0
25
50
75
100
125
150
100
V , REVERSE VOLTAGE (V)
Fig. 5 V vs. T
R
RA
200 300 400 500 600 700 800
0900 1000
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
IF
, AVER AGE FORWARD CUR RENT (A)
Fig 6. Forward Power Dissipation
(AV)
Package Outline Dimensions
PowerDI
®123
Dim
Min
Max
Typ
A
3.50 3.90 3.70
B
2.60 3.00 2.80
C
1.63 1.93 1.78
D
0.93 1.00 0.98
E
0.85 1.25 1.00
H
0.15 0.25 0.20
L
0.55 0.75 0.65
L1
1.80 2.20 2.00
L2
0.95 1.25 1.10
All Dimensions in mm
A
E
L
L1
B
C
E
L2
H
D



Html Pages

1  2  3  4 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl