Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP8800_0912 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP8800_0912
Description  350mA LED Step-down Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP8800_0912 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP8800_0912 Datasheet HTML 5Page - Diodes Incorporated AP8800_0912 Datasheet HTML 6Page - Diodes Incorporated AP8800_0912 Datasheet HTML 7Page - Diodes Incorporated AP8800_0912 Datasheet HTML 8Page - Diodes Incorporated AP8800_0912 Datasheet HTML 9Page - Diodes Incorporated AP8800_0912 Datasheet HTML 10Page - Diodes Incorporated AP8800_0912 Datasheet HTML 11Page - Diodes Incorporated AP8800_0912 Datasheet HTML 12Page - Diodes Incorporated AP8800_0912 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
AP8800
350mA LED Step-down Converter
AP8800 Rev. 4
9 of 13
DECEMBER 2009
DS31764
www.diodes.com
© Diodes Incorporated
(1) SOP-8L
( Top View )
AP8800
YY WWX X
Logo
Part Number
5
8
4
1
WW : Week : 01~52; 52
YY : Year : 08, 09,10~
G : Green
X : Internal Code
represents 52 and 53 week
(2) MSOP-8L
AP8800
( Top View )
Y W X
Part Number
Logo
Y : Year : 0~9
A~Z : Green
87
6
5
1
23
4
a~z : 27~52 week; z represents
W : Week : A~Z : 1~26 week;
52 and 53 week
(3) DFN3030-10
XX : Identification Code
( Top View )
X : A~Z : Green
X
Y
X X
W
Y : Year : 0~9
W : Week : A~Z : 1~26 week;
a~z : 27~52 week; z represents
52 and 53 week
Part Number
Package
Identification Code
AP8800FNG-7
DFN3030-10
A4
Marking Information


Similar Part No. - AP8800_0912

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP8800A DIODES-AP8800A Datasheet
153Kb / 12P
   COST EFFECTIVE 28V BUCK 1-W LED DRIVER
AP8800AWT-7 DIODES-AP8800AWT-7 Datasheet
153Kb / 12P
   COST EFFECTIVE 28V BUCK 1-W LED DRIVER
AP8800EV1 DIODES-AP8800EV1 Datasheet
175Kb / 8P
   step-down DC/DC converter designed to drive LEDs with a constant current.
AP8800EV2 DIODES-AP8800EV2 Datasheet
177Kb / 8P
   The evaluation board does not have reverse polarity protection
AP8800FNG-7 DIODES-AP8800FNG-7 Datasheet
198Kb / 11P
   350mA LED Step-Down Converter
AP8800 Rev. 1
More results

Similar Description - AP8800_0912

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP8800 DIODES-AP8800 Datasheet
198Kb / 11P
   350mA LED Step-Down Converter
AP8800 Rev. 1
logo
Texas Instruments
LM3673 TI1-LM3673_14 Datasheet
5Mb / 23P
[Old version datasheet]   2MHz, 350mA Step-Down DC-DC Converter
logo
ON Semiconductor
CAT4201TD-GT3 ONSEMI-CAT4201TD-GT3 Datasheet
281Kb / 15P
   350mA High Efficiency Step Down LED Driver
Doc. No. MD-5025 Rev. E
logo
Catalyst Semiconductor
CAT4201 CATALYST-CAT4201 Datasheet
327Kb / 15P
   350mA High Efficiency Step Down LED Driver
logo
Renesas Technology Corp
EL7535 RENESAS-EL7535 Datasheet
505Kb / 10P
   Monolithic 350mA Step-Down Regulator
logo
Intersil Corporation
EL7535 INTERSIL-EL7535_06 Datasheet
180Kb / 9P
   Monolithic 350mA Step-Down Regulator
EL7535 INTERSIL-EL7535 Datasheet
317Kb / 8P
   Monolithic 350mA Step-Down Regulator
logo
HY-LINE Power Component...
P8LD035-24 HY-LINE-P8LD035-24 Datasheet
366Kb / 3P
   P8LD035-24 Step Down Driver for 350mA Power-LED
Rev: 7.12 f
logo
Diodes Incorporated
AP8802 DIODES-AP8802 Datasheet
217Kb / 13P
   1A LED Step-Down Converter
AP8802 Rev. 1
AP8801_0912 DIODES-AP8801_0912 Datasheet
154Kb / 11P
   500mA LED Step-down Converter
AP8801 Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com