Part Name
         Description
AVW-15SBR-RL-12

 Siren ( 1 Page)


PUI
100% 
Zoom Out Zoom In
   
 1 page
background image
DETAIL "A"
DETAIL "B"
VOLUME CONTROL
Siren
AVW-15SBR-RL-12
J.A.F.
E.P.
B.R.
5/17/2010
-
Designed by
Checked by
Approved by
Drawn Date
1 / 1
Edition
Sheet
Date
12/15/2005
Date
12/15/2005
Date
12/15/2005
UNLESS OTHERWISE
SPECIFIED:
DIMENSIONS ARE IN
MILLIMETERS,
TOLERANCES
ARE ±0.5 AND
ANGLES ARE ±3°.
AVW-15SBR-RL-12.idw
A3
SIZE
DETAIL "A"
DETAIL "B"
1=CLOSED
0=OPEN
MAX
+
VDC
-
VDC (1st Tone)
-
VDC (2nd Tone)
to next
product
(2nd Tone overrides 1st Tone)
4
REVISION HISTORY
LTR
DESCRIPTION
DATE
APPROVED
-
RELEASED FROM ENGINEERING
12/15/2005
A
ADDED RoHS & BASE NOTES
5/21/2007
R.W.
B
REVISED DETAIL "A" DIL SWITCH
3/12/2009
B.R.
C
REVISED TO INVENTOR 3-D DRAWING TEMPLATE
5/17/2010
B.R.
SPECIFICATIONS
PARAMETERS
VALUES
UNITS
RATED VOLTAGE
12
Vdc
OPERATING VOLTAGE RANGE
9 ~ 18
Vdc
TONE OUTPUT
SEE 32 TONE
CHART
-
CURRENT CONSUMPTION
(NOMINAL)
SEE 32 TONE
CHART
mA
INGRESS PROTECTION
IP54
-
LENS COLOR
RED
-
FLASH RATE
1
PER/SECOND
CASE MATERIAL/COLOR
ABS/RED
-
TERMINAL
SCREW
-
OPERATING TEMPERATURE
-10 ~ +55
°C
WEIGHT
300
grams
THIS DOCUMENT CONTAINS DATA
PROPRIETARY TO PROJECTS UNLIMITED, INC.
ANY USE OR REPRODUCTION, IN ANY FORM,
WITHOUT PRIOR WRITTEN PERMISSION OF
PROJECTS UNLIMITED, INC. IS PROHIBITED.
©2003, Projects Unlimited Inc.
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. SPECIFICATIONS SUBJECT TO CHANGE OR WITHDRAWL
WITHOUT NOTICE.
3. THIS PART IS RoHS 2002/95/EC COMPLIANT.
4. IP65 WITH USE OF AWA-DBR, AWA-DBR-120, OR AWA-UBR BASE.
91
n92
OPTIONAL BASES
DEEP BASE: AWA-DBR
U BASE: AWA-UBR
120Vac BASE: AWA-DBR-120



Html Pages

1 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl