Part Name
         Description
AP7173-FNG-7

 1.5A LOW DROPOUT LINEAR REGULATOR WITH ( 16 Page)


DIODES
100% 
Zoom Out Zoom In
 
 5 page
background image
AP7173
1.5A LOW DROPOUT LINEAR REGULATOR WITH
PROGRAMMABLE SOFT-START
AP7173 Rev. 7
5 of 16
OCTOBER 2009
DS31369
© Diodes Incorporated
Absolute Maximum Ratings
(Note 5)
Symbol
Parameter
Ratings
Unit
ESD HBM
Human Body Model ESD Protection
4000
V
ESD MM
Machine Model ESD Protection
350
V
VIN, VVCC
Input Voltage Range
-0.3 to +6
V
VEN
Enable Voltage Range
-0.3 to +6
V
VPG
Power-Good Voltage Range
-0.3 to +6
V
VSS
Soft-Start Voltage Range
-0.3 to +6
V
VFB
Feedback Voltage Range
-0.3 to +6
V
VOUT
Output Voltage Range
-0.3 to VIN +0.3
V
IOUT
Maximum Output Current
Internally Limited
TJ
Junction Temperature Range
-40 to +150
ºC
TST
Storage Junction Temperature Range
-65 to +150
ºC
Notes:
5. Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only
and functional operation of the device at these conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods
may affect device reliability.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VIN
Input Voltage (Note 6)
1.0
5.5
V
VVCC
Bias Voltage
2.7
5.5
V
IOUT
Output Current
0
1.5
A
TA
Operating Ambient Temperature
-40
85
ºC
Notes:
6. At VIN =1V, the maximum load currents may be lower than 1.5A.



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl