Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP5002SG-13 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP5002SG-13
Description  PWM CONTROL 2A STEP-DOWN CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP5002SG-13 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP5002SG-13 Datasheet HTML 1Page - Diodes Incorporated AP5002SG-13 Datasheet HTML 2Page - Diodes Incorporated AP5002SG-13 Datasheet HTML 3Page - Diodes Incorporated AP5002SG-13 Datasheet HTML 4Page - Diodes Incorporated AP5002SG-13 Datasheet HTML 5Page - Diodes Incorporated AP5002SG-13 Datasheet HTML 6Page - Diodes Incorporated AP5002SG-13 Datasheet HTML 7Page - Diodes Incorporated AP5002SG-13 Datasheet HTML 8Page - Diodes Incorporated AP5002SG-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AP5002
PWM CONTROL 2A STEP-DOWN CONVERTER
AP5002 Rev. 8
4 of 10
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Electrical Characteristics
(VIN = 12V, TA = 25°C, unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ.
Max
Unit
VFB
Feedback Voltage
IOUT = 0.1A
0.784
0.8
0.816
V
IFB
Feedback Bias Current
IOUT = 0.1A
-
0.1
0.5
µA
ICCQ
Quiescent Current
VFB = 1.2 force drive off
-
3
5
mA
ISW
Switch Current
--
3.5
-
-
A
ISD
Shutdown Supply Current
VEN = 0V
-
10
-
µA
∆V
OUT
/VOUT
Line Regulation
VIN = 4V~20V, IOUT = 0.2A
-
1
2
%
∆V
OUT
/VOUT
Load Regulation
IOUT = 0.1 to 2A
-
0.5
1
%
fOSC
Oscillation Frequency
Measure waveform at SW pin
400
500
600
KHz
VSH
EN Pin Input Voltage
Evaluate oscillation at SW pin
2.0
-
-
V
VSL
Evaluate oscillation stop at SW pin
-
-
0.8
ISH
EN Pin Input Leakage
Current
Ven = 2V
-10
-
10
µA
ISL
Ven = 0.8V
-10
-
10
µA
TSS
Soft-Start Time
--
-
3
-
ms
RDSON
Internal MOSFET Rdson
VIN = 5V, VFB = 0V
-
110
150
m
VIN = 12V, VFB = 0V
-
70
100
Thermal shutdown
140
oC
Minimum Duty Cycle
6.5
%
θ
JA
Thermal Resistance
Junction-to-Ambient
SOP-8L (Note 3)
124
oC/W
θ
JC
Thermal Resistance
Junction-to-Case
SOP-8L (Note 3)
25
oC/W
Notes:
3. Test condition: Device mounted on 2oz copper, minimum recommended pad layout, FR-4 PCB.


Similar Part No. - AP5002SG-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP5002SG-13 DIODES-AP5002SG-13 Datasheet
250Kb / 10P
   PWM CONTROL 2A STEP-DOWN CONVERTER
AP5002 Rev. 6
More results

Similar Description - AP5002SG-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1513 DIODES-AP1513 Datasheet
176Kb / 8P
   PWM CONTROL 2A STEP-DOWN CONVERTER
AP1513 Rev. 1
logo
FOSLINK SEMICONDUCTOR C...
FSP3130 FOSLINK-FSP3130 Datasheet
228Kb / 7P
   PWM CONTROL 2A STEP-DOWN CONVERTER
logo
Diodes Incorporated
AP1513 DIODES-AP1513_17 Datasheet
495Kb / 9P
   PWM CONTROL 2A STEP-DOWN CONVERTER
logo
SI-CORE CORP.
CX4060 SICORE-CX4060 Datasheet
416Kb / 9P
   PWM Control 2A Step-Down Converter
Rev. 1.02
logo
FOSLINK SEMICONDUCTOR C...
FSP3133 FOSLINK-FSP3133 Datasheet
219Kb / 7P
   PWM CONTROL 2A STEP-DOWN CONVERTER
logo
Diodes Incorporated
AP1520 DIODES-AP1520 Datasheet
259Kb / 8P
   PWM CONTROL 2A STEP-DOWN CONVERTER
AP1520 Rev. 1
logo
Anachip Corp
AP1513 ANACHIP-AP1513 Datasheet
185Kb / 7P
   PWM Control 2A Step-Down Converter
AP1520 ANACHIP-AP1520 Datasheet
197Kb / 7P
   PWM Control 2A Step-Down Converter
logo
Diodes Incorporated
AP1534 DIODES-AP1534 Datasheet
170Kb / 8P
   PWM CONTROL 2A STEP-DOWN CONVERTER
AP1534 Rev. 2
AP5002 DIODES-AP5002 Datasheet
250Kb / 10P
   PWM CONTROL 2A STEP-DOWN CONVERTER
AP5002 Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com