Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP2171D Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP2171D
Description  1A SINGLE CHANNEL CURRENT-LIMITED POWER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2171D Datasheet(HTML) 1 Page - Diodes Incorporated

  AP2171D Datasheet HTML 1Page - Diodes Incorporated AP2171D Datasheet HTML 2Page - Diodes Incorporated AP2171D Datasheet HTML 3Page - Diodes Incorporated AP2171D Datasheet HTML 4Page - Diodes Incorporated AP2171D Datasheet HTML 5Page - Diodes Incorporated AP2171D Datasheet HTML 6Page - Diodes Incorporated AP2171D Datasheet HTML 7Page - Diodes Incorporated AP2171D Datasheet HTML 8Page - Diodes Incorporated AP2171D Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
AP2161D/AP2171D
1A SINGLE CHANNEL CURRENT-LIMITED POWER
SWITCH WITH OUTPUT DISCHARGE
AP2161D/2171D
Document number: DS32250 Rev. 2 - 2
1 of 17
www.diodes.com
September 2010
© Diodes Incorporated
Description
The AP2161D and AP2171D are integrated high-side power
switches optimized for Universal Serial Bus (USB) and other
hot-swap applications. The family of devices complies with
USB 2.0 and is available with both polarities of Enable input.
They offer current and thermal limiting and short circuit
protection as well as controlled rise time and under-voltage
lockout functionality. A 7ms deglitch capability on the open-
drain Flag output prevents false over-current reporting and
does not require any external components.
All devices are available in SOT25, SO-8, MSOP-8-EP, and
DFN2018-6 packages.
Features
Single USB port power switches with output discharge
Over-current and thermal protection
1.5A accurate current limiting
Fast transient response
Reverse Current Blocking
90m
Ω on-resistance
Input voltage range: 2.7V – 5.5V
0.6ms typical rise time
Very low shutdown current: 1uA (max)
Fault report (FLG) with blanking time (7ms typ)
ESD protection: 4KV HBM, 300V MM
Active high (AP2171D) or active low (AP2161D) enable
Ambient temperature range -40ºC to 85°C
SOT25, SO-8, MSOP-8-EP (Exposed Pad), and
DFN2018-6: Available in “Green” Molding Compound
(No Br, Sb)
Lead Free Finish / RoHS Compliant (Note 1)
UL Recognized, File Number E322375
IEC60950-1 CB Scheme Certified
Applications
Consumer electronics – LCD TV & Monitor, Game
Machines
Communications – Set-Top-Box, GPS, Smartphone
Computing – Laptop, Desktop, Servers, Printers, Docking
Station, HUB
Pin Assignments
SO-8
( Top View )
1
2
3
4
8
7
6
5
NC
OUT
FLG
OUT
GND
EN
IN
IN
MSOP-8-EP
1
2
3
4
8
7
6
5
NC
OUT
FLG
OUT
GND
EN
IN
IN
( Top View )
EN
OUT
GND
IN
FLG
1
2
3
5
4
SOT25
( Top View )
FLG
EN
GND
OUT
OUT
IN
1
3
2
4
5
6
DFN2018-6
( Top View )
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.


Similar Part No. - AP2171D

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2171D DIODES-AP2171D Datasheet
543Kb / 18P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32250 Rev. 1 - 2
AP2171D DIODES-AP2171D Datasheet
602Kb / 19P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
AP2171DFMG-7 DIODES-AP2171DFMG-7 Datasheet
543Kb / 18P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32250 Rev. 1 - 2
AP2171DM8G-13 DIODES-AP2171DM8G-13 Datasheet
602Kb / 19P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
AP2171DMPG-13 DIODES-AP2171DMPG-13 Datasheet
543Kb / 18P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32250 Rev. 1 - 2
More results

Similar Description - AP2171D

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2161 DIODES-AP2161_09 Datasheet
389Kb / 19P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER
AP2171 Rev. 6
AP2171WG-7 DIODES-AP2171WG-7 Datasheet
457Kb / 18P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2161WG-7 DIODES-AP2161WG-7 Datasheet
457Kb / 18P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2161A DIODES-AP2161A Datasheet
1Mb / 18P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
March 2015
AP2162 DIODES-AP2162_09 Datasheet
511Kb / 17P
   1A DUAL CHANNEL CURRENT-LIMITED POWER
AP2172 Rev. 5
AP2172 DIODES-AP2172 Datasheet
511Kb / 17P
   1A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
logo
Monolithic Power System...
MP6211-3 MPS-MP6211-3 Datasheet
589Kb / 13P
   3.3V/5V, Single-Channel 1A Current-Limited Power Distribution Switch
logo
Diodes Incorporated
AP2166 DIODES-AP2166 Datasheet
541Kb / 17P
   1A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
AP2166/AP2176 Rev 1
AP2171DM8G-13 DIODES-AP2171DM8G-13 Datasheet
602Kb / 19P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
AP2161D DIODES-AP2161D Datasheet
543Kb / 18P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32250 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com